Electronic Components Datasheet Search |
|
FT752600LHXNEXXHE-PF Datasheet(PDF) 2 Page - Advanced Crystal Technology |
|
FT752600LHXNEXXHE-PF Datasheet(HTML) 2 Page - Advanced Crystal Technology |
2 / 3 page TCXO part number generation FT75 2600 M B X N E X X H L ‐PF ACT series Code Frequency (MHz) Eg. 26.00MHz Temp. stability (±ppm) Supply voltage (V) Operating temp. range (°C) Frequency tuning (±ppm) Output wave Mechanical tuning (±ppm) Polarity Duty cycle (%/%) Tape & Reel RoHS code FT75 < 100MHz First 4 digit of frequency > 100MHz First 5 digit of frequency 0.5 = R 1.0 = P 1.5 = O 2.0 = N 2.5 = M 3.0 = L 2.8V = H 3.0V = E 3.3V = B 0 ~+ 50 = D ‐10 ~ +60 = F ‐20 ~ +70 = B ‐30 ~ +75 = W ‐30 ~ +85 = X ‐40 ~ +85 = K None = NHCMOS = ENone = XNone = X40/60 = S 45/55 = H Loose = L 1000 = C 2000 = E ‐PF Note: It is important to suffix the above part number with full frequency required to give a completed part number as illustrated below. Full Example Part Number : FT752600MBXNEXXHL‐PF [26MHz], FT751474MBXNEXXHL‐PF‐PF [14.7456MHz] VC‐TCXO part number generation VFT75 1474 M B X E E X D P E H L ‐PF ACT Series code Frequency (MHz) Ex. 14.7456MHz Temp. stability (±ppm) Supply voltage (V) Operating temp. range (°C) Frequency tuning (±ppm) Output wave Mechanical tuning (±ppm) Electrical tuning (±ppm) Polarity Linearity Duty cycle (%/%) Tape & Reel RoHS code VFT75 < 100MHz First 4 digit of frequency > 100MHz First 5 digit of frequency 0.5 = R 1.0 = P 1.5 = O 2.0 = N 2.5 = M 3.0 = L 2.8V = H 3.0V = E 3.3V = B 0 ~ +50 = D ‐10 ~ +60 = F ‐20 ~ +70 = B ‐30~ +75 = W ‐30 ~ +85 = X ‐40 ~ +85 = K Voltage Control Only = E HCMOS = ENone = X ±5.0 = D Positive = P ±10% = E 40/60 = S 45/55 = H Loose = L 1000 = C 2000 = D ‐PF Note: It is important to suffix the above part number with full frequency required to give a completed part number as illustrated below. Full Example Part Number : VFT751474MBXEEXDPEHL‐PF (14.7456MHz) (V)TFCT75 Series TCXO/VC‐TCXO, 7.0 x 5.0mm, HCMOS, Programmable Advanced Crystal Technology (A wholly owned Acal BFi Company) Tel: +44 (0) 118 978 8878 Email info@actcrystals.com / www.actcrystals.com ISO9001 Registered Specifications subject to change without notification |
Similar Part No. - FT752600LHXNEXXHE-PF |
|
Similar Description - FT752600LHXNEXXHE-PF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |