Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

108-60034 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 108-60034
Description  AMP Connector, USB Consortium, Plug & Receptacle Lead Free Version
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

108-60034 Datasheet(HTML) 6 Page - Tyco Electronics

  108-60034 Datasheet HTML 1Page - Tyco Electronics 108-60034 Datasheet HTML 2Page - Tyco Electronics 108-60034 Datasheet HTML 3Page - Tyco Electronics 108-60034 Datasheet HTML 4Page - Tyco Electronics 108-60034 Datasheet HTML 5Page - Tyco Electronics 108-60034 Datasheet HTML 6Page - Tyco Electronics 108-60034 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Tyco Electronics
AMP Shanghai Ltd
PAGE NO
REV LOC
108-60034
O
ASHL-0005- ES REV A
ES
connectors. A minimum of 30 contacts shall be selected and identified for each test group.
Unless otherwise specified, these contacts shall be used for all measurements.
B.
Test Sequence
Qualification inspection shall be verified testing samples as specified in Figure 2.
4.2
Requalification Testing
If changes significantly affecting form, fit or function is made to be product or manufacturing process,
product assurance shall coordinate requalification testing, consisting of all or part of the original
testing sequence as determined by development/product, quality and reliability engineering.
4.3
Acceptance
Acceptance is based on verification that the product meets requirement of Figure 1.Failures attributed
to equipment, test setup or operator deficiencies shall not disqualify the product. When product failure
occurs, corrective action shall be taken and samples resubmitted for qualification. Testing to confirm
corrective action is required before resubmitted.
4.4
Quality Conformance Inspection
Applicable AMP quality inspection plan will specify the sampling acceptable quality level to be used.
Dimensional and functional requirements shall be in accordance with the applicable product drawing
and this specification.


Similar Part No. - 108-60034

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
108-60025 TEC-108-60025 Datasheet
514Kb / 4P
   Inverted SMT Thru Board Connector
More results

Similar Description - 108-60034

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-822516-7 MACOM-3-822516-7 Datasheet
149Kb / 2P
   PLUG SURFACE MOUNT LEAD FREE VERSION
292303-1 MACOM-292303-1 Datasheet
255Kb / 4P
   RECEPTACLE ASSEMBLY RIGHT ANGLE, 4 POSITION, T H SMT USB, LEAD FREE VERSION
logo
Molex Electronics Ltd.
SD-54819-026 MOLEX-SD-54819-026 Datasheet
157Kb / 2P
   USB SERIES MINI-B RECEPTACLE ASSY -LEAD FREE-
2004.04.28
SD-54819-030 MOLEX-SD-54819-030 Datasheet
251Kb / 3P
   USB SERIES MINI-B (DIP2) RECEPTACLE ASSY -LEAD FREE-
04.10.21
0548190589 MOLEX11-0548190589 Datasheet
236Kb / 3P
   USB SERIES MINI-B (DIP2) RECEPTACLE ASSY -LEAD FREE-
87715-9001 MOLEX-87715-9001 Datasheet
614Kb / 8P
   PCI EXPRESS EDGE CARD CONNECTOR (LEAD FREE VERSION)
1050171001 MOLEX1-1050171001 Datasheet
34Kb / 2P
   Micro-USB B Receptacle, Bottom Mount, Surface Mount, Lead-Free
logo
Tyco Electronics
1-1658621-0 MACOM-1-1658621-0 Datasheet
116Kb / 1P
   RECEPTACLE ASSY, CENTER MILTARY POLARIZATION, LEAD FREE, AMP-LATCH NOVO
logo
Molex Electronics Ltd.
54927-0620 MOLEX11-54927-0620 Datasheet
44Kb / 1P
   5.00mm Pitch MTC Spring Type Receptacle, Lead-Free, 6 Circuits Version
54927-0520 MOLEX11-54927-0520 Datasheet
44Kb / 1P
   5.00mm Pitch MTC Spring Type Receptacle, Lead-Free, 5 Circuits Version
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com