Electronic Components Datasheet Search |
|
AF2010JK-131R5 Datasheet(PDF) 2 Page - YAGEO Corporation |
|
AF2010JK-131R5 Datasheet(HTML) 2 Page - YAGEO Corporation |
2 / 9 page Chip Resistor Surface Mount www.yageo.com Jun. 21, 2016 V.5 Product specification 2 9 SERIES AF 0201 to 2512 ORDERING INFORMATION - GLOBAL PART NUMBER Part number is identified by the series name, size, tolerance, packaging type, temperature coefficient, taping reel and resistance value. SCOPE This specification describes AF0201 to AF2512 chip resistors with anti-sulfuration capabilities. APPLICATIONS Industrial Equipment Power Application Networking Application High-end Computer & Multimedia Electronics in high sulfur environment Automotive electronics FEATURES AEC-Q200 qualified Superior resistance against sulfur containing atmosphere Halogen free product and production RoHS compliant Reduces environmentally hazardous waste High component and equipment reliability Saving of PCB space Moisture sensitivity level: MSL 1 GLOBAL PART NUMBER AF XXXX X X X XX XXXX L (1) (2) (3) (4) (5) (6) (7) (1) SIZE 0201/0402/0603/0805/1206/1210/1218/2010/2512 (2) TOLERANCE D = ± 0.5% F = ± 1% J = ± 5% (for jumper ordering, use code of J) (3) PACKAGING TYPE R = Paper taping reel K = Embossed plastic tape reel (4) TEMPERATURE COEFFICIENT OF RESISTANCE – = Base on spec (5) TAPING REEL 07 = 7 inch dia. Reel 13 = 13 inch dia. Reel (6) RESISTANCE VALUE There are 2~4 digits indicated the resistance value. Letter R/K/M is decimal point. Detailed resistance rules are displayed in the table of “Resistance rule of global part number”. (7) DEFAULT CODE Letter L is system default code for ordering only (Note) ORDERING EXAMPLE The ordering code for an AF0402 chip resistor, value 100 KΩ with ±1% tolerance, supplied in 7-inch tape reel with 10Kpcs quantity is: AF0402FR-07100KL. NOTE 1. All our R-Chip products are RoHS compliant and Halogen free. "LFP" of the internal 2D reel label states "Lead-Free Process" 2. On customized label, "LFP" or specific symbol can be printed Resistance rule of global part number Resistance coding rule Example XRXX (1 to 9.76 Ω) 1R = 1 Ω 1R5 = 1.5 Ω 9R76 = 9.76 Ω XXRX (10 to 97.6 Ω) 10R = 10 Ω 97R6 = 97.6 Ω XXXR (100 to 976 Ω) 100R = 100 Ω XKXX (1 to 9.76 KΩ) 1K = 1,000 Ω 9K76 = 9760 Ω XMXX (1 to 9.76 MΩ) 1M = 1,000,000 Ω 9M76= 9,760,000 Ω |
Similar Part No. - AF2010JK-131R5 |
|
Similar Description - AF2010JK-131R5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |