Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF2010DK-079R76 Datasheet(PDF) 9 Page - YAGEO Corporation

Part # AF2010DK-079R76
Description  ANTI-SULFURATED CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AF2010DK-079R76 Datasheet(HTML) 9 Page - YAGEO Corporation

  AF2010DK-079R76 Datasheet HTML 1Page - YAGEO Corporation AF2010DK-079R76 Datasheet HTML 2Page - YAGEO Corporation AF2010DK-079R76 Datasheet HTML 3Page - YAGEO Corporation AF2010DK-079R76 Datasheet HTML 4Page - YAGEO Corporation AF2010DK-079R76 Datasheet HTML 5Page - YAGEO Corporation AF2010DK-079R76 Datasheet HTML 6Page - YAGEO Corporation AF2010DK-079R76 Datasheet HTML 7Page - YAGEO Corporation AF2010DK-079R76 Datasheet HTML 8Page - YAGEO Corporation AF2010DK-079R76 Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Jun. 21, 2016 V.5
Product specification
9
9
SERIES
AF
0201 to 2512
REVISION HISTORY
“ Yageo reserves all the rights for revising the content of this datasheet without further notification, as long as the products are unchanged. Any
product change will be announced by PCN.”
REVISION
DATE
CHANGE NOTIFICATION
DESCRIPTION
Version 5
Jun. 21, 2016
-
- Update test and requirement
Version 4
Dec. 24, 2015 -
- Update Dielectric Withstanding Voltage& Resistance value
Version 3
Apr. 01, 2015
-
- Modified test and requirements
Version 2
Nov. 20, 2014 -
- Tests and requirement update
Version 1
Sep. 27, 2013
-
- Size 0201/1210/1218/2010/2512 extend
Version 0
Jan 07, 2011
-
- First issue of this specification


Similar Part No. - AF2010DK-079R76

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AF20 ETC2-AF20 Datasheet
85Kb / 1P
   CPRIIRNCTEUDI TCI RICMUPITR BIMOA횋RD
logo
Quectel Wireless Soluti...
AF20 QUECTEL-AF20 Datasheet
682Kb / 2P
   Wi-Fi & BT* Module with Ultra-compact LGA Package
AF20-Q4A QUECTEL-AF20-Q4A Datasheet
682Kb / 2P
   Wi-Fi & BT* Module with Ultra-compact LGA Package
logo
List of Unclassifed Man...
AF2000 ETC1-AF2000 Datasheet
294Kb / 1P
   AF1000 TO 6000
logo
MMD Components
AF20AA1 MMD-AF20AA1 Datasheet
50Kb / 1P
   HC-49/U Thru-Hole Crystal
More results

Similar Description - AF2010DK-079R76

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AF122FR-071R YAGEO-AF122FR-071R Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-07ORL YAGEO-AF122-FR-07ORL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-071RL YAGEO-AF122-FR-071RL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-070RL YAGEO-AF122-FR-070RL Datasheet
560Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
logo
Panasonic Semiconductor
ERJ-S02F1742X PANASONIC-ERJ-S02F1742X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02J103X PANASONIC-ERJ-S02J103X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02F2200X PANASONIC-ERJ-S02F2200X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S06J750V PANASONIC-ERJ-S06J750V Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S03J221V PANASONIC-ERJ-S03J221V Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
logo
YAGEO Corporation
AA0805FR-1310ML YAGEO-AA0805FR-1310ML Datasheet
522Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com