Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2151T52 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC2151T52
Description  ICS FOR USE WITH CRYSTAL OSCILLATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2151T52 Datasheet(HTML) 4 Page - Torex Semiconductor

  XC2151T52 Datasheet HTML 1Page - Torex Semiconductor XC2151T52 Datasheet HTML 2Page - Torex Semiconductor XC2151T52 Datasheet HTML 3Page - Torex Semiconductor XC2151T52 Datasheet HTML 4Page - Torex Semiconductor XC2151T52 Datasheet HTML 5Page - Torex Semiconductor XC2151T52 Datasheet HTML 6Page - Torex Semiconductor XC2151T52 Datasheet HTML 7Page - Torex Semiconductor XC2151T52 Datasheet HTML 8Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
■Electrical Characteristics
XC2151 Series
1026
14
XC2151T51A / 55A (overtone)
VDD=5.0V, Fosc=20MHz, No Load, Ta = 25
°C
Operating Supply Voltage
V DD
4.0
6.0
V
Input Voltage 'High'
V IH
2.4
V
Input Voltage 'Low'
V IL
0.4
V
Output Current 'High'
IOH
VOH = 4.6V
- 10
mA
Output Current 'Low'
IOL
VOL = 0.4V
16
mA
Supply Current 1
IDD1
/ INH = OPEN, Q0 = OPEN
18
25
mA
Supply Current 2 (51A)
IDD2
/ INH = "L"
2
5
µA
Supply Current 2 (55A)
IDD2
/ INH = "L"
16
23
mA
Input Pull-Up Resistance
RUP
/ INH = 4.5V
50
200
k
Internal Oscillator Capacitance
Cg,Cd
see note below
18
20
22
pF
Internal Oscillator Feedback Resistance
Rf
5.0
5.5
6.1
k
Output Disable Leakage Current
IOZ
/ INH = "L"
10
µA
note : the values for Cg,Cd are the designed values.
XC2151T51D / 55D (overtone)
VDD=5.0V, Fosc=70MHz, No Load, Ta = 25
°C
Operating Supply Voltage
V DD
4.0
6.0
V
Input Voltage 'High'
V IH
2.4
V
Input Voltage 'Low'
V IL
0.4
V
Output Current 'High'
IOH
V OH = 4.6V
- 10
mA
Output Current 'Low'
IOL
V OL = 0.4V
16
mA
Supply Current 1
IDD1
/ INH = OPEN, Q 0 = OPEN
25
35
mA
Supply Current 2 (51D)
IDD2
/ INH = "L"
2
5
µA
Supply Current 2 (55D)
IDD2
/ INH = "L"
23
32
mA
Input Pull-Up Resistance
RUP
/ INH = 4.5V
50
200
k
Internal Oscillator Capacitance
Cg,Cd
see note below
9
10
11
pF
Internal Oscillator Feedback Resistance
Rf
2.7
3.0
3.3
k
Output Disable Leakage Current
IOZ
/ INH = "L"
10
µA
note : the values for Cg,Cd are the designed values.
XC2151T (overtone)
PART No.
DUTY LEVEL
OUTPUT
DIVIDER RATIO
Rf (k
Ω)
Cg/Cd (pF)
XC2151T51A
TTL
10TTL
f0 / 1
5.5
20
XC2151T51B
TTL
10TTL
f0 / 1
4.0
20
XC2151T51C
TTL
10TTL
f0 / 1
3.0
13
XC2151T51D
TTL
10TTL
f0 / 1
3.0
10
PARAMETER
PARAMETER
SYMBOL
SYMBOL
CONDITIONS
UNITS
MIN
TYP
MAX
MAX
RECOMMENDED
FREQUENCY RANGE
20MHz to 33MHz
30MHz to 45MHz
UNITS
MIN
TYP
CONDITIONS
43MHz to 57MHz
55MHz to 70MHz
14S_03XC2151 02.09.12 16:35 ページ 1026


Similar Part No. - XC2151T52

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2151 TOREX-XC2151 Datasheet
85Kb / 1P
   CMOS IC
More results

Similar Description - XC2151T52

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2173 TOREX-XC2173_15 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators
XC2164 TOREX-XC2164 Datasheet
69Kb / 8P
   ICs for use with Crystal Oscillators
XC2141_001 TOREX-XC2141_001 Datasheet
347Kb / 6P
   ICs for use with Crystal Oscillators
XC2141 TOREX-XC2141_1 Datasheet
394Kb / 5P
   ICs for use with Crystal Oscillators
XC2164_003 TOREX-XC2164_003 Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2165 TOREX-XC2165_12 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163 Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2165 TOREX-XC2165_15 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com