Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM266DUA1 Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # TM266DUA1
Description  Fibre Channel transceiver line interface module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

TM266DUA1 Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  TM266DUA1 Datasheet HTML 1Page - Pulse A Technitrol Company TM266DUA1 Datasheet HTML 2Page - Pulse A Technitrol Company TM266DUA1 Datasheet HTML 3Page - Pulse A Technitrol Company TM266DUA1 Datasheet HTML 4Page - Pulse A Technitrol Company TM266DUA1 Datasheet HTML 5Page - Pulse A Technitrol Company TM266DUA1 Datasheet HTML 6Page - Pulse A Technitrol Company TM266DUA1 Datasheet HTML 7Page - Pulse A Technitrol Company TM266DUA1 Datasheet HTML 8Page - Pulse A Technitrol Company TM266DUA1 Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
JITTER PARAMETER
TOTAL JITTER
Dat a rate
1 33 M b
266 Mb
53 1 Mb
1 .06 2 G b
UNIT
Tra nsmit in (PHY )
1.2 04
0 .602
0.3 77
0 .188
ns
Tra nsmit out (PHY+ Tra nsmitt er)
1.3 56
0 .678
0.4 14
0 .207
ns
Receive out (PHY+ T ransmit ter+ Cable+ Rec eiver)
6.0
2.6 4
1.32
0 .658
ns
Important: This is a hybrid device and is rated for 220oC max for 60 seconds.
Contact factory for recommended solder reflow profile.
PARAMETER
SYM
MIN
MAX
UNIT
St orage t emperature
TS
-55
+1 50
°C
Ope rating t empe rature ambient
Act ive
1
Passive
T A
T A
-40
-55
+85
+1 25
°C
°C
Power supply volt age ( M ECL, PEC L or LV PECL )
VCC
-6.0
6.0
V
Power supply c urre nt
2
IC
-
95
mA
Power dissipation (total)
PD
-
500
mW
Out put c urre nt
I O
-
100
mA
Dat a input voltage
VI
0
VCC+0.5
V
Diff erential input volta ge
VD
-
2.40
V
Component body t emperature/time
-
-
220/60
°C/s
Thermal Re sistance (case to junction)
(t het a)jc
54
°C/w
°C
°C
Table 2
Table 1
Absolute Maximum Ratings
System Jitter Budget
Note 1: Exception: for TM1062DSA1, -55
° to +125°C
Note 2: Excluding external pull-down resistors
Copperhead
fibre channel copper transceivers require less than 50% (worst case) of system jitter budget
Note: These numbers are currently under evaluation by a special Jitter Study Group in ANSI X3T11 and IEEE 802.3z.
TWO PEARL BUCK COURT
BRISTOL, PA 19007-6812
TEL 215-781-6400
FAX 215-781-6403
www.pulsespecialty.com
Fibre Channel Module — 4
PULSE SPECIALTY COMPONENTS


Similar Part No. - TM266DUA1

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TM26 TELEDYNE-TM26 Datasheet
265Kb / 1P
   Waterproof Temperature Indicator — NSF Certified
Rev. 5/11/15
logo
Schneider Electric
TM262L10MESE8T SCHNEIDER-TM262L10MESE8T Datasheet
367Kb / 12P
   Logic Controller M262, 5ns/ instruction, Ethernet
Apr 5, 2022
TM262L20MESE8T SCHNEIDER-TM262L20MESE8T Datasheet
368Kb / 13P
   Logic Controller M262, 3ns/ instruction, Ethernet
Apr 6, 2022
TM262M15MESS8T SCHNEIDER-TM262M15MESS8T Datasheet
370Kb / 13P
   Motion Controller M262, 5ns/ instruction, , Ethernet, Sercos
Apr 6, 2022
TM262M25MESS8T SCHNEIDER-TM262M25MESS8T Datasheet
370Kb / 13P
   Motion Controller M262, 3ns/ instruction, 8 axes, Ethernet, Sercoss
Apr 6, 2022
More results

Similar Description - TM266DUA1

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
TM1062HSB1 PULSE-TM1062HSB1 Datasheet
495Kb / 3P
   Copperhead Series Fibre Channel Transc eiver Line Interface Module
logo
Agilent(Hewlett-Packard...
HPFC-5000 HP-HPFC-5000 Datasheet
30Kb / 2P
   Fibre Channel Interface Controller
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-57F5ATMZ AVAGO-AFCT-57F5ATMZ Datasheet
501Kb / 16P
   Fibre Channel Optical Transceiver
logo
Agilent(Hewlett-Packard...
HDMP-1536 HP-HDMP-1536 Datasheet
259Kb / 15P
   Fibre Channel Transceiver Chip
HDMP-1526 HP-HDMP-1526 Datasheet
229Kb / 14P
   Fibre Channel Transceiver Chip
logo
Pulse A Technitrol Comp...
TM1250HSB5 PULSE-TM1250HSB5 Datasheet
693Kb / 4P
   High Speed Serial Transceiver Line Interface Module
logo
Applied Micro Circuits ...
CS2060 AMCC-CS2060 Datasheet
31Kb / 2P
   Gigabit Ethernet/Fibre Channel Transceiver
logo
STMicroelectronics
FC106 STMICROELECTRONICS-FC106 Datasheet
210Kb / 32P
   Fibre Channel Transceiver 1.0625 GBaud
logo
Sony Corporation
CXB1583Q SONY-CXB1583Q Datasheet
405Kb / 23P
   266Mbaud Fibre Channel Transceiver IC
logo
Texas Instruments
SN75FC1000B TI-SN75FC1000B Datasheet
256Kb / 19P
[Old version datasheet]   1-GIGABIT FIBRE CHANNEL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com