Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2151A58 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC2151A58
Description  ICS FOR USE WITH CRYSTAL OSCILLATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2151A58 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC2151A58 Datasheet HTML 1Page - Torex Semiconductor XC2151A58 Datasheet HTML 2Page - Torex Semiconductor XC2151A58 Datasheet HTML 3Page - Torex Semiconductor XC2151A58 Datasheet HTML 4Page - Torex Semiconductor XC2151A58 Datasheet HTML 5Page - Torex Semiconductor XC2151A58 Datasheet HTML 6Page - Torex Semiconductor XC2151A58 Datasheet HTML 7Page - Torex Semiconductor XC2151A58 Datasheet HTML 8Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1024
14
■Marking
SOT-26
(TOP VIEW)
qw
e
r
q Represents the Divider Ratio
MARK
RATIO
RATIO
A
f0/1
f0/4
B
f0/2
MARK
C
D
f0/8
w Represents Stand-by Mode, Duty Level & Output Capability
MARK
STAND-BY MODE
DUTY LEVEL
OUTPUT CAPABILITY
5
CE
CMOS (VDD/2), TTL
10TTL
6
CE
CMOS (VDD/2)
10TTL
7
CE
TTL
10TTL
XC2151T=TTL ,
10TTL
XC2151C=CMOS
e Represents Fundamental / Overtone and Rf, Cg, Cd
r Represents the Assembly Lot No.
(based on internal standards)
8OE
XC2151 Series
X C 2 1 5 1 X X X X X X
↑ ↑ ↑ ↑ ↑ ↑ ↑ ↑
a bc de f g h
DESIGNATOR
DESCRIPTION
DESIGNATOR
DESCRIPTION
Supply Voltage :
Stand-by Mode and Divider Ratio :
a
5 = 5.0V
e
1=f0/1 (CE), 2=f0/2 (CE), 4=f0/4 (CE),
8=f0/8 (CE), 5=f0/1 (OE)
Product Series :
Fundamental / Overtone Rf, Cg, Cd :
b
1 = Large output capability,
f
(please refer to electrical characteristics tables)
fundamental & overtone
Duty Level :
Package :
c
A = CMOS (V DD/2) & TTL
g
M = SOT-26
C = CMOS (VDD/2)
T = TTL
Output Capability :
Device Orientation :
d
5 = 10TTL
h
R= Embossed Tape (Standerd Feed)
L= Embossed Tape (Reverse Feed)
■Product Classification
GOrdering Information
14S_03XC2151 02.09.12 16:35 ページ 1024


Similar Part No. - XC2151A58

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2151 TOREX-XC2151 Datasheet
85Kb / 1P
   CMOS IC
More results

Similar Description - XC2151A58

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2173 TOREX-XC2173_15 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators
XC2164 TOREX-XC2164 Datasheet
69Kb / 8P
   ICs for use with Crystal Oscillators
XC2141_001 TOREX-XC2141_001 Datasheet
347Kb / 6P
   ICs for use with Crystal Oscillators
XC2141 TOREX-XC2141_1 Datasheet
394Kb / 5P
   ICs for use with Crystal Oscillators
XC2164_003 TOREX-XC2164_003 Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2165 TOREX-XC2165_12 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163 Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2165 TOREX-XC2165_15 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com