Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM266DCA1 Datasheet(PDF) 10 Page - Pulse A Technitrol Company

Part # TM266DCA1
Description  Fibre Channel transceiver line interface module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

TM266DCA1 Datasheet(HTML) 10 Page - Pulse A Technitrol Company

Back Button TM266DCA1 Datasheet HTML 4Page - Pulse A Technitrol Company TM266DCA1 Datasheet HTML 5Page - Pulse A Technitrol Company TM266DCA1 Datasheet HTML 6Page - Pulse A Technitrol Company TM266DCA1 Datasheet HTML 7Page - Pulse A Technitrol Company TM266DCA1 Datasheet HTML 8Page - Pulse A Technitrol Company TM266DCA1 Datasheet HTML 9Page - Pulse A Technitrol Company TM266DCA1 Datasheet HTML 10Page - Pulse A Technitrol Company TM266DCA1 Datasheet HTML 11Page - Pulse A Technitrol Company TM266DCA1 Datasheet HTML 12Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Ordering Information
Related Products
TM 531 D S A 1
(XX)
(XX)
-
Custom product designator
blank
-
No transmit driver
1
-
1100 mV output transmit driver and military temperature range
2
-
1100 mV output transmit driver and industrial temperature range
5
-
Active cable equalizer circuit
A
-
5.00 Volt
B
-
3.30 Volt
S
-
Impedance matched for STP and twinax (150 ohm)
U
-
Impedance matched for unshielded twisted pair (100 ohm)
V
-
Impedance matched for video and mini-coax (75 ohm)
C
-
Impedance matched for coax (50 ohm)
D
-
Gull wing DIP 28-pin package:
0.800"L x 0.400"W x 0.200"H
F
-
Gull wing flat pack 28-pin package:
0.760"L x 0.610"W x 0.125"H
H
-
Gull wing half DIP 16-pin package:
0.300"L x 0.500"W x 0.250"H
(16-pin package is only available on passive units.)
133
-
132.8125 Mbaud version 1/8 speed Fibre Channel/ATM
266
-
265.625 Mbaud version 1/4 Speed Fibre Channel
531
-
531.25 Mbaud version ½ Speed Fibre Channel
1062
-
1.0625 Gbaud version Full Speed Fibre Channel
1250
-
1.250 Gbaud version, Gigabit Ethernet (both short haul and long haul)
1485
-
1.485 Gbaud version, SMPTE
TWO PEARL BUCK COURT
BRISTOL, PA 19007-6812
TEL 215-781-6400
FAX 215-781-6403
www.pulsespecialty.com
Fibre Channel Module — 10
PULSE SPECIALTY COMPONENTS
Series
Features
T M311DVA
311.04 Mb version SON ET ST M1 (also SO NET E4 278.528 Mb) CMI
T M311TRFVA
311.04 Mb version SON ET ST M1 (also SO NET E4 278.528 Mb) CMI w ith G.775 LOS
T M1062 Series
1.0625 Gbaud version; short haul and long haul models
T-330SC T
330 Mbaud "H OT LINK" / 265.625 Mbaud version 1/4 speed Fibre Channel Transfor mer
T-1062SCT
1.0625 Gbaud version full speed Fibre Channel Transfor mer
TC155/311
Bi-directional fiber (N RZ) to copper (C MI) connection-ready converter for E4/STM-1/O C3


Similar Part No. - TM266DCA1

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TM26 TELEDYNE-TM26 Datasheet
265Kb / 1P
   Waterproof Temperature Indicator — NSF Certified
Rev. 5/11/15
logo
Schneider Electric
TM262L10MESE8T SCHNEIDER-TM262L10MESE8T Datasheet
367Kb / 12P
   Logic Controller M262, 5ns/ instruction, Ethernet
Apr 5, 2022
TM262L20MESE8T SCHNEIDER-TM262L20MESE8T Datasheet
368Kb / 13P
   Logic Controller M262, 3ns/ instruction, Ethernet
Apr 6, 2022
TM262M15MESS8T SCHNEIDER-TM262M15MESS8T Datasheet
370Kb / 13P
   Motion Controller M262, 5ns/ instruction, , Ethernet, Sercos
Apr 6, 2022
TM262M25MESS8T SCHNEIDER-TM262M25MESS8T Datasheet
370Kb / 13P
   Motion Controller M262, 3ns/ instruction, 8 axes, Ethernet, Sercoss
Apr 6, 2022
More results

Similar Description - TM266DCA1

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
TM1062HSB1 PULSE-TM1062HSB1 Datasheet
495Kb / 3P
   Copperhead Series Fibre Channel Transc eiver Line Interface Module
logo
Agilent(Hewlett-Packard...
HPFC-5000 HP-HPFC-5000 Datasheet
30Kb / 2P
   Fibre Channel Interface Controller
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-57F5ATMZ AVAGO-AFCT-57F5ATMZ Datasheet
501Kb / 16P
   Fibre Channel Optical Transceiver
logo
Agilent(Hewlett-Packard...
HDMP-1536 HP-HDMP-1536 Datasheet
259Kb / 15P
   Fibre Channel Transceiver Chip
HDMP-1526 HP-HDMP-1526 Datasheet
229Kb / 14P
   Fibre Channel Transceiver Chip
logo
Pulse A Technitrol Comp...
TM1250HSB5 PULSE-TM1250HSB5 Datasheet
693Kb / 4P
   High Speed Serial Transceiver Line Interface Module
logo
Applied Micro Circuits ...
CS2060 AMCC-CS2060 Datasheet
31Kb / 2P
   Gigabit Ethernet/Fibre Channel Transceiver
logo
STMicroelectronics
FC106 STMICROELECTRONICS-FC106 Datasheet
210Kb / 32P
   Fibre Channel Transceiver 1.0625 GBaud
logo
Sony Corporation
CXB1583Q SONY-CXB1583Q Datasheet
405Kb / 23P
   266Mbaud Fibre Channel Transceiver IC
logo
Texas Instruments
SN75FC1000B TI-SN75FC1000B Datasheet
256Kb / 19P
[Old version datasheet]   1-GIGABIT FIBRE CHANNEL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com