Electronic Components Datasheet Search |
|
TM1250FCB1 Datasheet(PDF) 5 Page - Pulse A Technitrol Company |
|
TM1250FCB1 Datasheet(HTML) 5 Page - Pulse A Technitrol Company |
5 / 12 page Table 3 Transmitter Electrical Characteristics V CC = 3.14V to 5.25V PARAMETER SYM MIN TYPICAL MAX UNIT Input da ta voltage Low High VIL VIH VCC -1.95 VCC -1.23 VCC -1.75 VCC -0.88 VCC -1.45 VCC -0.72 V V Input c urre nt Low High IIL IIH -15 0 - - - - 150 uA uA Dat a rate ( NRZ Encoding) DR 133 - 1 485 Mb/s Diff erential signal level 1 T MXX XXXSA1 (peak-peak) TM XXXX XSA VOT 1100 600 - 2 000 1 600 mV mV Output rise and fall time 1 for TM 1062 (20-80% ) TR/TF - - 300 ps Re turn loss (0.1 to 0.5 of baud rate) S11 -12 - - dB Total peak-peak tr ansmit jitt er (D J+R J) 12- TP-EL-S 133 Mb 25- TP-EL-S 2 66 Mb 50- TP-EL-S 5 31 Mb 100- T P-EL-S 106 2 Mb 1250 M b 1485 M b TPK-PK - - - - 500 250 125 62 750 376 188 94 ps ps ps ps Table 4 Receiver Electrical Characteristics V CC = 3.14V to 5.25V Note 1: Differential signal level (VOT), rise time (TR) and overshoot (OS) shall be measured at the transmitter output with 150 ohm differential termination as load. The data pattern for this test shall be a square wave of 0.1 bit rate. PARAMETER SYM MIN TYPICAL MAX UNIT Out put dat a voltage Low High VOL VOH VCC -1.95 VCC -1.15 VCC -1.77 VCC -0.96 VCC -1.56 VCC -0.76 V V Dat a rate ( NRZ Encoding) DR 13 3 - 14 85 Mb/s Input sensit ivity ( D2 1.5 idle patt ern) - 15 0 - - mV Input diff erential voltage VDIFF - - 2.40 V Re turn loss (0.1 to 0.5 bit r ate) ST P S11 -15 -17 - dB Total peak-peak receive jitter 133 M b 26 6 Mb 53 1 Mb 1062 M b 1250 M b 1485 M b T PK-PK - - - - 0.350 0.350 0.240 0.120 1.5 00 0.9 00 0.6 50 0.4 00 ns ns ns ns TWO PEARL BUCK COURT BRISTOL, PA 19007-6812 TEL 215-781-6400 FAX 215-781-6403 www.pulsespecialty.com Fibre Channel Module — 5 PULSE SPECIALTY COMPONENTS |
Similar Part No. - TM1250FCB1 |
|
Similar Description - TM1250FCB1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |