Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRU1063A-4R7Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRU1063A-4R7Y
Description  Shielded Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRU1063A-4R7Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRU1063A-4R7Y Datasheet HTML 1Page - Bourns Electronic Solutions SRU1063A-4R7Y Datasheet HTML 2Page - Bourns Electronic Solutions SRU1063A-4R7Y Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
n
Shieldedconstruction
n
Inductancerange:4.7to100μH
n
Heatingcurrentupto5.5A
n
Dimensions:10x10x6.5mm
n
AEC-Q200qualified
n
RoHScompliant*andhalogenfree**
Applications
n
Automotivesystems:
-Driverassistant
-Infotainment
-Lighting
n
DC/DCconverters
n
Powersupplies
SRU1063ASeries-ShieldedPowerInductors
Operating Temperature
................................-40 °C to +125 °C
(Temperature rise included)
Storage Temperature..-40 °C to +125 °C
Temperature Rise
.......................40 °C typ. at rated Irms
Inductance drop...................35 % at Isat
Failure In Time (FIT)........24.7/109 hours
Mean Time Between Failures (MTBF)
..................................40.4 x 106 hours
Electrical Specifications @ 25 °C
General Specifications
Core................................................Ferrite
Wire..............................Enameled copper
Terminal................................................Sn
Packaging .....................500 pcs. per reel
Materials
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Bourns
Part Number
Inductance
@ 100 kHz /
0.1 V
Q
Ref.
Test
Freq.
(MHz)
SRF
Typ.
(MHz)
DCR (W)
I rms
(A)
I sat
(A)
L
(µH)
Tol.
(%)
Typ.
Max.
SRU1063A-4R7Y
4.7
± 30
11
7.96
30
0.011 0.014 5.5
5.7
SRU1063A-6R8Y
6.8
± 30
11
7.96
20
0.0145 0.018 5.2
5.2
SRU1063A-100Y
10
± 30
14
2.52
18
0.027 0.038 3.8
4.0
SRU1063A-150Y
15
± 30
12
2.52
14
0.03 0.042 3.2
3.4
SRU1063A-220Y
22
± 30
15
2.52
10
0.043 0.06
3.0
3.2
SRU1063A-330Y
33
± 30
12
2.52
8
0.075 0.105 2.2
2.4
SRU1063A-470Y
47
± 30
10
2.52
6
0.105 0.15
1.4
1.6
SRU1063A-680Y
68
± 30
8
2.52
5
0.15
0.21
1.2
1.35
SRU1063A-101Y
100
± 30
12
0.796
4
0.24
0.32
1.1
1.2
Electrical Schematic
How to Order
SRU1063A - 100Y
Model
Value Code (see table)
Soldering Profile
Peak Temperature:
245 °C max.
Time Above 245 °C:
30 sec. max.
Time Above 217 °C:
60 ~ 150 sec. max.
250
0
50
50
200
150
100
+4.0 °C / sec. max.
150~200 °C / 60~120 sec.
+3.0 °C / sec. max.
-(1.0~5.0) °C / sec. max.
Temperature
Rising Area
Preheat Area
Reflow Area
Forced Cooling Area
200
Time (Seconds)
100150
60 ~ 150 sec.
60 sec. max.
217 °C
60 ~ 120 sec.
250
10.0±0.30
(.394±.012)
7.90
(.311)
TYP.
10.0±0.30
(.394±.012)
6.50±0.30
(.256±.012)
TYP.
3.30
(.130)
TYP.
3.40
(.134)
TYP.
REF.
REF.
REF.
REF.
3.30
(.130)
7.20
(.283)
3.80
(.150)
REF.
3.80
(.150)
1.80
(.071)
REF.
1.80
(.071)
REF.
1.80
(.071)
REF.
1.80
(.071)
7.20
(.283)
Recommended Layout
4R7
*RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011.
**Bournsconsidersaproducttobe“halogenfree”if(a)theBromine(Br)contentis900ppmorless;(b)theChlorine
(Cl)contentis900ppmorless;and(c)thetotalBromine(Br)andChlorine(Cl)contentis1500ppmorless.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdevice
performancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.


Similar Part No. - SRU1063A-4R7Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU1063 BOURNS-SRU1063 Datasheet
249Kb / 2P
   Shielded SMD Power Inductors
SRU1063 BOURNS-SRU1063 Datasheet
319Kb / 2P
   Shielded SMD Power Inductors
SRU1063-100Y BOURNS-SRU1063-100Y Datasheet
249Kb / 2P
   Shielded SMD Power Inductors
SRU1063-100Y BOURNS-SRU1063-100Y Datasheet
319Kb / 2P
   Shielded SMD Power Inductors
SRU1063-101Y BOURNS-SRU1063-101Y Datasheet
249Kb / 2P
   Shielded SMD Power Inductors
More results

Similar Description - SRU1063A-4R7Y

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com