Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM266HCA2 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # TM266HCA2
Description  Fibre Channel transceiver line interface module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

TM266HCA2 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  TM266HCA2 Datasheet HTML 1Page - Pulse A Technitrol Company TM266HCA2 Datasheet HTML 2Page - Pulse A Technitrol Company TM266HCA2 Datasheet HTML 3Page - Pulse A Technitrol Company TM266HCA2 Datasheet HTML 4Page - Pulse A Technitrol Company TM266HCA2 Datasheet HTML 5Page - Pulse A Technitrol Company TM266HCA2 Datasheet HTML 6Page - Pulse A Technitrol Company TM266HCA2 Datasheet HTML 7Page - Pulse A Technitrol Company TM266HCA2 Datasheet HTML 8Page - Pulse A Technitrol Company TM266HCA2 Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Copperhead
Series
Fibre Channel transceiver
line interface module
Fiber speed data and communications
over 100+ meters of copper
Features
High performance, low cost alternative to completely fiber systems
Enhanced distance and signal clarity with complete inter-operability per ANSI X3T11,
FC-PH (FC-0 Rev 9.1)
Small, discrete passive design incorporates equalizer, transformers, and filters for
"short haul" applications; industrial temp -40°C to +85°C (-55°C to +125°C available)
Compact active models for "long haul" applications; -40°C to +85°C and -55° to +125°
Low EMI emissions; designed for FCC Class B compliance and use over shielded
twisted pair cable with high radiated electromagnetic susceptibility - 10 V/m
Low transmit/receive jitter
Small footprint for surface mounting
Low power dissipation; 450 mW typical
ECL logic interface - directly compatible with proposed standards
Applications
Fibre Channel
HDTV
Gigabit Ethernet
SMPTE
SONET
IEEE 1394B
Designed to be inter-operable with existing ECL fiber transceiver
drivers, Copperhead
TM fibre channel copper transceiver line
interface modules drive high frequency (fiber speed) signals
over copper media. Models TM133 thru TM1062 are designed to
deliver fibre channel capabilities to the workstation over shielded
twisted pair (STP), twinax, mini coax, and video coaxial cable.
Model TM1250 provides communications for short haul Gigabit
Ethernet applications, typically over twinax or coaxial cable.
Model TM1485 provides communications for SMPTE, also typi-
cally over twinax or coax cable. All Copperhead
fibre channel
copper transceiver line interface modules are supplied as sur-
face mount gull wing packages.
TWO PEARL BUCK COURT
BRISTOL, PA 19007-6812
TEL 215-781-6400
FAX 215-781-6403
www.pulsespecialty.com
Specialty Components


Similar Part No. - TM266HCA2

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TM26 TELEDYNE-TM26 Datasheet
265Kb / 1P
   Waterproof Temperature Indicator — NSF Certified
Rev. 5/11/15
logo
Schneider Electric
TM262L10MESE8T SCHNEIDER-TM262L10MESE8T Datasheet
367Kb / 12P
   Logic Controller M262, 5ns/ instruction, Ethernet
Apr 5, 2022
TM262L20MESE8T SCHNEIDER-TM262L20MESE8T Datasheet
368Kb / 13P
   Logic Controller M262, 3ns/ instruction, Ethernet
Apr 6, 2022
TM262M15MESS8T SCHNEIDER-TM262M15MESS8T Datasheet
370Kb / 13P
   Motion Controller M262, 5ns/ instruction, , Ethernet, Sercos
Apr 6, 2022
TM262M25MESS8T SCHNEIDER-TM262M25MESS8T Datasheet
370Kb / 13P
   Motion Controller M262, 3ns/ instruction, 8 axes, Ethernet, Sercoss
Apr 6, 2022
More results

Similar Description - TM266HCA2

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
TM1062HSB1 PULSE-TM1062HSB1 Datasheet
495Kb / 3P
   Copperhead Series Fibre Channel Transc eiver Line Interface Module
logo
Agilent(Hewlett-Packard...
HPFC-5000 HP-HPFC-5000 Datasheet
30Kb / 2P
   Fibre Channel Interface Controller
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-57F5ATMZ AVAGO-AFCT-57F5ATMZ Datasheet
501Kb / 16P
   Fibre Channel Optical Transceiver
logo
Agilent(Hewlett-Packard...
HDMP-1536 HP-HDMP-1536 Datasheet
259Kb / 15P
   Fibre Channel Transceiver Chip
HDMP-1526 HP-HDMP-1526 Datasheet
229Kb / 14P
   Fibre Channel Transceiver Chip
logo
Pulse A Technitrol Comp...
TM1250HSB5 PULSE-TM1250HSB5 Datasheet
693Kb / 4P
   High Speed Serial Transceiver Line Interface Module
logo
Applied Micro Circuits ...
CS2060 AMCC-CS2060 Datasheet
31Kb / 2P
   Gigabit Ethernet/Fibre Channel Transceiver
logo
STMicroelectronics
FC106 STMICROELECTRONICS-FC106 Datasheet
210Kb / 32P
   Fibre Channel Transceiver 1.0625 GBaud
logo
Sony Corporation
CXB1583Q SONY-CXB1583Q Datasheet
405Kb / 23P
   266Mbaud Fibre Channel Transceiver IC
logo
Texas Instruments
SN75FC1000B TI-SN75FC1000B Datasheet
256Kb / 19P
[Old version datasheet]   1-GIGABIT FIBRE CHANNEL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com