Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92692QPWPTQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92692QPWPTQ1
Description  High Accuracy LED Controller With Spread Spectrum Frequency Modulation
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92692QPWPTQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS92692QPWPTQ1 Datasheet HTML 3Page - Texas Instruments TPS92692QPWPTQ1 Datasheet HTML 4Page - Texas Instruments TPS92692QPWPTQ1 Datasheet HTML 5Page - Texas Instruments TPS92692QPWPTQ1 Datasheet HTML 6Page - Texas Instruments TPS92692QPWPTQ1 Datasheet HTML 7Page - Texas Instruments TPS92692QPWPTQ1 Datasheet HTML 8Page - Texas Instruments TPS92692QPWPTQ1 Datasheet HTML 9Page - Texas Instruments TPS92692QPWPTQ1 Datasheet HTML 10Page - Texas Instruments TPS92692QPWPTQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
7
TPS92692, TPS92692-Q1
www.ti.com
SLVSDD9 – MARCH 2017
Product Folder Links: TPS92692 TPS92692-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
–40°C
≤ TJ ≤ 150°C, VIN = 14 V, VIADJ = 2.1 V, VRAMP = 500 mV, VDIM/PWM = 3 V, VOV = 500 mV, CVCC = 1 µF, CVREF = 1 µF,
CCOMP = 2.2 nF, RCS = 100 mΩ, RT = 20 kΩ, no load on GATE and PDRV (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PWM COMPARATOR AND SLOPE COMPENSATION (SLOPE)
DMAX
Maximum duty cycle
90
%
VSLOPE
Adaptive slope compensation
VCSP = 24 V
410
mV
VSLOPE(MIN)
Minimum slope compensation output
voltage
VCSP = 0 V
72
mV
VLV
IS to COMP level shift voltage
No slope compensation added
1.42
1.60
1.82
V
ILV
IS level shift bias current
No slope compensation added
17
µA
CURRENT SENSE AMPLIFIER (CSP, CSN)
V(CSP-CSN)
Current sense thresholds
VCSP = 14 V, VIADJ = 3 V
163.4
170.7
177.6
mV
VCSP = 14 V, VIADJ = 1.4 V
95.83
100.5
103.85
mV
CS(BW)
Current sense unity gain bandwidth
500
kHz
GCS
Current sense amplifier gain
G = VIADJ/V(CSP-CSN)
14
K(OCP)
Ratio of over-current detection
threshold to analog adjust voltage
K (OCP) = V(OCP-THR)/VIADJ
1.46
1.5
1.61
ICSP(BIAS)
CSP bias current
VCSN = 14.1 V, VCSP = 14 V
107
µA
ICSN(BIAS)
CSN bias current
VCSN = 14.1 V, VCSP = 14 V
110
µA
FAULT INDICATOR (FLT)
R(FLT)
Open-drain pull down resistance
241
Ω
t(FAULT_TMR)
Fault timer
24
36
48
ms
CURRENT MONITOR (IMON)
IIMON(SRC)
IMON source current
V(CSP-CSN) = 150 mV,
VIMON = 0 V
144
µA
VIMON(CLP)
IMON output voltage clamp
3.2
3.7
4.2
V
VIMON(OS)
IMON buffer offset voltage
–7.2
0
8.5
mV
ANALOG ADJUST (IADJ)
VIADJ(CLP)
IADJ internal clamp voltage
IIADJ = 1 µA
2.29
2.40
2.55
V
IIADJ(BIAS)
IADJ input bias current
VIADJ < 2.2 V
10.5
nA
RIADJ(LMT)
IADJ current limiting series resistor
VIADJ > 2.6 V
12
ERROR AMPLIFIER (COMP)
gM
Transconductance
121
µA/V
ICOMP(SRC)
COMP current source capacity
VIADJ = 1.4 V, V(CSP-CSN) = 0 V
130
µA
ICOMP(SINK)
COMP current sink capacity
VIADJ = 0 V, V(CSP-CSN) = 0.1 V
130
µA
EA(BW)
Error amplifier bandwidth
Gain = –3 dB
5
MHz
VCOMP(RST)
COMP pin reset voltage
100
mV
RCOMP(DCH)
COMP discharge FET resistance
246
Ω
SOFT-START (SS)
ISS
Soft-start source current
7
10
12.8
µA
VSS(UVP_EN)
Soft-start voltage threshold to enable
output under-voltage protection
2.4
V
VSS(RST)
Soft-start pin reset voltage
50
mV
RSS(DCH)
SS discharge FET resistance
240
Ω
OUTPUT VOLTAGE INPUT (OV)
VOVP(THR)
Overvoltage protection threshold
1.195
1.228
1.262
V
VUVP(THR)
Undervoltage protection threshold
81.7
100
115.1
mV
t(UVP-BLANK)
Undervoltage protection blanking
period
4
µs
IOVP(HYS)
OVP hysteresis current
12
20
27.5
µA


Similar Part No. - TPS92692QPWPTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92690 TI-TPS92690 Datasheet
1Mb / 28P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives with Low-Side Current Sense
TPS92690-Q1 TI1-TPS92690-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives
TPS92690PWP TI-TPS92690PWP Datasheet
1Mb / 28P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives with Low-Side Current Sense
TPS92690PWP/NOPB TI-TPS92690PWP/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives with Low-Side Current Sense
TPS92690PWPR TI-TPS92690PWPR Datasheet
1Mb / 28P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives with Low-Side Current Sense
More results

Similar Description - TPS92692QPWPTQ1

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT3795 LINEAR_DIMENSIONS-LT3795 Datasheet
438Kb / 28P
   110V LED Controller with Spread Spectrum Frequency Modulation
logo
Linear Technology
LT3795 LINER-LT3795_15 Datasheet
589Kb / 30P
   110V LED Controller with Spread Spectrum Frequency Modulation
LT3795 LINER-LT3795 Datasheet
398Kb / 8P
   110V LED Controller with Spread Spectrum Frequency Modulation
LTC6902 LINER-LTC6902 Datasheet
212Kb / 16P
   Multiphase Oscillator with Spread Spectrum Frequency Modulation
LTC6902 LINER-LTC6902_15 Datasheet
213Kb / 16P
   Multiphase Oscillator with Spread Spectrum Frequency Modulation
LTC6908-1 LINER-LTC6908-1_15 Datasheet
253Kb / 16P
   Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
LTC6908-2 LINER-LTC6908-2_15 Datasheet
253Kb / 16P
   Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
logo
AMI SEMICONDUCTOR
AMIS-50050 AMI-AMIS-50050 Datasheet
362Kb / 10P
   Spread Spectrum Baseband Controller
logo
Linear Technology
LTC6908-1 LINER-LTC6908-1 Datasheet
247Kb / 16P
   Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
logo
Epson Company
SG-9001CA EPSON-SG-9001CA Datasheet
130Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR WITH SPREAD SPECTRUM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com