Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4002S Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # 1N4002S
Description  PLASTIC SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

1N4002S Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  1N4002S Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 1N4002S Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GALAXY ELECTRICAL
FEATURES
Low cos t
D iffus ed junction
Low leakage
Low forward voltage drop
H igh current capability
and s im ilar s olvents
MECHANICAL DATA
C as e:JEDEC A -405,m olded plas tic
Term inals : Axial lead ,s olderable per
MIL- STD -202,Method 208
Polarity: C olor band denotes cathode
Weight: 0.008 ounces,0.23 grams
Mounting pos ition: Any
M AXIM UM RAT INGS AND ELECT RICAL CHARACT ERIST ICS
R atings at 25
am bient tem perature unles s otherw is e s pecified.
Single phas e,half w ave,60 H z,res is tive or inductive load. For capacitive load,derate by 20% .
1N
1N
1N
1N
1N
1N
1N
UNITS
Max imum recurrent peak rev ers e voltage
VRRM
200
400
600
800
1000
V
Max imum RMS v oltage
VRMS
140
280
420
560
700
V
Max imum DC blocking voltage
VDC
200
400
600
800
1000
V
Max imum average f orw ard rectif ied c urrent
9.5mm lead lengths ,
@T
A =75
Peak f orw ard surge c urrent
8.3ms s ingle half -s ine-w av e
s uperimposed on rated load
@T
J =125
Max imum instantaneous f orw ard v oltage
@ 1.0 A
VF
V
Max imum revers e current
@T
A =25
at rated DC blocking v oltage
@T
A =100
Typical junc tion capac itanc e
(Note1)
CJ
pF
Typical thermal res istance
(Note2)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
50
35
50
15
1.0
50
2. Thermal resistance from junction to ambient.
A
50.0
1N4001S---1N4007S
A
5.0
Eas ily cleaned w ith Freon,Alcohol,Is opropanol
IF(AV)
1.0
PLAST IC SILICON RECT IFIERS
The plas tic m aterial carries U /L recognition 94V-0
A
30
IFSM
NOTE: 1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
- 55 ---- + 150
- 55 ---- + 125
IR
100
70
VOLT AGE RANG E: 50 --- 1000 V
CURRENT :
1.0 A
A - 405
100
www.galaxycn.com
BL
BLGALAXY ELECTRICAL
Document Number 1560137A
1.
4001S 4002S 4003S 4004S 4005S 4006S 4007S
Dimensions in millimeters


Similar Part No. - 1N4002S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4002S PANJIT-1N4002S Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diotec Semiconductor
1N4002S DIOTEC-1N4002S Datasheet
129Kb / 2P
   Standard Recovery Rectifier Diodes
logo
Diotech Company.
1N4002S DIOTECH-1N4002S Datasheet
666Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Compact Technology Corp...
1N4002S CTC-1N4002S Datasheet
73Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Transys Electronics
1N4002S TRSYS-1N4002S Datasheet
148Kb / 3P
   PLASTIC SILICON RECTIFIER
More results

Similar Description - 1N4002S

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CT4A01 CTC-CT4A01 Datasheet
41Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
HY ELECTRONIC CORP.
1N4001 HY-1N4001 Datasheet
35Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
P600A SEMTECH_ELEC-P600A Datasheet
238Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Pan Jit International I...
1N4001 PANJIT-1N4001_10 Datasheet
64Kb / 2P
   PLASTIC SILICON RECTIFIERS
BY127M PANJIT-BY127M_09 Datasheet
68Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
6A05S LUGUANG-6A05S Datasheet
136Kb / 2P
   Plastic Silicon Rectifiers
8A05 LUGUANG-8A05 Datasheet
171Kb / 2P
   Plastic Silicon Rectifiers
EM513 LUGUANG-EM513 Datasheet
157Kb / 2P
   Plastic Silicon Rectifiers
P600A LUGUANG-P600A Datasheet
173Kb / 2P
   Plastic Silicon Rectifiers
logo
Yea Shin Technology Co....
1N4001 YEASHIN-1N4001 Datasheet
120Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Compact Technology Corp...
1N5391 CTC-1N5391_15 Datasheet
61Kb / 2P
   PLASTIC SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com