Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM266HUA5 Datasheet(PDF) 5 Page - Pulse A Technitrol Company

Part # TM266HUA5
Description  Fibre Channel transceiver line interface module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

TM266HUA5 Datasheet(HTML) 5 Page - Pulse A Technitrol Company

  TM266HUA5 Datasheet HTML 1Page - Pulse A Technitrol Company TM266HUA5 Datasheet HTML 2Page - Pulse A Technitrol Company TM266HUA5 Datasheet HTML 3Page - Pulse A Technitrol Company TM266HUA5 Datasheet HTML 4Page - Pulse A Technitrol Company TM266HUA5 Datasheet HTML 5Page - Pulse A Technitrol Company TM266HUA5 Datasheet HTML 6Page - Pulse A Technitrol Company TM266HUA5 Datasheet HTML 7Page - Pulse A Technitrol Company TM266HUA5 Datasheet HTML 8Page - Pulse A Technitrol Company TM266HUA5 Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Table 3
Transmitter Electrical Characteristics
V
CC = 3.14V to 5.25V
PARAMETER
SYM
MIN
TYPICAL
MAX
UNIT
Input da ta voltage
Low
High
VIL
VIH
VCC -1.95
VCC -1.23
VCC -1.75
VCC -0.88
VCC -1.45
VCC -0.72
V
V
Input c urre nt
Low
High
IIL
IIH
-15 0
-
-
-
-
150
uA
uA
Dat a rate ( NRZ Encoding)
DR
133
-
1 485
Mb/s
Diff erential signal level
1
T MXX XXXSA1
(peak-peak)
TM XXXX XSA
VOT
1100
600
-
2 000
1 600
mV
mV
Output rise and fall time
1 for TM 1062
(20-80% )
TR/TF
-
-
300
ps
Re turn loss (0.1 to 0.5 of baud rate)
S11
-12
-
-
dB
Total peak-peak tr ansmit jitt er (D J+R J)
12- TP-EL-S
133 Mb
25- TP-EL-S
2 66 Mb
50- TP-EL-S
5 31 Mb
100- T P-EL-S
106 2 Mb
1250 M b
1485 M b
TPK-PK
-
-
-
-
500
250
125
62
750
376
188
94
ps
ps
ps
ps
Table 4
Receiver Electrical Characteristics
V
CC = 3.14V to 5.25V
Note 1: Differential signal level (VOT), rise time (TR) and overshoot (OS) shall be measured at the transmitter output
with 150 ohm differential termination as load. The data pattern for this test shall be a square wave of 0.1 bit rate.
PARAMETER
SYM
MIN
TYPICAL
MAX
UNIT
Out put dat a voltage
Low
High
VOL
VOH
VCC -1.95
VCC -1.15
VCC -1.77
VCC -0.96
VCC -1.56
VCC -0.76
V
V
Dat a rate ( NRZ Encoding)
DR
13 3
-
14 85
Mb/s
Input sensit ivity ( D2 1.5 idle patt ern)
-
15 0
-
-
mV
Input diff erential voltage
VDIFF
-
-
2.40
V
Re turn loss (0.1 to 0.5 bit r ate) ST P
S11
-15
-17
-
dB
Total peak-peak receive jitter
133 M b
26 6 Mb
53 1 Mb
1062 M b
1250 M b
1485 M b
T PK-PK
-
-
-
-
0.350
0.350
0.240
0.120
1.5 00
0.9 00
0.6 50
0.4 00
ns
ns
ns
ns
TWO PEARL BUCK COURT
BRISTOL, PA 19007-6812
TEL 215-781-6400
FAX 215-781-6403
www.pulsespecialty.com
Fibre Channel Module — 5
PULSE SPECIALTY COMPONENTS


Similar Part No. - TM266HUA5

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TM26 TELEDYNE-TM26 Datasheet
265Kb / 1P
   Waterproof Temperature Indicator — NSF Certified
Rev. 5/11/15
logo
Schneider Electric
TM262L10MESE8T SCHNEIDER-TM262L10MESE8T Datasheet
367Kb / 12P
   Logic Controller M262, 5ns/ instruction, Ethernet
Apr 5, 2022
TM262L20MESE8T SCHNEIDER-TM262L20MESE8T Datasheet
368Kb / 13P
   Logic Controller M262, 3ns/ instruction, Ethernet
Apr 6, 2022
TM262M15MESS8T SCHNEIDER-TM262M15MESS8T Datasheet
370Kb / 13P
   Motion Controller M262, 5ns/ instruction, , Ethernet, Sercos
Apr 6, 2022
TM262M25MESS8T SCHNEIDER-TM262M25MESS8T Datasheet
370Kb / 13P
   Motion Controller M262, 3ns/ instruction, 8 axes, Ethernet, Sercoss
Apr 6, 2022
More results

Similar Description - TM266HUA5

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
TM1062HSB1 PULSE-TM1062HSB1 Datasheet
495Kb / 3P
   Copperhead Series Fibre Channel Transc eiver Line Interface Module
logo
Agilent(Hewlett-Packard...
HPFC-5000 HP-HPFC-5000 Datasheet
30Kb / 2P
   Fibre Channel Interface Controller
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-57F5ATMZ AVAGO-AFCT-57F5ATMZ Datasheet
501Kb / 16P
   Fibre Channel Optical Transceiver
logo
Agilent(Hewlett-Packard...
HDMP-1536 HP-HDMP-1536 Datasheet
259Kb / 15P
   Fibre Channel Transceiver Chip
HDMP-1526 HP-HDMP-1526 Datasheet
229Kb / 14P
   Fibre Channel Transceiver Chip
logo
Pulse A Technitrol Comp...
TM1250HSB5 PULSE-TM1250HSB5 Datasheet
693Kb / 4P
   High Speed Serial Transceiver Line Interface Module
logo
Applied Micro Circuits ...
CS2060 AMCC-CS2060 Datasheet
31Kb / 2P
   Gigabit Ethernet/Fibre Channel Transceiver
logo
STMicroelectronics
FC106 STMICROELECTRONICS-FC106 Datasheet
210Kb / 32P
   Fibre Channel Transceiver 1.0625 GBaud
logo
Sony Corporation
CXB1583Q SONY-CXB1583Q Datasheet
405Kb / 23P
   266Mbaud Fibre Channel Transceiver IC
logo
Texas Instruments
SN75FC1000B TI-SN75FC1000B Datasheet
256Kb / 19P
[Old version datasheet]   1-GIGABIT FIBRE CHANNEL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com