Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM1062HUA5 Datasheet(PDF) 7 Page - Pulse A Technitrol Company

Part # TM1062HUA5
Description  Fibre Channel transceiver line interface module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

TM1062HUA5 Datasheet(HTML) 7 Page - Pulse A Technitrol Company

Back Button TM1062HUA5 Datasheet HTML 3Page - Pulse A Technitrol Company TM1062HUA5 Datasheet HTML 4Page - Pulse A Technitrol Company TM1062HUA5 Datasheet HTML 5Page - Pulse A Technitrol Company TM1062HUA5 Datasheet HTML 6Page - Pulse A Technitrol Company TM1062HUA5 Datasheet HTML 7Page - Pulse A Technitrol Company TM1062HUA5 Datasheet HTML 8Page - Pulse A Technitrol Company TM1062HUA5 Datasheet HTML 9Page - Pulse A Technitrol Company TM1062HUA5 Datasheet HTML 10Page - Pulse A Technitrol Company TM1062HUA5 Datasheet HTML 11Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Pin number(s)
1, 28 . . . . . . . .
The positive supply for the line interface module. Connect to +5.0V for PECL applications,
and to Gnd for ECL applications.
2, 3
. . . . . . . .
DO , DO: Differential ECL data outputs. These outputs can drive 50 ohm loads connected to VCC
–2.0V. Recommend 330 ohms to Gnd.
7, 8
. . . . . . . .
Gnd (VEE): The negative supply for the line interface module. Connect to Gnd for
raised ECL (PECL) applications, and to –5.2V for standard ECL applications.
13, 14 . . . . . . . .
RX-, RX+ : Transformer coupled differential inputs to receiver section. For coax applications, RX-should
be connected to shield of cable/earth Gnd; RX+ should be connected to the center conductor. Earth
Gnd should be AC coupled to DC signal Gnd using a 0.027 µF capacitor, ~500V.
15, 16 . . . . . . . .
TX+ , TX- : Transformer coupled differential outputs to cable. For coax applications, TX- should be
connected to shield of cable/earth Gnd; TX+ should be connected to the center conductor. Earth Gnd
should be AC coupled to DC signal Gnd using a 0.027 µF capacitor, 500V.
21, 22 . . . . . . . .
Gnd (VEE): The negative supply for the line interface module. Connect to Gnd for
raised ECL (PECL) applications, and to –5.2V for standard ECL applications.
23
. . . . . . . .
VBB : Is an output pin, which is used for biasing up a threshold reference level, i.e. PECL (3.67V).
This pin can only source 1 mA maximum.
24, 25 . . . . . . . .
DI, DI : Differential ECL compatible data inputs to the transmitter side of the module.
4, 5, 6, 9, 10, 11, 12, 17,
18, 19, 20, 26, 27 . .These pins are "no connect;" do not apply Gnd, VCC, or signal lines to these pins.
Module Pinouts
Board Layout Considerations
0.1 µF capacitors should be ceramic and placed as close
to the VCC pins (1 & 28) of the transceiver as possible.
Differential lines should be of equal length.
Data out and signal detect output lines should be as short
as possible and isolated from noisy sources.
Controlled impedance traces from pins 14 (RX+) and 15
(TX+) of the transceiver to the BNCs or DB9 connector
must be used in order to control return loss.
A DC signal ground plane should occupy the complete
area directly beneath the transceiver LIM from pins 1-2
and 17-28.
TWO PEARL BUCK COURT
BRISTOL, PA 19007-6812
TEL 215-781-6400
FAX 215-781-6403
www.pulsespecialty.com
Fibre Channel Module — 7
PULSE SPECIALTY COMPONENTS
The earth ground plane should occupy the complete area
directly beneath pins 13-14 and 15-16.
There should be a separation of 0.050" between earth
and DC ground.
The earth ground should be AC coupled to DC ground
with a 0.027 µF capacitor on both sides of the
transceiver (TX side and RX side).


Similar Part No. - TM1062HUA5

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
TM1062HUXB PULSE-TM1062HUXB Datasheet
652Kb / 4P
   IEEE 1394B Firewire 1.062Gb Transceiver Line Interface Module
More results

Similar Description - TM1062HUA5

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
TM1062HSB1 PULSE-TM1062HSB1 Datasheet
495Kb / 3P
   Copperhead Series Fibre Channel Transc eiver Line Interface Module
logo
Agilent(Hewlett-Packard...
HPFC-5000 HP-HPFC-5000 Datasheet
30Kb / 2P
   Fibre Channel Interface Controller
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-57F5ATMZ AVAGO-AFCT-57F5ATMZ Datasheet
501Kb / 16P
   Fibre Channel Optical Transceiver
logo
Agilent(Hewlett-Packard...
HDMP-1536 HP-HDMP-1536 Datasheet
259Kb / 15P
   Fibre Channel Transceiver Chip
HDMP-1526 HP-HDMP-1526 Datasheet
229Kb / 14P
   Fibre Channel Transceiver Chip
logo
Pulse A Technitrol Comp...
TM1250HSB5 PULSE-TM1250HSB5 Datasheet
693Kb / 4P
   High Speed Serial Transceiver Line Interface Module
logo
Applied Micro Circuits ...
CS2060 AMCC-CS2060 Datasheet
31Kb / 2P
   Gigabit Ethernet/Fibre Channel Transceiver
logo
STMicroelectronics
FC106 STMICROELECTRONICS-FC106 Datasheet
210Kb / 32P
   Fibre Channel Transceiver 1.0625 GBaud
logo
Sony Corporation
CXB1583Q SONY-CXB1583Q Datasheet
405Kb / 23P
   266Mbaud Fibre Channel Transceiver IC
logo
Texas Instruments
SN75FC1000B TI-SN75FC1000B Datasheet
256Kb / 19P
[Old version datasheet]   1-GIGABIT FIBRE CHANNEL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com