Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMU0102HF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MMU0102HF
Description  High Frequency Thin Film MELF Resistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMU0102HF Datasheet(HTML) 2 Page - Vishay Siliconix

  MMU0102HF Datasheet HTML 1Page - Vishay Siliconix MMU0102HF Datasheet HTML 2Page - Vishay Siliconix MMU0102HF Datasheet HTML 3Page - Vishay Siliconix MMU0102HF Datasheet HTML 4Page - Vishay Siliconix MMU0102HF Datasheet HTML 5Page - Vishay Siliconix MMU0102HF Datasheet HTML 6Page - Vishay Siliconix MMU0102HF Datasheet HTML 7Page - Vishay Siliconix MMU0102HF Datasheet HTML 8Page - Vishay Siliconix MMU0102HF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MMU 0102 HF, MMA 0204 HF, MMB 0207 HF
www.vishay.com
Vishay Beyschlag
Revision: 26-Oct-15
2
Document Number: 28718
For technical questions, contact: melf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• The presented operation modes do not refer to different types of resistors, but actually show examples of different loads, that lead to
different film temperatures and different achievable load-life stability (drift) of the resistance value. A suitable low thermal resistance of the
circuit board assembly must be safeguarded in order to maintain the film temperature of the resistors within the specified limits. Please
consider the application note “Thermal Management in Surface-Mounted Resistor Applications” (www.vishay.com/doc?28844) for
information on the general nature of thermal resistance.
Note
(1) Please inquire for the availability of special resistance values.
MAXIMUM RESISTANCE CHANGE AT RATED DISSIPATION
OPERATION MODE
STANDARD
POWER
Rated dissipation, P70
MMU 0102 HF
0.2 W
0.3 W
MMA 0204 HF
0.25 W
0.4 W
MMB 0207 HF
0.4 W
1.0 W
Operating temperature range
-55 °C to +125 °C
-55 °C to +155 °C
Permissible film temperature,
F max.
125 °C
155 °C
Max. resistance change at P70 for
resistance range, |
R/R| after:
MMU 0102 HF
6.8
 to 470 
6.8
 to 470 
MMA 0204 HF
1.5
 to 475 
1.5
 to 475 
MMB 0207 HF
6.8
 to 470 
6.8
 to 470 
1000 h
 0.25 %
 0.5 %
8000 h
 0.5 %
 1.0 %
225 000 h
 1.5 %
-
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
TYPE / SIZE
TCR
TOLERANCE
RESISTANCE
E-SERIES (1)
MMU 0102 HF
± 50 ppm/K
± 2 %
50
, 6.8  to 470 
E24
MMA 0204 HF
± 50 ppm/K
± 1 %
50
, 1.5  to 475 
E24; E96
MMB 0207 HF
± 50 ppm/K
± 2 %
50
, 6.8  to 470 
E24


Similar Part No. - MMU0102HF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMU0102 VISHAY-MMU0102 Datasheet
203Kb / 13P
   Professional MELF Resistors
Revision: 18-Jul-06
MMU0102 VISHAY-MMU0102 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU0102 VISHAY-MMU0102 Datasheet
256Kb / 14P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU0102 VISHAY-MMU0102 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU0102 VISHAY-MMU0102 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
More results

Similar Description - MMU0102HF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMU-0102-HF VISHAY-MMU-0102-HF Datasheet
150Kb / 11P
   High Frequency Thin Film MELF Resistors
Revision: 26-Oct-15
SMM0207 VISHAY-SMM0207_V01 Datasheet
184Kb / 13P
   Thin Film MELF Resistors
01-Jan-2022
SMM0207 VISHAY-SMM0207_15 Datasheet
149Kb / 6P
   Thin Film MELF Resistors
Revision: 28-Jun-11
SMM0207 VISHAY-SMM0207_11 Datasheet
156Kb / 6P
   Thin Film MELF Resistors
Revision: 28-Jun-11
logo
WALSIN TECHNOLOGY CORPO...
WM07B_Q WALSIN-WM07B_Q Datasheet
1Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXD WALSIN-WMXXD Datasheet
8Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXB_Q WALSIN-WMXXB_Q Datasheet
2Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXD_Q WALSIN-WMXXD_Q Datasheet
2Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXB WALSIN-WMXXB Datasheet
8Mb / 12P
   High Precision Thin Film MELF Resistors
WM07B WALSIN-WM07B Datasheet
1Mb / 12P
   High Precision Thin Film MELF Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com