Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQW277 Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # AQW277
Description  PhotoMOS RELAYS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AQW277 Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  AQW277 Datasheet HTML 1Page - Nais(Matsushita Electric Works) AQW277 Datasheet HTML 2Page - Nais(Matsushita Electric Works) AQW277 Datasheet HTML 3Page - Nais(Matsushita Electric Works) AQW277 Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AQW27r
198
3. Turn on time vs. ambient temperature char-
acteristics
LED current: 10 mA; Load voltage: 10 V (DC);
Continuous load current: 100 mA (DC)
4. Turn off time vs. ambient temperature char-
acteristics
LED current: 10 mA; Load voltage: 10 V (DC);
Continuous load current: 100 mA (DC)
5. LED operate current vs. ambient tempera-
ture characteristics
Load voltage: 10 V (DC);
Continuous load current: 100 mA (DC)
10
8
6
4
2
0
0
–40
20
40
60
8085
–20
AQW272
AQW275
AQW274
AQW277
Ambient temperature,
°C
1.0
0.8
0.6
0.4
0.2
0
0
–40
20
40
60
8085
–20
AQW277
AQW272
AQW275
AQW274
Ambient temperature,
°C
5
4
3
2
1
0
0
–40
20
40
60
8085
–20
AQW274
AQW272
AQW277
AQW275
Ambient temperature,
°C
6. LED turn off current vs. ambient temperature
characteristics
Load voltage: 10 V (DC);
Continuous load current: 100 mA (DC)
7. LED dropout voltage vs. ambient tempera-
ture characteristics
Sample: all types;
LED current: 5 to 50 mA
8. Voltage vs. current characteristics of output
at MOS portion
Ambient temperature: 25
°C 77°F
5
4
3
2
1
0
0
–40
20
40
60
8085
–20
AQW274
AQW272
AQW277
AQW275
Ambient temperature,
°C
1.5
1.4
1.3
1.2
1.1
1.0
0
0
–40
20
40
60
100
80 85
–20
50mA
30mA
20mA
10mA
5mA
Ambient temperature,
°C
0
–1.0 –0.5
–1.0
–2.0
0.5
1.0
1.0
AQW274
AQW277
AQW275
AQW272
–1.5
–2.0
1.5
2.0
4.0
–3.0
–4.0
Voltage, V
2.0
3.0
9.-(1) Off state leakage current
Ambient temperature: 25
°C 77°F
9.-(2) Off state leakage current
Ambient temperature: 25
°C 77°F
10. LED forward current vs. turn on time char-
acteristics
Load voltage: 10 V (DC); Continuous load current:
100 mA (DC); Ambient temperature: 25
°C 77°F
10–3
10–6
10–9
10–12
0
50
100
AQW275
AQW272
Load voltage, V
50
100
AQW274
AQW277
10–3
10–6
10–9
10–12
0
Load voltage, V
20
18
16
14
12
10
8
6
4
2
0
10
20
30
40
50
0
AQW272
AQW275
AQW274
AQW277
LED forward current, mA
11. LED forward current vs. turn off time char-
acteristics
Load voltage: 10 V (DC); Continuous load current:
100 mA (DC); Ambient temperature: 25
°C 77°F
12.-(1) Load voltage vs. turn on time character-
istics
LED current: 10 mA; Continuous load current:
100 mA; Ambient temperature: 25
°C 77°F
12.-(2) Load voltage vs. turn on time character-
istics
LED current: 10 mA; Continuous load current:
100 mA; Ambient temperature: 25
°C 77°F
0.5
0.4
0.3
0.2
0.1
0
10
20
30
40
50
0
AQW275
AQW277
AQW274
AQW272
LED forward current, mA
5
4
3
2
1
0
10 20 30 40 50 60 70 80 90 100
0
AQW272
AQW275
Load voltage, V
5
4
3
2
1
0
50 100 150 200 250 300 350 400
0
AQW274
AQW277
Load voltage, V


Similar Part No. - AQW277

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQW21 PANASONIC-AQW21 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
logo
List of Unclassifed Man...
AQW21 ETC2-AQW21 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
AQW21 ETC2-AQW21 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
AQW21 ETC2-AQW21 Datasheet
171Kb / 3P
   PhotoMOS Relay Dimensions
AQW21 ETC-AQW21 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
More results

Similar Description - AQW277

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQY221N3V NAIS-AQY221N3V Datasheet
153Kb / 6P
   PhotoMOS RELAYS
AQX21444 NAIS-AQX21444 Datasheet
53Kb / 3P
   PhotoMOS RELAYS
AQY221N2S NAIS-AQY221N2S Datasheet
35Kb / 4P
   PHOTOMOS RELAYS
AQS210 NAIS-AQS210 Datasheet
58Kb / 4P
   PhotoMOS RELAYS
AQV112KL NAIS-AQV112KL Datasheet
137Kb / 6P
   PhotoMOS RELAYS
AQY212GS NAIS-AQY212GS Datasheet
143Kb / 6P
   PhotoMOS RELAYS
AQW254 NAIS-AQW254 Datasheet
44Kb / 3P
   PhotoMOS RELAYS
AQW610S NAIS-AQW610S Datasheet
121Kb / 3P
   PhotoMOS RELAYS
AQW610EHA NAIS-AQW610EHA Datasheet
48Kb / 3P
   PhotoMOS RELAYS
AQY210KS NAIS-AQY210KS Datasheet
40Kb / 4P
   PhotoMOS RELAYS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com