Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIHG20N50C Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIHG20N50C
Description  High Peak Current Capability
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHG20N50C Datasheet(HTML) 4 Page - Vishay Siliconix

  SIHG20N50C Datasheet HTML 1Page - Vishay Siliconix SIHG20N50C Datasheet HTML 2Page - Vishay Siliconix SIHG20N50C Datasheet HTML 3Page - Vishay Siliconix SIHG20N50C Datasheet HTML 4Page - Vishay Siliconix SIHG20N50C Datasheet HTML 5Page - Vishay Siliconix SIHG20N50C Datasheet HTML 6Page - Vishay Siliconix SIHG20N50C Datasheet HTML 7Page - Vishay Siliconix SIHG20N50C Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
Document Number: 91382
4
S11-0440-Rev. C, 14-Mar-11
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SiHG20N50C
Vishay Siliconix
Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
Fig. 6 - Typical Gate Charge vs. Gate-to-Source Voltage
Fig. 7 - Typical Source-Drain Diode Forward Voltage
Fig. 8 - Maximum Safe Operating Area
Fig. 9 - Maximum Drain Current vs. Case Temperature
VDS, Drain-to-Source Voltage (V)
10
102
103
104
105
110
100
1000
V
GS = 0 V, f = 1 MHz
C
iss = Cgs + Cgd, Cds Shorted
C
rss = Cgd
C
oss = Cds + Cgd
C
iss
C
rss
C
oss
QG, Total Gate Charge (nC)
0
4
8
12
16
20
030
60
90
120
ID = 17 A
VDS = 250 V
VDS = 100 V
VDS = 400 V
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
0.2
0.5
0.8
1.1
1.4
TJ = 150 °C
TJ = 25 °C
VGS = 0 V
VDS, Drain-to-Source Voltage (V)
TC = 25 °C
TJ = 150 °C
Single Pulse
Operation in this area limited
by RDS(on)
1 ms
10 ms
100 µs
1000
1
10
100
10
100
1000
10 000
0.1
TC, Case Temperature (°C)
0
5
10
15
20
25
50
75
100
125
150


Similar Part No. - SIHG20N50C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SiHG20N50C VISHAY-SiHG20N50C Datasheet
198Kb / 8P
   Power MOSFET
Rev. D, 20-Nov-17
logo
Inchange Semiconductor ...
SIHG20N50C ISC-SIHG20N50C Datasheet
420Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
SIHG20N50C-E3 VISHAY-SIHG20N50C-E3 Datasheet
187Kb / 8P
   Power MOSFET
Rev. C, 14-Mar-11
SIHG20N50C-E3 VISHAY-SIHG20N50C-E3 Datasheet
219Kb / 10P
   Power MOSFET
01-Jan-2022
SIHG20N50C VISHAY-SIHG20N50C_17 Datasheet
198Kb / 8P
   Power MOSFET
Rev. D, 20-Nov-17
More results

Similar Description - SIHG20N50C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA80R460CE INFINEON-IPA80R460CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
logo
Advanced Power Electron...
AP28G40GEM-HF A-POWER-AP28G40GEM-HF_16 Datasheet
69Kb / 4P
   High Peak Current Capability
logo
Infineon Technologies A...
IPA80R1K4CE INFINEON-IPA80R1K4CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
logo
Advanced Power Electron...
AP28G40GEH A-POWER-AP28G40GEH Datasheet
140Kb / 5P
   High Peak Current Capability
logo
Infineon Technologies A...
IPA80R310CE INFINEON-IPA80R310CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
logo
Advanced Power Electron...
AP28G40GEM-HF A-POWER-AP28G40GEM-HF_14 Datasheet
52Kb / 3P
   High Peak Current Capability
logo
Infineon Technologies A...
IPA80R1K0CE INFINEON-IPA80R1K0CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
IPA80R650CE INFINEON-IPA80R650CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
IPI60R099CP INFINEON-IPI60R099CP_15 Datasheet
551Kb / 10P
   High peak current capability
2014-05-28 revision:2.1
logo
TE Connectivity Ltd
250 TEC-250 Datasheet
299Kb / 3P
   High peak current carrying capability up to 6000A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com