Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFPPT-CW61-01 Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # SFPPT-CW61-01
Description  10Gb/s CWDM SFP 80km Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

SFPPT-CW61-01 Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  SFPPT-CW61-01 Datasheet HTML 1Page - Pulse A Technitrol Company SFPPT-CW61-01 Datasheet HTML 2Page - Pulse A Technitrol Company SFPPT-CW61-01 Datasheet HTML 3Page - Pulse A Technitrol Company SFPPT-CW61-01 Datasheet HTML 4Page - Pulse A Technitrol Company SFPPT-CW61-01 Datasheet HTML 5Page - Pulse A Technitrol Company SFPPT-CW61-01 Datasheet HTML 6Page - Pulse A Technitrol Company SFPPT-CW61-01 Datasheet HTML 7Page - Pulse A Technitrol Company SFPPT-CW61-01 Datasheet HTML 8Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PRODUCT DATASHEET
10Gb/s CWDM SFP+ 80km Transceiver
PART NUMBER
DFTO
DATE
REVISION
SHEET NO
SFPPT-CWxx-01
ELLA
22 Sep., 2014
P1
4
OF
8
http://www.pulseelectronics.com/
IV.
Electrical Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
NOTE
Supply Voltage
Vcc
3.14
3.3
3.46
V
Supply Current
Icc
450
mA
Transmitter
Input differential impedance
Rin
100
Ω
1
Differential data input swing
Vin,pp
180
1200
mV
Transmit Disable Voltage
VD
Vcc–1.3
Vcc
V
Transmit Enable Voltage
VEN
Vee
Vee+ 0.8
V
2
Transmit Disable Assert Time
10
us
Receiver
Differential data output swing
Vout,pp
300
850
mV
3
Data output rise time
tr
30
ps
4
Data output fall time
tf
30
ps
4
LOS Fault
VLOS fault
Vcc–1.3
VccHOST
V
5
LOS Normal
VLOS norm
Vee
Vee+0.8
V
5
Power Supply Rejection
PSR
100
mVpp
6
Notes:
1. Connected directly to TX data input pins. AC coupled thereafter.
2. Or open circuit.
3. Input 100 ohms differential termination.
4. These are unfiltered 20-80% values
5. Loss Of Signal is LVTTL. Logic 0 indicates normal operation; logic 1 indicates no signal detected.
6. Receiver sensitivity is compliant with power supply sinusoidal modulation of 20 Hz to 1.5 MHz up to specified
value applied through the recommended power supply filtering network.


Similar Part No. - SFPPT-CW61-01

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SFPPT-BD2-01 PULSE-SFPPT-BD2-01 Datasheet
446Kb / 2P
   Connector Platform
SFPPT-BD2-01 PULSE-SFPPT-BD2-01 Datasheet
236Kb / 9P
   10Gb/s BIDI SFP 10km Transceiver
SFPPT-BD3-01 PULSE-SFPPT-BD3-01 Datasheet
236Kb / 9P
   10Gb/s BIDI SFP 10km Transceiver
SFPPT-ER4-01 PULSE-SFPPT-ER4-01 Datasheet
318Kb / 9P
   10Gb/s 1550nm SFP 40kmTransceiver
SFPPT-LR1-01 PULSE-SFPPT-LR1-01 Datasheet
188Kb / 9P
   10Gb/s 1310nm SFP 10km Transceiver
More results

Similar Description - SFPPT-CW61-01

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX1871D3BCL FINISAR-FTLX1871D3BCL Datasheet
702Kb / 12P
   10Gb/s 80km Single Mode SFP Transceiver
FTLX3871DCCXX FINISAR-FTLX3871DCCXX Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCCXX FINISAR-FTLX3871MCCXX Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCC17 FINISAR-FTLX3871MCC17 Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871DCC17 FINISAR-FTLX3871DCC17 Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX1871D3BNL FINISAR-FTLX1871D3BNL Datasheet
702Kb / 12P
   10Gb/s, 80km Single Mode, Multi-Rate SFP Transceiver
FTLX1871M3BNL FINISAR-FTLX1871M3BNL Datasheet
706Kb / 12P
   10Gb/s, 80km Single Mode, Multi-Rate SFP Transceiver
FTLX1871M3BCL FINISAR-FTLX1871M3BCL Datasheet
341Kb / 12P
   10Gb/s, 80km Single Mode, Multi-Rate SFP Transceiver
FTLX6872MCC FINISAR-FTLX6872MCC Datasheet
805Kb / 15P
   10Gb/s DWDM 80km Multi-Rate Tunable SFP Transceiver
FTRX-1811-3 FINISAR-FTRX-1811-3 Datasheet
457Kb / 11P
   10Gb/s 80km XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com