Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFPT-BD34-01 Datasheet(PDF) 10 Page - Pulse A Technitrol Company

Part # SFPT-BD34-01
Description  SFP BIDI 1.25G 1310/1490nm DDM 20KM Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

SFPT-BD34-01 Datasheet(HTML) 10 Page - Pulse A Technitrol Company

Back Button SFPT-BD34-01 Datasheet HTML 2Page - Pulse A Technitrol Company SFPT-BD34-01 Datasheet HTML 3Page - Pulse A Technitrol Company SFPT-BD34-01 Datasheet HTML 4Page - Pulse A Technitrol Company SFPT-BD34-01 Datasheet HTML 5Page - Pulse A Technitrol Company SFPT-BD34-01 Datasheet HTML 6Page - Pulse A Technitrol Company SFPT-BD34-01 Datasheet HTML 7Page - Pulse A Technitrol Company SFPT-BD34-01 Datasheet HTML 8Page - Pulse A Technitrol Company SFPT-BD34-01 Datasheet HTML 9Page - Pulse A Technitrol Company SFPT-BD34-01 Datasheet HTML 10Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
PRODUCT DATASHEET
SFP BIDI 1.25G 1310/1490nm DDM 20KM Transceiver
PART NUMBER
DFTO
DATE
REVISION
SHEET NO
SFPT-BD34-01
ELLA
15, Sep., 2014
P1
10
OF
10
http://www.pulseelectronics.com/
IX. Mechanical Specifications (Unit: mm)
SFPT-BD34-01
X Regulatory Compliance
Feature
Reference
Performance
Electrostatic discharge
(ESD)
IEC/EN 61000-4-2
Compatible with standards
Electromagnetic Interference (EMI)
FCC Part 15 Class B EN 55022 Class B
(CISPR 22A)
Compatible with standards
Laser Eye Safety
FDA 21CFR 1040.10, 1040.11 IEC/EN
60825-1
,2
Class 1 laser product
Component Recognition
IEC/EN 60950
,UL
Compatible with standards
ROHS
2002/95/EC
Compatible with standards
EMC
EN61000-3
Compatible with standards


Similar Part No. - SFPT-BD34-01

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SFPT-BD35-01 PULSE-SFPT-BD35-01 Datasheet
208Kb / 10P
   SFP BIDI DDM 155M 1310/1550nm 20KM Transceiver
More results

Similar Description - SFPT-BD34-01

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SFPT-BD35-01 PULSE-SFPT-BD35-01 Datasheet
208Kb / 10P
   SFP BIDI DDM 155M 1310/1550nm 20KM Transceiver
logo
Level One
SFP-9331 LVL1-SFP-9331 Datasheet
327Kb / 4P
   1.25G SMF BIDI SFP Transceiver 20km T1550/R1310nm
SFP-9321 LVL1-SFP-9321 Datasheet
324Kb / 4P
   1.25G SMF BIDI SFP Transceiver 20km T1310/R1550nm
SFP-4320 LVL1-SFP-4320 Datasheet
104Kb / 1P
   1.25G BIDI SMF SFP Transceiver
SFP-4310 LVL1-SFP-4310 Datasheet
104Kb / 1P
   1.25G BIDI SMF SFP Transceiver
SFP-4330 LVL1-SFP-4330 Datasheet
104Kb / 1P
   1.25G BIDI SMF SFP Transceiver
SFP-7331 LVL1-SFP-7331 Datasheet
420Kb / 3P
   155M SMF BIDI SFP Transceiver, 20km,T1550/R1310nm
SFP-9231 LVL1-SFP-9231 Datasheet
314Kb / 4P
   1.25G SMF BIDI SFP Transceiver 10km T1550/R1310nm
SFP-9221 LVL1-SFP-9221 Datasheet
308Kb / 4P
   1.25G SMF BIDI SFP Transceiver 10km T1310/R1550nm
SFP-9421 LVL1-SFP-9421 Datasheet
309Kb / 4P
   1.25G SMF BIDI SFP Transceiver 40km T1310/R1550nm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com