Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM133HUB5 Datasheet(PDF) 6 Page - Pulse A Technitrol Company

Part # TM133HUB5
Description  Fibre Channel transceiver line interface module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

TM133HUB5 Datasheet(HTML) 6 Page - Pulse A Technitrol Company

Back Button TM133HUB5 Datasheet HTML 2Page - Pulse A Technitrol Company TM133HUB5 Datasheet HTML 3Page - Pulse A Technitrol Company TM133HUB5 Datasheet HTML 4Page - Pulse A Technitrol Company TM133HUB5 Datasheet HTML 5Page - Pulse A Technitrol Company TM133HUB5 Datasheet HTML 6Page - Pulse A Technitrol Company TM133HUB5 Datasheet HTML 7Page - Pulse A Technitrol Company TM133HUB5 Datasheet HTML 8Page - Pulse A Technitrol Company TM133HUB5 Datasheet HTML 9Page - Pulse A Technitrol Company TM133HUB5 Datasheet HTML 10Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Application Guide
CABL E LEN GTH
PAR T TYP E
EXAMPL E
MOD EL
DESCRIPTION
10 meters
Equalization rarely required.
For use in applications < 10 meters requiring
isolation and common mode signal rejection,
see T-1062 data sheet for dual (T X & RX) pulse
transfor mer products.
Short haul:
10-30 meters
CopperheadTM
passive transceiver
module
TM1062HSCT
w ithout active
logic chip and
buffering
For use in applications presenting an input
voltage of no less than 400 mV (from cable) to
transceiver R X. An insertion loss (S21 )
calculation w ith respect to cable length should be
made in order to deter mine compliance.
If the voltage is less than 400 m V, use “long
haul” device (below).
Long haul:
> 30 meters
Copperhead TM
transceiver module w ith
active logic chip and
buffering for receive side
only
TM1062DSA
w ith active
receive
amplifier
For use in long haul applications w here losses
accu mulate and diminish (receive) signal
strength. This device requires a mini mum
input signal of only 100 mV (from cable) to
transceiver R X.
Long haul:
> 30 meters,
enhanced trans mit
Copperhead TM
transceiver module w ith
active logic chip and
buffering for both
receive and trans mit
sides
T M1062DSA1
w ith active
trans mit driver
and receive
amplifier
For use in long haul applications requiring
buffered trans mit signal. The active trans mitter
acts as a buffer. It reconditions the signal to the
appropriate drive level. Trans mitter output signal
level is 1100 mV mini mum.
The transceiver type (passive/short haul or active/long haul) is based on the cable insertion loss (attenuation) for the
length of cable in question. Pulse Components Division recommends the product type/cable length combinations listed
below. Specific models recommended as examples are based on installation/use within 1 Gbaud /150 ohm systems.
Block diagram for "long haul" application
Shown is an application of the Model TM1062DSA with "active receive" amplifier for a "long haul"
application presenting an input voltage of less than 400 mV (from cable) to transceiver RX.
Twinax Cable
TRANSFORMER
RX
TX
RECEIVE FILTER
AND
EQUALIZER
DIFF. AMP
AND
DRIVER
TX
FILTER
TX
RX
.027 uF
500 VOLT
TRANSMITTER SECTION
TRANSFORMER
RECEIVER SECTION
OPTIONAL
ACTIVE
TRANSMIT
DRIVER
TWO PEARL BUCK COURT
BRISTOL, PA 19007-6812
TEL 215-781-6400
FAX 215-781-6403
www.pulsespecialty.com
Fibre Channel Module — 6
PULSE SPECIALTY COMPONENTS


Similar Part No. - TM133HUB5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TM133XG-02L07 ETC1-TM133XG-02L07 Datasheet
199Kb / 16P
   ETFT COLOR LCD MODULE
TM133XG-02L08A ETC1-TM133XG-02L08A Datasheet
139Kb / 17P
   TFT COLOR LCD MODULE
More results

Similar Description - TM133HUB5

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
TM1062HSB1 PULSE-TM1062HSB1 Datasheet
495Kb / 3P
   Copperhead Series Fibre Channel Transc eiver Line Interface Module
logo
Agilent(Hewlett-Packard...
HPFC-5000 HP-HPFC-5000 Datasheet
30Kb / 2P
   Fibre Channel Interface Controller
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-57F5ATMZ AVAGO-AFCT-57F5ATMZ Datasheet
501Kb / 16P
   Fibre Channel Optical Transceiver
logo
Agilent(Hewlett-Packard...
HDMP-1536 HP-HDMP-1536 Datasheet
259Kb / 15P
   Fibre Channel Transceiver Chip
HDMP-1526 HP-HDMP-1526 Datasheet
229Kb / 14P
   Fibre Channel Transceiver Chip
logo
Pulse A Technitrol Comp...
TM1250HSB5 PULSE-TM1250HSB5 Datasheet
693Kb / 4P
   High Speed Serial Transceiver Line Interface Module
logo
Applied Micro Circuits ...
CS2060 AMCC-CS2060 Datasheet
31Kb / 2P
   Gigabit Ethernet/Fibre Channel Transceiver
logo
STMicroelectronics
FC106 STMICROELECTRONICS-FC106 Datasheet
210Kb / 32P
   Fibre Channel Transceiver 1.0625 GBaud
logo
Sony Corporation
CXB1583Q SONY-CXB1583Q Datasheet
405Kb / 23P
   266Mbaud Fibre Channel Transceiver IC
logo
Texas Instruments
SN75FC1000B TI-SN75FC1000B Datasheet
256Kb / 19P
[Old version datasheet]   1-GIGABIT FIBRE CHANNEL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com