Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFPT-SX5-01 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # SFPT-SX5-01
Description  1.25Gb/s 850nm Multi-mode SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

SFPT-SX5-01 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  SFPT-SX5-01 Datasheet HTML 1Page - Pulse A Technitrol Company SFPT-SX5-01 Datasheet HTML 2Page - Pulse A Technitrol Company SFPT-SX5-01 Datasheet HTML 3Page - Pulse A Technitrol Company SFPT-SX5-01 Datasheet HTML 4Page - Pulse A Technitrol Company SFPT-SX5-01 Datasheet HTML 5Page - Pulse A Technitrol Company SFPT-SX5-01 Datasheet HTML 6Page - Pulse A Technitrol Company SFPT-SX5-01 Datasheet HTML 7Page - Pulse A Technitrol Company SFPT-SX5-01 Datasheet HTML 8Page - Pulse A Technitrol Company SFPT-SX5-01 Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PRODUCT DATASHEET
1.25Gb/s 850nm Multi-mode SFP Transceiver
PART NUMBER
DFTO
DATE
REVISION
SHEET NO
SFPT-SX5-01
VICTOR
15, Sep., 2014
0
2
OF
10
http://www.pulseelectronics.com/
Router/Server Interface
Other Optical Links
PRODUCT DESCRIPTION
SFPT-SX5-01
Small Form Factor Pluggable (SFP) transceivers are compatible with the Small Form Factor
Pluggable Multi-Sourcing Agreement (MSA). The transceiver consists of five sections: the LD driver, the limiting
amplifier, the digital diagnostic monitor, the VCSEL laser and the PIN photo-detector .The module data link up to
550m in 50/125um multi mode fiber.
The optical output can be disabled by a TTL logic high-level input of Tx Disable, and the system also can disable
the module via I2C. Tx Fault is provided to indicate that degradation of the laser. Loss of signal (LOS) output is
provided to indicate the loss of an input optical signal of receiver or the link status with partner. The system can
also get the LOS (or Link)/Disable/Fault information via I2C register access.
Ordering information
Product part
Number
Data
Rate
(Mbps)
Media
Wavelength
(nm)
Transmission
Distance(m)
Temperature
Range(Tcase)
SFPT-SX5-01
1250
Multi mode fiber
850
550
0~70
commercial


Similar Part No. - SFPT-SX5-01

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SFPT-BD34-01 PULSE-SFPT-BD34-01 Datasheet
207Kb / 10P
   SFP BIDI 1.25G 1310/1490nm DDM 20KM Transceiver
SFPT-BD35-01 PULSE-SFPT-BD35-01 Datasheet
208Kb / 10P
   SFP BIDI DDM 155M 1310/1550nm 20KM Transceiver
SFPT-BD53-01 PULSE-SFPT-BD53-01 Datasheet
222Kb / 11P
   1.25Gbps SFP Bi-Directional Transceiver
SFPT-CW31-01 PULSE-SFPT-CW31-01 Datasheet
195Kb / 10P
   1.25Gb/s CWDM Single-mode SFP Transceiver
SFPT-CW49-01 PULSE-SFPT-CW49-01 Datasheet
195Kb / 10P
   1.25Gb/s CWDM Single-mode SFP Transceiver
More results

Similar Description - SFPT-SX5-01

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SFPPT-SR3-01 PULSE-SFPPT-SR3-01 Datasheet
300Kb / 8P
   10Gb/s 850nm Multi-mode SFP Transceiver
SFPT-CW31-01 PULSE-SFPT-CW31-01 Datasheet
195Kb / 10P
   1.25Gb/s CWDM Single-mode SFP Transceiver
SFPT-LX2-01 PULSE-SFPT-LX2-01 Datasheet
205Kb / 10P
   1.25Gb/s 1310nm Single-mode SFP Transceiver
SFPT-ZX8-01 PULSE-SFPT-ZX8-01 Datasheet
206Kb / 10P
   1.25Gb/s 1550nm Single-mode SFP Transceiver
logo
ANADIGICS, Inc
AMT128502A ANADIGICS-AMT128502A Datasheet
369Kb / 8P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT8100 ANADIGICS-AMT8100 Datasheet
457Kb / 8P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT128503 ANADIGICS-AMT128503 Datasheet
634Kb / 12P
   1.25Gb/s Integrated 850nm MSM-TIA
logo
Finisar Corporation.
FTLF1518P1BTL FINISAR-FTLF1518P1BTL Datasheet
648Kb / 10P
   1.25Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
logo
OPLINK Communications I...
TPP3XGDS0C000E2G OPLINK-TPP3XGDS0C000E2G Datasheet
461Kb / 6P
   850nm SFP Transceiver
TPP1XGDS0XG-0983 OPLINK-TPP1XGDS0XG-0983 Datasheet
265Kb / 6P
   850nm SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com