Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-MLF-7005 Datasheet(PDF) 3 Page - Ironwood Electronics.

Part # SG-MLF-7005
Description  Compression plate distributes forces evenly
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-MLF-7005 Datasheet(HTML) 3 Page - Ironwood Electronics.

  SG-MLF-7005 Datasheet HTML 1Page - Ironwood Electronics. SG-MLF-7005 Datasheet HTML 2Page - Ironwood Electronics. SG-MLF-7005 Datasheet HTML 3Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Recommended PCB Layout Tolerances: ±0.025mm unless stated otherwise.
Status: Released
Drawing: H. Hansen
Scale: 3:1
Rev: j
Date: 10/22/02
File: SG-MLF-7005 Dwg.mcd
SG-MLF-7005 Drawing
Modified:05/12/14, DH
PAGE 3 of 3
Package Code
C
B
Z1 max A1 max
Z2 max
A2 max
e
X
Y
N
Thermal Pad Recommendations
MLF36A
2.97
1.68
6.36
4.28
6.36
4.28
0.5
0.28
0.94
36
4.08 x 4.08
MLF40A
2.72
1.68
6.36
4.78
6.36
4.78
0.5
0.28
0.69
40
4.58 x 4.58
MLF28B
2.98
1.68
6.36
4.27
6.36
4.27
0.65
0.37
0.95
28
3.08 x 3.08
MLF20C
3.3
1.68
6.36
3.62
6.36
3.62
0.8
0.42
1.06
20
3.84 x 3.84
MLF48G
2.813
1.763
6.2
4.6
6.2
4.6
0.4
0.2
0.6
48
4.1 x 4.1
MLF32D
2.663
1.72
6.29
4.9
6.29
4.9
0.65
0.35
0.6
32
4.3 x 4.3
All dimensions are in mm.
Package Code
e
D min
D max
E min
E max
b min
b max
L min
L max
D2
N
MLF36A
0.5
5.85
6.15
5.85
6.15
0.18
0.3
0.5
0.75
4.18
36
MLF40A
0.5
5.85
6.15
5.85
6.15
0.18
0.3
0.3
0.5
4.68
40
MLF28B
0.65
5.85
6.15
5.85
6.15
0.23
0.35
0.5
0.75
4.17
28
MLF20C
0.8
5.85
6.15
5.85
6.15
0.28
0.4
0.5
0.75
3.94
20
MLF48G
0.4
5.85
6.15
5.85
6.15
0.15
0.25
0.3
0.5
4.1
48
MLF32D
0.65
5.85
6.15
5.85
6.15
0.25
0.35
0.35
0.45
4.3
32
© 2009 IRONWOOD ELECTRONICS, INC.
Tele: (952) 229-8200
www.ironwoodelectronics.com
E
D
L
e
b
D2
D
D2
L


Similar Part No. - SG-MLF-7005

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-MLF-7000 IRONWOOD-SG-MLF-7000 Datasheet
41Kb / 3P
   Compression plate distributes forces evenly
SG-MLF-7001 IRONWOOD-SG-MLF-7001 Datasheet
40Kb / 3P
   Compression plate distributes forces evenly
SG-MLF-7002 IRONWOOD-SG-MLF-7002 Datasheet
384Kb / 5P
   Compression plate distributes forces evenly
SG-MLF-7003 IRONWOOD-SG-MLF-7003 Datasheet
37Kb / 3P
   Compression plate distributes forces evenly
SG-MLF-7004 IRONWOOD-SG-MLF-7004 Datasheet
40Kb / 3P
   Compression plate distributes forces evenly
More results

Similar Description - SG-MLF-7005

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-QFN12E-01 IRONWOOD-SS-QFN12E-01 Datasheet
78Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7058 IRONWOOD-SG-BGA-7058 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7123 IRONWOOD-SG-BGA-7123 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7246 IRONWOOD-SG-BGA-7246 Datasheet
373Kb / 5P
   Compression plate distributes forces evenly
SG-QFE-7000 IRONWOOD-SG-QFE-7000 Datasheet
44Kb / 3P
   Compression plate distributes forces evenly
XG-LGA-7000 IRONWOOD-XG-LGA-7000 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
XG-LGA-7004 IRONWOOD-XG-LGA-7004 Datasheet
583Kb / 4P
   Compression plate distributes forces evenly
XG-QFN-9000 IRONWOOD-XG-QFN-9000 Datasheet
43Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6184 IRONWOOD-SG-BGA-6184 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6147 IRONWOOD-SG-BGA-6147 Datasheet
96Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6113 IRONWOOD-SG-BGA-6113 Datasheet
38Kb / 3P
   Compression plate distributes forces evenly
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com