Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-MLF-7007 Datasheet(PDF) 4 Page - Ironwood Electronics.

Part # SG-MLF-7007
Description  Compression plate distributes forces evenly
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-MLF-7007 Datasheet(HTML) 4 Page - Ironwood Electronics.

  SG-MLF-7007 Datasheet HTML 1Page - Ironwood Electronics. SG-MLF-7007 Datasheet HTML 2Page - Ironwood Electronics. SG-MLF-7007 Datasheet HTML 3Page - Ironwood Electronics. SG-MLF-7007 Datasheet HTML 4Page - Ironwood Electronics. SG-MLF-7007 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3
2
5
6
10
8
9
1
4
7
11
13
12
14
ISO; scale 3:1
ITEM
NO.
DESCRIPTION
Material
1
GHz Socket Base 10mm IC 3mm Thk
7075-T6 Aluminum Alloy
2
Socket Lid
7075-T6 Aluminum Alloy
3
Compression Screw M6x1
Stainless Steel (18-8)
4
Compression Plate 9.95 x 1.5mm
7075-T6 Aluminum Alloy
5
#0-80 X .375 LG, SOC HD CAP SCREW,
ALLOY STL, BLK OXIDE
Alloy Steel
6
Alignment Pin 1/32" dia. x 1/8" lng
Chrome Stainless Steel
7
#0-80 Shoulder Screw, 1.59mm thread
length
Stainless Steel (303)
8
IC Guide
Torlon 4203
9
Test Chip
FR4 High temp
10
Test PCB
FR4 High temp
11
Elast Gde 10x10mm 0.475mm Thk
Ultem
12
Nut, #0-80, SS
Stainless Steel (18-8)
13
0.5mm thick, 0.05x 0.05mm pitch, 50mm
sqr, Z-axis conductive angled elastomer
20 Micron dia gold plated
brass filaments arranged
symettrically in a silicon
rubber (63.5 degree
angle), Thickness: 0.5mm
14
Washer, #0 x .025", Nylon
Nylon 6/6
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Socket, Backing Plate Detail
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. L
DATE: 08/19/13
Material: N/A
Finish: N/A
Weight: 5.52
SG-MLF-7007 Drawing
SCALE: 4:1
SHEET: 4 OF 5
ENG: S. Huang
FILE: SG-MLF-7007
DRAWN BY: D. Hauer


Similar Part No. - SG-MLF-7007

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-MLF-7000 IRONWOOD-SG-MLF-7000 Datasheet
41Kb / 3P
   Compression plate distributes forces evenly
SG-MLF-7001 IRONWOOD-SG-MLF-7001 Datasheet
40Kb / 3P
   Compression plate distributes forces evenly
SG-MLF-7002 IRONWOOD-SG-MLF-7002 Datasheet
384Kb / 5P
   Compression plate distributes forces evenly
SG-MLF-7003 IRONWOOD-SG-MLF-7003 Datasheet
37Kb / 3P
   Compression plate distributes forces evenly
SG-MLF-7004 IRONWOOD-SG-MLF-7004 Datasheet
40Kb / 3P
   Compression plate distributes forces evenly
More results

Similar Description - SG-MLF-7007

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-QFN12E-01 IRONWOOD-SS-QFN12E-01 Datasheet
78Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7058 IRONWOOD-SG-BGA-7058 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7123 IRONWOOD-SG-BGA-7123 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7246 IRONWOOD-SG-BGA-7246 Datasheet
373Kb / 5P
   Compression plate distributes forces evenly
SG-QFE-7000 IRONWOOD-SG-QFE-7000 Datasheet
44Kb / 3P
   Compression plate distributes forces evenly
XG-LGA-7000 IRONWOOD-XG-LGA-7000 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
XG-LGA-7004 IRONWOOD-XG-LGA-7004 Datasheet
583Kb / 4P
   Compression plate distributes forces evenly
XG-QFN-9000 IRONWOOD-XG-QFN-9000 Datasheet
43Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6184 IRONWOOD-SG-BGA-6184 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6147 IRONWOOD-SG-BGA-6147 Datasheet
96Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6113 IRONWOOD-SG-BGA-6113 Datasheet
38Kb / 3P
   Compression plate distributes forces evenly
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com