Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19221E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 19221E3
Description  Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

19221E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  19221E3 Datasheet HTML 1Page - Vishay Siliconix 19221E3 Datasheet HTML 2Page - Vishay Siliconix 19221E3 Datasheet HTML 3Page - Vishay Siliconix 19221E3 Datasheet HTML 4Page - Vishay Siliconix 19221E3 Datasheet HTML 5Page - Vishay Siliconix 19221E3 Datasheet HTML 6Page - Vishay Siliconix 19221E3 Datasheet HTML 7Page - Vishay Siliconix 19221E3 Datasheet HTML 8Page - Vishay Siliconix 19221E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
159 PUL-SI
www.vishay.com
Vishay BCcomponents
Revision: 31-Jan-17
5
Document Number: 28341
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
400
68
22 x 25
0.51
0.27
1600
3200
1170
1950
56689E3
76689E3
82
22 x 30
0.60
0.33
1200
2400
910
1520
46829E3
26829E3
82
25 x 25
0.60
0.33
1200
2400
910
1520
56829E3
76829E3
100
22 x 35
0.69
0.40
990
1980
740
1240
46101E3
26101E3
100
25 x 30
0.70
0.40
990
1980
740
1240
56101E3
76101E3
120
22 x 35
0.76
0.48
800
1600
660
1100
46121E3
26121E3
120
25 x 30
0.76
0.48
800
1600
660
1100
56121E3
76121E3
120
30 x 25
0.77
0.48
800
1600
660
1100
66121E3
86121E3
150
22 x 40
0.86
0.60
700
1400
510
860
36151E3
16151E3
150
25 x 35
0.89
0.60
700
1400
510
860
46151E3
26151E3
150
30 x 30
0.92
0.60
700
1400
510
860
56151E3
76151E3
180
25 x 40
1.01
0.72
590
1170
420
700
36181E3
16181E3
180
30 x 30
0.99
0.72
590
1170
420
700
46181E3
26181E3
180
35 x 25
0.96
0.72
590
1170
420
700
56181E3
76181E3
220
25 x 45
1.15
0.88
470
940
350
590
46221E3
26221E3
220
30 x 35
1.15
0.88
470
940
350
590
56221E3
76221E3
220
35 x 30
1.14
0.88
470
940
350
590
66221E3
86221E3
270
25 x 50
1.31
1.08
380
760
330
550
46271E3
26271E3
270
30 x 40
1.30
1.08
380
760
330
550
56271E3
76271E3
270
35 x 30
1.21
1.08
380
760
330
550
66271E3
86271E3
330
30 x 45
1.47
1.32
320
640
270
450
56331E3
76331E3
330
35 x 35
1.40
1.32
320
640
270
450
66331E3
86331E3
390
30 x 50
1.63
1.56
270
540
240
410
46391E3
26391E3
390
35 x 40
1.57
1.56
270
540
240
410
56391E3
76391E3
470
35 x 45
1.72
1.88
230
450
200
330
56471E3
76471E3
560
35 x 50
1.84
2.24
210
420
170
280
56561E3
76561E3
680
35 x 60
2.24
2.72
180
350
130
230
56681E3
76681E3
450
56
22 x 25
0.48
0.25
1600
3200
1120
1880
57569E3
77569E3
68
22 x 30
0.56
0.30
1200
2400
910
1530
47689E3
27689E3
68
25 x 25
0.56
0.30
1200
2400
910
1530
57689E3
77689E3
82
22 x 35
0.64
0.36
1100
2200
770
1290
57829E3
77829E3
100
22 x 40
0.74
0.45
900
1800
630
1050
37101E3
17101E3
100
25 x 30
0.71
0.45
900
1800
630
1050
47101E3
27101E3
100
30 x 25
0.73
0.45
900
1800
630
1050
57101E3
77101E3
120
25 x 35
0.82
0.54
750
1500
530
885
57121E3
77121E3
150
25 x 40
0.95
0.67
600
1200
420
705
47151E3
27151E3
150
30 x 30
0.93
0.67
600
1200
420
705
57151E3
77151E3
150
35 x 25
0.91
0.67
600
1200
420
705
67151E3
87151E3
180
25 x 45
1.07
0.81
500
1000
360
605
47181E3
27181E3
180
30 x 35
1.06
0.81
500
1000
360
605
57181E3
77181E3
220
30 x 40
1.21
0.99
370
740
310
525
47221E3
27221E3
220
35 x 30
1.14
0.99
370
740
310
525
57221E3
77221E3
270
30 x 45
1.37
1.21
350
700
270
450
47271E3
27271E3
270
35 x 35
1.32
1.21
350
700
270
450
57271E3
77271E3
330
30 x 50
1.54
1.48
300
600
230
390
47331E3
27331E3
330
35 x 40
1.49
1.48
300
600
230
390
57331E3
77331E3
390
35 x 45
1.61
1.75
250
500
200
340
57391E3
77391E3
470
35 x 40
1.90
1.50
210
300
115
190
90103E3D
-
470
35 x 50
1.72
2.11
210
420
170
290
57471E3
77471E3
560
35 x 60
2.11
2.52
190
380
140
240
57561E3
77561E3
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(μF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
120 Hz
105
C
(A)
IL5
5 min
(mA)
TYP. ESR
100 Hz (1)
(m
)
MAX. ESR
100 Hz (1)
(m
)
TYP. Z
10 kHz
(m
)
MAX. Z
10 kHz
(m
)
ORDERING CODE
MAL2159.......
2-TERM.
3-TERM.
Note
(1)
ESR at 120 Hz is approximately 0.95 x ESR 100 Hz


Similar Part No. - 19221E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
19221E3 VISHAY-19221E3 Datasheet
140Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
Revision: 09-May-08
More results

Similar Description - 19221E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
158PUL-SI VISHAY-158PUL-SI_16 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 13-Oct-16
090PUL-SI VISHAY-090PUL-SI_17 Datasheet
115Kb / 7P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 08-Sep-17
159-PUL-SI VISHAY-159-PUL-SI Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
090PUL-SI VISHAY-090PUL-SI_V01 Datasheet
97Kb / 7P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
01-Jan-2023
158PUL-SI VISHAY-158PUL-SI_V01 Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
01-Jan-2023
159PUL-SI VISHAY-159PUL-SI_V01 Datasheet
122Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
01-Jan-2023
logo
List of Unclassifed Man...
159PUL-SI ETC2-159PUL-SI Datasheet
668Kb / 12P
   Aluminum electrolytic capacitors Power Ultra Long Life Snap-in
logo
Vishay Siliconix
159PUL-SI VISHAY-159PUL-SI_17 Datasheet
122Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
159PULSI VISHAY-159PULSI_15 Datasheet
107Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 20-May-15
058PLL-SI VISHAY-058PLL-SI_16 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
Revision: 12-Oct-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com