Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM155R71H103KA88D Datasheet(PDF) 5 Page - Vishay Siliconix

Part # GRM155R71H103KA88D
Description  Selectable frequency from 200 kHz to 1 MHz with an external resistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GRM155R71H103KA88D Datasheet(HTML) 5 Page - Vishay Siliconix

  GRM155R71H103KA88D Datasheet HTML 1Page - Vishay Siliconix GRM155R71H103KA88D Datasheet HTML 2Page - Vishay Siliconix GRM155R71H103KA88D Datasheet HTML 3Page - Vishay Siliconix GRM155R71H103KA88D Datasheet HTML 4Page - Vishay Siliconix GRM155R71H103KA88D Datasheet HTML 5Page - Vishay Siliconix GRM155R71H103KA88D Datasheet HTML 6Page - Vishay Siliconix GRM155R71H103KA88D Datasheet HTML 7Page - Vishay Siliconix GRM155R71H103KA88D Datasheet HTML 8Page - Vishay Siliconix GRM155R71H103KA88D Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SiC401, SiC402, SiC403
www.vishay.com
Vishay Siliconix
Revision: 17-Nov-14
5
Document Number: 62923
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
LAYOUT CONSIDERATIONS
The SiC40x family of footprint compatible 15 A, 10 A, and
6 A products offers the designer a scalable buck regulator
solution. If the below layout recommendations are followed,
the same layout can be used to cover a wide range of output
currents and voltages without any changes to the board
design and only minor changes to the component values in
the schematic.
The reference design has a majority of the components
placed on the top layer. This allows for easy assembly and
straightforward layout.
Figure 2 outlines the pointers for the layout considerations
and the explanations follow.
Fig. 2 - Resistor Divider Network Allows 4.5 V at the VOUT PIN
1. Place input ceramic capacitors close to the voltage input
pins with a small 10 nF / 100 nF placed as close as the
design rules will allow. This will help reduce the size of
the input high frequency current loop and consequently
reduce the high frequency ripple noise seen at the input
and the LX node.
2. Place the setup and control passive devices logically
around the IC with the intention of placing a quiet ground
plane beneath them on a secondary layer.
3. It is advisable to use ceramic capacitors at the output to
reduce impedance. Place these as close to the IC PGND
and output voltage node as design will allow. Place a
small 10 nF / 100 nF ceramic capacitor closest to the IC
and inductor loop.
4. The loop between LX, VOUT and the IC GND should be as
compact as possible. This will lower series resistance
and also make the current loop smaller enabling the high
frequency response of the output capacitors to take
effect.
5. The output impedance should be small when high
current is required; use high current traces, multiple
layers can be used with many vias.
6. Use many vias when multiple layers are involved. This
will have the effect of lowering the resistance between
layers and reducing the via inductance of the PCB nets.
7. If a voltage injection network is needed then place it near
to the inductor LX node.
8. PGND can be used on internal layers if the resistance of
the PCB is to be small; this will also help remove heat.
Use extra vias if needed but be mindful to allow a path
between the vias.
9. A quiet plane should be employed for the AGND, this is
placed under the small signal passives. This can be
placed on multiple layers if needed for heat removal. This
should be connected to the PGND plane near to the input
GND at one connection only of at least 1mm width.
10. The LX copper can also be used on multiple layers, use
a number of vias.
11. The copper area beneath the inductor has been removed
(on all layers) in this design to reduce the inductive
coupling that occurs between the inductor and the GND
trace. No other voltage planes should be placed under
this area.


Similar Part No. - GRM155R71H103KA88D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155R71H103KA88D MURATA-GRM155R71H103KA88D Datasheet
88Kb / 2P
   Capacitor data sheet
logo
Qorvo, Inc
GRM155R71H103KA88D QORVO-GRM155R71H103KA88D Datasheet
962Kb / 13P
   CATV 75 Adjustable Low Gain (9??1dB) RF Amplifier
GRM155R71H103KA88D QORVO-GRM155R71H103KA88D Datasheet
1Mb / 18P
   75 20 dB CATV Amplifier 47 ??1218 MHz
GRM155R71H103KA88D QORVO-GRM155R71H103KA88D Datasheet
1Mb / 24P
   75 25 dB CATV Amplifier (47 ??1218 MHz)
GRM155R71H103KA88D QORVO-GRM155R71H103KA88D Datasheet
1Mb / 14P
   75 28dB CATV Doubler Amplifier 47 ??1218MHz
More results

Similar Description - GRM155R71H103KA88D

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-010704 MA-COM-MAAL-010704_15 Datasheet
1Mb / 15P
   Adjustable Current with an External Resistor
logo
Micronetics, Inc.
SMDM70TTL MICRONETICS-SMDM70TTL Datasheet
298Kb / 2P
   Legacy 200 kHz to 2 MHz
logo
MICORO CRYSTAL SWITZERL...
MCSO6 MICROCRYSTAL-MCSO6 Datasheet
278Kb / 2P
   From 10 kHz up to 155 MHz
MCSO2 MICROCRYSTAL-MCSO2 Datasheet
319Kb / 2P
   From 10 kHz up to 225 MHz
MCSO1 MICROCRYSTAL-MCSO1_17 Datasheet
415Kb / 2P
   From 10 kHz up to 225 MHz
logo
M/A-COM Technology Solu...
MAAL-010704 MA-COM-MAAL-010704 Datasheet
507Kb / 14P
   Low Noise Amplifier Adjustable Current with an External Resistor
logo
STMicroelectronics
LNBH26L STMICROELECTRONICS-LNBH26L Datasheet
944Kb / 28P
   Selectable output current limit by external resistor
March 2012 Rev 1
LNBH25 STMICROELECTRONICS-LNBH25 Datasheet
1Mb / 34P
   Selectable output current limit by external resistor
February 2012 Rev 4
LNBH30 STMICROELECTRONICS-LNBH30 Datasheet
830Kb / 27P
   Selectable output current limit by external resistor
March 2015 Rev 2
logo
KR Electronics, Inc.
3287-BNC KR-3287-BNC Datasheet
89Kb / 3P
   200 KHz Center Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com