Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLCR6200-AS12 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLCR6200-AS12
Description  Untinted non-diffused lens
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLCR6200-AS12 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLCR6200-AS12 Datasheet HTML 1Page - Vishay Siliconix TLCR6200-AS12 Datasheet HTML 2Page - Vishay Siliconix TLCR6200-AS12 Datasheet HTML 3Page - Vishay Siliconix TLCR6200-AS12 Datasheet HTML 4Page - Vishay Siliconix TLCR6200-AS12 Datasheet HTML 5Page - Vishay Siliconix TLCR6200-AS12 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLCR6200, TLCY6200
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 03-Mar-15
3
Document Number: 81197
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Ambient Temperature
Fig. 2 - Relative Intensity vs. Wavelength
Fig. 3 - Relative Intensity vs. Wavelength
Fig. 4 - Forward Current vs. Forward Voltage
Fig. 5 - Relative Luminous Flux vs. Forward Current
Fig. 6 - Relative Luminous Flux vs. Forward Current
0
10
20
30
40
50
60
0
20
40
60
80
100
120
Tamb - Ambient Temperature (°C)
16710
yellow
red
0.0
0.2
0.4
0.6
0.8
1.0
1.2
570
590
610
630
650
670
λ- Wavelength (nm)
16007
red
0
0.2
0.4
0.6
0.8
1.0
1.2
540
560
580
600
620
640
λ - Wavelength (nm)
16008
yellow
0
20
40
60
80
100
1.5
1.7
1.9
2.1
2.3
2.5
V
F - Forward Voltage (V)
15974
red
yellow
0.01
0.1
1
10
1
10
100
IF - Forward Current (mA)
15978
red
0.01
0.1
1
10
1
10
100
I
F - Forward Current (mA)
15979
yellow


Similar Part No. - TLCR6200-AS12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLCR6200-AS12 VISHAY-TLCR6200-AS12 Datasheet
131Kb / 6P
   Ultrabright LED, 횠 5 mm Untinted Non-Diffused Package DESCRIPTION The
01-Jan-2022
TLCR6200-AS12 VISHAY-TLCR6200-AS12 Datasheet
187Kb / 6P
   Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
More results

Similar Description - TLCR6200-AS12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLCS510 VISHAY-TLCS510 Datasheet
240Kb / 14P
   Untinted non-diffused lens
Rev. 1.8, 03-Feb-16
TLCR5800 VISHAY-TLCR5800_03 Datasheet
174Kb / 7P
   Ultrabright LED, ∅ 5 mm Untinted Non-Diffused
Rev. 2, 03-Apr-03
TLCY5100 VISHAY-TLCY5100 Datasheet
144Kb / 7P
   Ultrabright LED, 5 mm Untinted Non-Diffused
Rev. 1.4, 16-Feb-05
TLCR5800 VISHAY-TLCR5800 Datasheet
174Kb / 7P
   Ultrabright LED, 5 mm Untinted Non-Diffused
Rev. 1.5, 30-Aug-04
VLCPG5100 VISHAY-VLCPG5100 Datasheet
611Kb / 6P
   Ultrabright LED, 5 mm Untinted Non-Diffused Package
Rev. 1.2, 29-Apr-13
logo
List of Unclassifed Man...
ZD-1790 ETC-ZD-1790 Datasheet
756Kb / 5P
   Ultrabright LED, 첩 5 mm Untinted Non-Diffused
logo
Vishay Siliconix
TLHK5100 VISHAY-TLHK5100 Datasheet
265Kb / 9P
   High Intensity LED, ∅ 5 mm Untinted Non-Diffused
Rev. 1.9, 31-Aug-04
TLHF5800 VISHAY-TLHF5800 Datasheet
75Kb / 5P
   High Intensity LED, 5 mm Untinted Non-Diffused
Rev. A1, 04-Feb-99
TLHK5800 VISHAY-TLHK5800 Datasheet
75Kb / 5P
   High Intensity LED, 5 mm Untinted Non-Diffused
Rev. A1, 04-Feb-99
TLHY5800 VISHAY-TLHY5800 Datasheet
101Kb / 8P
   High Efficiency LED, 5 mm Untinted Non-Diffused
Rev. A1, 04-Feb-99
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com