Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLCR510 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # TLCR510
Description  Untinted non-diffused lens
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLCR510 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button TLCR510 Datasheet HTML 6Page - Vishay Siliconix TLCR510 Datasheet HTML 7Page - Vishay Siliconix TLCR510 Datasheet HTML 8Page - Vishay Siliconix TLCR510 Datasheet HTML 9Page - Vishay Siliconix TLCR510 Datasheet HTML 10Page - Vishay Siliconix TLCR510 Datasheet HTML 11Page - Vishay Siliconix TLCR510 Datasheet HTML 12Page - Vishay Siliconix TLCR510 Datasheet HTML 13Page - Vishay Siliconix TLCR510 Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TLCS510., TLCR510., TLCO510., TLCY510., TLCYG510., TLCPG510.
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 03-Feb-16
10
Document Number: 81346
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 31 - Relative Luminous Intensity vs. Ambient Temperature
Fig. 32 - Change of Dominant Wavelength vs.
Ambient Temperature
Fig. 33 - Change of Forward Voltage vs. Ambient Temperature
Fig. 34 - Relative Intensity vs. Wavelength
Fig. 35 - Relative Luminous Flux vs. Forward Current
Fig. 36 - Change of Dominant Wavelength vs. Forward Current
0
0.5
1.0
1.5
2.0
2.5
- 50
- 25
0
25
50
75
100
T
amb - Ambient Temperature (°C)
18619
yellow green
- 8
- 6
- 4
- 2
0
2
4
6
8
- 50
- 25
0
25
50
75
100
T
amb - Ambient Temperature (°C)
18620
yellow green
- 300
- 200
- 100
0
100
200
300
400
500
600
- 50
- 25
0
25
50
75
100
T
amb - Ambient Temperature (°C)
18618_1
10 mA
30 mA
50 mA
yellow green
0.0
0.2
0.4
0.6
0.8
1.0
1.2
510
530
550
570
590
610
18648
pure green
λ - Wavelength (nm)
0.01
0.1
1
10
110
100
I
F - Forward Current (mA)
18645
pure green
- 3
- 2
- 1
0
1
2
3
10
20
30
40
50
60
70
80
90 100
18650
I
F -
Forward Current (mA)
pure green


Similar Part No. - TLCR510

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLCR510 VISHAY-TLCR510 Datasheet
163Kb / 13P
   Ultrabright LED, 횠 5 mm Untinted Non-Diffused Package
01-Jan-2022
TLCR5100 VISHAY-TLCR5100 Datasheet
144Kb / 7P
   Ultrabright LED, 5 mm Untinted Non-Diffused
Rev. 1.4, 16-Feb-05
TLCR5100 VISHAY-TLCR5100 Datasheet
201Kb / 10P
   Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2022
TLCR5100 VISHAY-TLCR5100 Datasheet
202Kb / 10P
   Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
More results

Similar Description - TLCR510

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLCR6200 VISHAY-TLCR6200 Datasheet
128Kb / 6P
   Untinted non-diffused lens
Rev. 1.2, 03-Mar-15
TLCR5800 VISHAY-TLCR5800_03 Datasheet
174Kb / 7P
   Ultrabright LED, ∅ 5 mm Untinted Non-Diffused
Rev. 2, 03-Apr-03
TLCY5100 VISHAY-TLCY5100 Datasheet
144Kb / 7P
   Ultrabright LED, 5 mm Untinted Non-Diffused
Rev. 1.4, 16-Feb-05
TLCR5800 VISHAY-TLCR5800 Datasheet
174Kb / 7P
   Ultrabright LED, 5 mm Untinted Non-Diffused
Rev. 1.5, 30-Aug-04
VLCPG5100 VISHAY-VLCPG5100 Datasheet
611Kb / 6P
   Ultrabright LED, 5 mm Untinted Non-Diffused Package
Rev. 1.2, 29-Apr-13
logo
List of Unclassifed Man...
ZD-1790 ETC-ZD-1790 Datasheet
756Kb / 5P
   Ultrabright LED, 첩 5 mm Untinted Non-Diffused
logo
Vishay Siliconix
TLHK5100 VISHAY-TLHK5100 Datasheet
265Kb / 9P
   High Intensity LED, ∅ 5 mm Untinted Non-Diffused
Rev. 1.9, 31-Aug-04
TLHF5800 VISHAY-TLHF5800 Datasheet
75Kb / 5P
   High Intensity LED, 5 mm Untinted Non-Diffused
Rev. A1, 04-Feb-99
TLHK5800 VISHAY-TLHK5800 Datasheet
75Kb / 5P
   High Intensity LED, 5 mm Untinted Non-Diffused
Rev. A1, 04-Feb-99
TLHY5800 VISHAY-TLHY5800 Datasheet
101Kb / 8P
   High Efficiency LED, 5 mm Untinted Non-Diffused
Rev. A1, 04-Feb-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com