Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF1210JR-079M76 Datasheet(PDF) 6 Page - YAGEO Corporation

Part # AF1210JR-079M76
Description  ANTI-SULFURATED CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AF1210JR-079M76 Datasheet(HTML) 6 Page - YAGEO Corporation

  AF1210JR-079M76 Datasheet HTML 1Page - YAGEO Corporation AF1210JR-079M76 Datasheet HTML 2Page - YAGEO Corporation AF1210JR-079M76 Datasheet HTML 3Page - YAGEO Corporation AF1210JR-079M76 Datasheet HTML 4Page - YAGEO Corporation AF1210JR-079M76 Datasheet HTML 5Page - YAGEO Corporation AF1210JR-079M76 Datasheet HTML 6Page - YAGEO Corporation AF1210JR-079M76 Datasheet HTML 7Page - YAGEO Corporation AF1210JR-079M76 Datasheet HTML 8Page - YAGEO Corporation AF1210JR-079M76 Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Jun. 21, 2016 V.5
Product specification
6
9
SERIES
AF
0201 to 2512
FOOTPRINT AND SOLDERING PROFILES
For recommended footprint and soldering profiles of AF-series is the same as RC-series. Please see the special
data sheet “Chip resistors mounting”.
RESISTANCE
RANGE
TEMPERATURE COEFFICIENT OF RESISTANCE
PT040
2
100 M
Ω TO 910 MΩ
100 mΩ to 910 mΩ
± 200 ppm/°C
PT060
3
± 200 ppm/°C
PT080
5
± 200 ppm/°C
PT120
6
100 mΩ
> 100 mΩ
PT201
0
± 100 ppm/°C
± 75 ppm/°C
PT251
2
± 100 ppm/°C
± 75 ppm/°C
FUNCTIONAL DESCRIPTION
O
OP
PE
ER
RA
AT
TIIN
NG
G T
TE
EM
MP
PE
ER
RA
AT
TU
UR
RE
E R
RA
AN
NG
GE
E
AF0201 - AF2512 Range:
-55 °C to + 155 °C (Fig. 7)
P
PO
OW
WE
ER
R R
RA
AT
TIIN
NG
G
Each type rated power at 70 °C:
AF0201=1/20W (0.05W)
AF0402=1/16 W (0.0625W)
AF0603=1/10 W (0.1W)
AF0805=1/8 W (0.125W)
AF1206=1/4 W (0.25W)
AF1210=1/2W (0.5W)
AF1218=1W
AF2010=3/4W (0.75W)
AF2512=1W
RATED VOLTAGE
The DC or AC (rms) continuous working voltage
corresponding to the rated power is determined by
the following formula:
V = (P X R)
Where
V = Continuous rated DC or AC (rms) working
voltage (V)
P = Rated power (W)
R = Resistance value (Ω )
PACKING STYLE AND PACKAGING QUANTITY
PACKING STYLE
REEL
DIMENSION
AF0201
AF0402 AF0603/0805/
1206
AF1210 AF1218/2010/
2512
Paper taping reel (R)
7" (178 mm)
10,000/20,000
10,000/20,000
5,000
5,000
--
13" (330 mm)
50,000
50,000
20,000
20,000
--
Embossed taping reel (K)
7" (178 mm)
--
--
--
--
4,000
NOTE
1. For paper/embossed tape and reel specification/dimensions, please see the special data sheet “Chip resistors packing”.
Table 3 Packing style and packaging quantity
Fig. 7 Maximum dissipation (Pmax) in percentage of rated power as
a function of the operating ambient temperature (Tamb)


Similar Part No. - AF1210JR-079M76

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AF1206F1.50TM ETC2-AF1206F1.50TM Datasheet
357Kb / 8P
   1206 Fast Acting Surface Mount Fuses
AF1206F1.60TM ETC2-AF1206F1.60TM Datasheet
357Kb / 8P
   1206 Fast Acting Surface Mount Fuses
AF1206F10.0TM ETC2-AF1206F10.0TM Datasheet
357Kb / 8P
   1206 Fast Acting Surface Mount Fuses
AF1206F12.0TM ETC2-AF1206F12.0TM Datasheet
357Kb / 8P
   1206 Fast Acting Surface Mount Fuses
AF1206F15.0TM ETC2-AF1206F15.0TM Datasheet
357Kb / 8P
   1206 Fast Acting Surface Mount Fuses
More results

Similar Description - AF1210JR-079M76

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AF122FR-071R YAGEO-AF122FR-071R Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-07ORL YAGEO-AF122-FR-07ORL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-071RL YAGEO-AF122-FR-071RL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-070RL YAGEO-AF122-FR-070RL Datasheet
560Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
logo
Panasonic Semiconductor
ERJ-S02F1742X PANASONIC-ERJ-S02F1742X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02J103X PANASONIC-ERJ-S02J103X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02F2200X PANASONIC-ERJ-S02F2200X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S06J750V PANASONIC-ERJ-S06J750V Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S03J221V PANASONIC-ERJ-S03J221V Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
logo
YAGEO Corporation
AA0805FR-1310ML YAGEO-AA0805FR-1310ML Datasheet
522Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com