Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLH-L30D Datasheet(PDF) 1 Page - All Sensors Corporation

Part # DLH-L30D
Description  DLH Series Low Voltage Digital Pressure Sensors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

DLH-L30D Datasheet(HTML) 1 Page - All Sensors Corporation

  DLH-L30D Datasheet HTML 1Page - All Sensors Corporation DLH-L30D Datasheet HTML 2Page - All Sensors Corporation DLH-L30D Datasheet HTML 3Page - All Sensors Corporation DLH-L30D Datasheet HTML 4Page - All Sensors Corporation DLH-L30D Datasheet HTML 5Page - All Sensors Corporation DLH-L30D Datasheet HTML 6Page - All Sensors Corporation DLH-L30D Datasheet HTML 7Page - All Sensors Corporation DLH-L30D Datasheet HTML 8Page - All Sensors Corporation DLH-L30D Datasheet HTML 9Page - All Sensors Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
All Sensors
DS-0355 Rev A
The DLH Series Mini Digital Output Sensor is based on All Sensors’ CoBeam2TM Technology. This reduces package stress
susceptibility, resulting in improved overall long term stability and vastly improves the position sensitivity.
The digital interface options ease integration of the sensors into a wide range of process control and measurement sys-
tems, allowing direct connection to serial communications channels. For battery-powered systems, the sensors can enter
very low-power modes between readings to minimize load on the power supply.
These calibrated and compensated sensors provide accurate, stable output over a wide temperature range. This series
is intended for use with non-corrosive, non-ionic working fluids such as air, dry gases and the like. A protective parylene
coating is optionally available for moisture/harsh media protection.
• 5 to 60 inH2O Pressure Ranges
• 1.68V to 3.6V Supply Voltage Range
• I2C or SPI Interface (Automatically Selected)
• Better than 0.25% Accuracy
• High Resolution 16/17/18 bit Output
• Medical Breathing
• Environmental Controls
• HVAC
• Industrial Controls
• Portable/Hand-Held Equipment
General Description
Applications
Features
DLH Series Low Voltage Digital Pressure Sensors
Device
Operating Range
Proof Pressure
Burst Pressure
Nominal Span
DLH-L05D
±5 inH2O
200 inH2O
300 inH2O
±0.4 * 224 counts
DLH-L10D
±10 inH2O
200 inH2O
300 inH2O
±0.4 * 224 counts
DLH-L20D
±20 inH2O
200 inH2O
500 inH2O
±0.4 * 224 counts
DLH-L30D
±30 inH2O
200 inH2O
500 inH2O
±0.4 * 224 counts
DLH-L60D
±60 inH2O
200 inH2O
800 inH2O
±0.4 * 224 counts
DLH-L05G
0 to 5 inH2O
200 inH2O
300 inH2O
0.8 * 224 counts
DLH-L10G
0 to 10 inH2O
200 inH2O
300 inH2O
0.8 * 224 counts
DLH-L20G
0 to 20 inH2O
200 inH2O
500 inH2O
0.8 * 224 counts
DLH-L30G
0 to 30 inH2O
200 inH2O
500 inH2O
0.8 * 224 counts
DLH-L60G
0 to 60 inH2O
200 inH2O
800 inH2O
0.8 * 224 counts
Pressure Sensor Maximum Ratings
Environmental Specifications
Supply Voltage (Vs)
3.63 Vdc
Common Mode Pressure
10 psig
Lead Temperature (soldering 2-4 sec.)
270 °C
Temperature Ranges
Compensated:
Commercial
0°C to 70°C
Industrial
-20°C to 85°C
Operating
-25°C to 85 °C
Storage
-40°C to 125 °C
Humidity Limits (non condensing)
0 to 95% RH
Standard Pressure Ranges
Equivalent Circuit
Page 1
I2C
Vs
Gnd
SCL
SDA
EOC
SPI
Vs
Gnd
SCLK
MOSI
/SS
- OR -
MISO
EOC


Similar Part No. - DLH-L30D

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DLH-L30D ASC-DLH-L30D Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
DLH-L30D ASC-DLH-L30D Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
More results

Similar Description - DLH-L30D

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DS-0355 ASC-DS-0355 Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
DLH-L10D-E1BD-C-NAV8 ASC-DLH-L10D-E1BD-C-NAV8 Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
DS-0300 ASC-DS-0300 Datasheet
1Mb / 18P
   Low Voltage Digital Pressure Sensors
DLHR-L60G-E1BD-C-NAV8 ASC-DLHR-L60G-E1BD-C-NAV8 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DLVR-L01D-E2NS-C-NI3F ASC-DLVR-L01D-E2NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLHR-F50D-E1BD-C-NAV8 ASC-DLHR-F50D-E1BD-C-NAV8 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NJ-C-NI5F ASC-DLVR-L02D-E1NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NS-C-NI3F ASC-DLVR-L02D-E1NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DS-0336 ASC-DS-0336 Datasheet
1Mb / 15P
   DLV Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E2NJ-C-NI5F ASC-DLVR-L02D-E2NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com