Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLH-L10G Datasheet(PDF) 7 Page - All Sensors Corporation

Part # DLH-L10G
Description  DLH Series Low Voltage Digital Pressure Sensors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

DLH-L10G Datasheet(HTML) 7 Page - All Sensors Corporation

Back Button DLH-L10G Datasheet HTML 3Page - All Sensors Corporation DLH-L10G Datasheet HTML 4Page - All Sensors Corporation DLH-L10G Datasheet HTML 5Page - All Sensors Corporation DLH-L10G Datasheet HTML 6Page - All Sensors Corporation DLH-L10G Datasheet HTML 7Page - All Sensors Corporation DLH-L10G Datasheet HTML 8Page - All Sensors Corporation DLH-L10G Datasheet HTML 9Page - All Sensors Corporation DLH-L10G Datasheet HTML 10Page - All Sensors Corporation DLH-L10G Datasheet HTML 11Page - All Sensors Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
All Sensors
DS-0355 Rev A
I2C Interface (Cont’d)
Figure 3 - I2C Communication Diagram
Page 7
I2C Bus Communications Overview
The I2C interface uses a set of signal sequences for communication. The following is a description of the sup-
ported sequences and their associated mnemonics. Refer to Figure 3 for the associated usage of the following
signal sequences.
Bus not Busy (I): During idle periods both data line (SDA) and clock line (SCL) remain HIGH.
START condition (ST): A HIGH to LOW transition of SDA line while the clock (SCL) is HIGH is interpreted as
START condition. START conditions are always set by the master. Each initial request for a pressure value has to
begin with a START condition.
Slave address (An): The I²C-bus requires a unique address for each device. The DLH sensor has a preconfigured
slave address (see specification table on Page 3). After setting a START condition the master sends the address
byte containing the 7 bit sensor address followed by a data direction bit (R/W). A “0” indicates a transmission
from master to slave (WRITE), a “1” indicates a device-to master request (READ).
Acknowledge (A or N): Data is transferred in units of 8 bits (1 byte) at a time, MSB first. Each data-receiving
device, whether master or slave, is required to pull the data line LOW to acknowledge receipt of the data. The
Master must generate an extra clock pulse for this purpose. If the receiver does not pull the data line down, a
NACK condition exists, and the slave transmitter becomes inactive. The master determines whether to send
the last command again or to set the STOP condition, ending the transfer.
DATA valid (Dn): State of data line represents valid data when, after a START condition, data line is stable for
duration of HIGH period of clock signal. Data on line must be changed during LOW period of clock signal.
There is one clock pulse per data bit.
STOP condition (P): LOW to HIGH transition of the SDA line while clock (SCL) is HIGH indicates a STOP con-
dition. STOP conditions are always generated by the master.
1.
Measurement Commands:Start-Single (tostart readingofsinglesample):
Start-Single
C23…C16: 0xAA
Start-Average2
C23…C16:0xAC
Start-Average4
C23…C16:0xAD
Start-Average8
C23…C16:0xAE
Start-Average16
C23…C16:0xAF
0x00
0x00
Setbybus master:I ST A6 A5 A4 A3 A2 A1 A0 W
C23 … C16
C15… C8
C7 …C0
SP I
Setby sensor:
AA
AN
2.
Status Read :
Setbybus master:I ST A6 A5 A4 A3 A2 A1 A0 RN SP I
Setby sensor:
A S7 …S0
3.
Data Read:
Setbybus master:I ST A6 A5 A4 A3 A2 A1 A0 RA
AA
AA
AN SP I
Setby sensor:
A S7 …S0
P23 … P16
P15… P8
P7 …P0
T23 … T16
T15 … T8
T7 … T0
Busstates:
Sensor Address:
Databits:
Idle:I
A6 …A0
Status:
S7 …S0
Start:
ST
Default: 0x29Pressure data:
P23… P0
Stop:SPTemperature data:
T23… T0
Ack:
ACommand Bits:
Nack:N
C23 … C0
“Read” bit (1): R
“Write”bit (0):W


Similar Part No. - DLH-L10G

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DLH-L10G ASC-DLH-L10G Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
DLH-L10G ASC-DLH-L10G Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
More results

Similar Description - DLH-L10G

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DLH-L05D-E1BD-C-NAV8 ASC-DLH-L05D-E1BD-C-NAV8 Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
DS-0355 ASC-DS-0355 Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
DS-0300 ASC-DS-0300 Datasheet
1Mb / 18P
   Low Voltage Digital Pressure Sensors
DLHR-L60G-E1BD-C-NAV8 ASC-DLHR-L60G-E1BD-C-NAV8 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DLVR-L01D-E2NS-C-NI3F ASC-DLVR-L01D-E2NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLHR-F50D-E1BD-C-NAV8 ASC-DLHR-F50D-E1BD-C-NAV8 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NJ-C-NI5F ASC-DLVR-L02D-E1NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NS-C-NI3F ASC-DLVR-L02D-E1NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DS-0336 ASC-DS-0336 Datasheet
1Mb / 15P
   DLV Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E2NJ-C-NI5F ASC-DLVR-L02D-E2NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com