Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLHR-L20D Datasheet(PDF) 4 Page - All Sensors Corporation

Part # DLHR-L20D
Description  DLHR Series Low Voltage Digital Pressure Sensors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

DLHR-L20D Datasheet(HTML) 4 Page - All Sensors Corporation

  DLHR-L20D Datasheet HTML 1Page - All Sensors Corporation DLHR-L20D Datasheet HTML 2Page - All Sensors Corporation DLHR-L20D Datasheet HTML 3Page - All Sensors Corporation DLHR-L20D Datasheet HTML 4Page - All Sensors Corporation DLHR-L20D Datasheet HTML 5Page - All Sensors Corporation DLHR-L20D Datasheet HTML 6Page - All Sensors Corporation DLHR-L20D Datasheet HTML 7Page - All Sensors Corporation DLHR-L20D Datasheet HTML 8Page - All Sensors Corporation DLHR-L20D Datasheet HTML 9Page - All Sensors Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DLHR Series Low Voltage Digital Pressure Sensors
Device Ordering Options
Output Resolution
Calibrated output resolution can be ordered to be 16, 17, or 18 bits.
Higher resolution results in slower update times; see the Data Update Time in the Performance Characteristics table.
Coating
Parylene Coating: Parylene coating provides a moisture barrier and protection form some harsh media. Consult factory
for applicability of Parylene for the target application and sensor type.
The DLHR is a digital sensor with a signal path that includes a sensing element, a variable- bit analog to digital converter, a
DSP and an IO block that supports either an I2C or SPI interface (see Figure 1 below). The sensor also includes an internal tem-
perature reference and associated control logic to support the configured operating mode. Since there is a single ADC, there
is also a multiplexer at the front end of the ADC that selects the signal source for the ADC.
The ADC performs conversions on the raw sensor signal (P), the temperature reference (T) and a zero reference (Z)
during the ADC measurement cycle.
The DSP receives the converted pressure and temperature information and applies a multi-order transfer function to
compensate the pressure output. This transfer function includes compensation for span, offset, temperature effects on
span, temperature effects on offset and second order temperature effects on both span and offset. There is also
linearity compensation for gage devices and front to back linearity compensation for differential devices.
Sensor Commands: Five Measurement commands are supported, returning values of either a single pressure /
temperature reading or an average of 2, 4, 8, or 16 readings. Each of these commands wakes the sensor from Idle state
into Active state, and starts a measurement cycle. For the Start-Average commands, this cycle is repeated the
appropriate numper of times, while the Start-Single command performs a single iteration. When the DSP has
completed calculations and the new values have been made available to the I/O block, the sensor returns to Idle state.
The sensor remains in this low-power state until another Measurement command is received.
After completion of the measurement, the result may then be read using the Data Read command. The ADC and DSP
remain in Idle state, and the I/O block returns the 7 bytes of status and measurement data. See Figure 2, following. At
any time, the host may request current device status with the Status Read command.
See Table 1 for a summary of all commands.
For optimum sensor performance, All Sensors recommends that Measurement commands be issued at a fixed interval
by the host system. Irregular request intervals may increase overall noise on the output.
Furthermore, if reading intervals are much slower than the Device Update Time, using the Averaging commands is
suggested to reduce offset shift. This shift is constant with respect to time interval, and may be removed by the applica-
tion. For longer fixed reading intervals, this shift may be removed by the factory on special request.
I/O Interface Configuration: The sensor automatically selects SPI or I2C serial interface, based on the following protocol:
If the /SS input is set low by the host (as occurs during a SPI command transaction), the I/O interface will remain
configured for SPI communications until power is removed. Otherwise, once a valid device address and command have
been received over the I2C interface, the I/O interface will remain configured for I2C until power is removed.
NOTE: The four-pin (SIP) packages only support the I2C interface.
Page 4
Operation Overview
Figure 1 - DLHR Essential Model


Similar Part No. - DLHR-L20D

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DLHR-L20D ASC-DLHR-L20D Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
More results

Similar Description - DLHR-L20D

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DLHR-F50D-E1BD-C-NAV8 ASC-DLHR-F50D-E1BD-C-NAV8 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DS-0350 ASC-DS-0350 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DS-0300 ASC-DS-0300 Datasheet
1Mb / 18P
   Low Voltage Digital Pressure Sensors
DLVR-L01D-E2NS-C-NI3F ASC-DLVR-L01D-E2NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLH-L05D-E1BD-C-NAV8 ASC-DLH-L05D-E1BD-C-NAV8 Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NJ-C-NI5F ASC-DLVR-L02D-E1NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NS-C-NI3F ASC-DLVR-L02D-E1NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DS-0336 ASC-DS-0336 Datasheet
1Mb / 15P
   DLV Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E2NJ-C-NI5F ASC-DLVR-L02D-E2NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L01D-E1NJ-C-NI3F ASC-DLVR-L01D-E1NJ-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com