Electronic Components Datasheet Search |
|
AF1206FR-139M76 Datasheet(PDF) 6 Page - YAGEO Corporation |
|
AF1206FR-139M76 Datasheet(HTML) 6 Page - YAGEO Corporation |
6 / 9 page Chip Resistor Surface Mount www.yageo.com Jun. 21, 2016 V.5 Product specification 6 9 SERIES AF 0201 to 2512 FOOTPRINT AND SOLDERING PROFILES For recommended footprint and soldering profiles of AF-series is the same as RC-series. Please see the special data sheet “Chip resistors mounting”. RESISTANCE RANGE TEMPERATURE COEFFICIENT OF RESISTANCE PT040 2 100 M Ω TO 910 MΩ 100 mΩ to 910 mΩ ± 200 ppm/°C PT060 3 ± 200 ppm/°C PT080 5 ± 200 ppm/°C PT120 6 100 mΩ > 100 mΩ PT201 0 ± 100 ppm/°C ± 75 ppm/°C PT251 2 ± 100 ppm/°C ± 75 ppm/°C FUNCTIONAL DESCRIPTION O OP PE ER RA AT TIIN NG G T TE EM MP PE ER RA AT TU UR RE E R RA AN NG GE E AF0201 - AF2512 Range: -55 °C to + 155 °C (Fig. 7) P PO OW WE ER R R RA AT TIIN NG G Each type rated power at 70 °C: AF0201=1/20W (0.05W) AF0402=1/16 W (0.0625W) AF0603=1/10 W (0.1W) AF0805=1/8 W (0.125W) AF1206=1/4 W (0.25W) AF1210=1/2W (0.5W) AF1218=1W AF2010=3/4W (0.75W) AF2512=1W RATED VOLTAGE The DC or AC (rms) continuous working voltage corresponding to the rated power is determined by the following formula: V = (P X R) Where V = Continuous rated DC or AC (rms) working voltage (V) P = Rated power (W) R = Resistance value (Ω ) PACKING STYLE AND PACKAGING QUANTITY PACKING STYLE REEL DIMENSION AF0201 AF0402 AF0603/0805/ 1206 AF1210 AF1218/2010/ 2512 Paper taping reel (R) 7" (178 mm) 10,000/20,000 10,000/20,000 5,000 5,000 -- 13" (330 mm) 50,000 50,000 20,000 20,000 -- Embossed taping reel (K) 7" (178 mm) -- -- -- -- 4,000 NOTE 1. For paper/embossed tape and reel specification/dimensions, please see the special data sheet “Chip resistors packing”. Table 3 Packing style and packaging quantity Fig. 7 Maximum dissipation (Pmax) in percentage of rated power as a function of the operating ambient temperature (Tamb) |
Similar Part No. - AF1206FR-139M76 |
|
Similar Description - AF1206FR-139M76 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |