Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS18 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # SS18
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SS18 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SS18 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SS18 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SS18 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
SURFACE MOUNT SCHOTTKY
BARRIER RECTIFIERS
SS12--SS110
Document Number: SMA401AA
www.gmicroelec.com
1
FEATURES
Schottky barrier rectifier
Guarding protection
Low forward voltage
Reverse energy tested
High current capability
Extremely low thermal resistance
MECHANICAL DATA
Case: SMA molded plastic body
Polarity: Color band denotes cathode end
Mounting position: ANY
Maximum Ratings (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
SS12
SS13
SS14
SS145
SS15
SS16
SS18
SS19
SS110
UNITS
Maximum repetitive peak reverse voltage
VRRM
20
30
40
45
50
60
80
90
100
V
Maximum RMS voltage
VRWS
14
21
28
31.5
35
42
56
63
70
V
Maximum DC blocking voltage
VDC
20
30
40
45
50
60
80
90
100
V
Maximum average forward rectified current
at TL=90℃
IF(AV)
1.0
A
Peak forward surge current
8.3ms single half-sine-wave
IFSM
35
A
Thermal Characteristics
Characteristic
Symbol
SS12
SS13
SS14
SS145
SS15
SS16
SS18
SS19
SS110
UNITS
Typical thermal resistance (NOTE 1)
RθJL
RθJA
28
88
/W
Typical Junction Capacitance (NOTE 2)
CJ
88
pF
Operating temperature range
TJ
-55 ---- +125
-55 ---- +150
Storage temperature range
TSTG
-55 ---- +150
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
SS12
SS13
SS14
SS145
SS15
SS16
SS18
SS19
SS110
UNITS
Maximum instantaneous forward voltage
at IFM=1.0A
VF
0.50
0.75
0.85
V
Maximum DC reverse current TJ=25 ℃
at rated DC blocking voltage TJ=125℃
IR
0.2
0.5
m A
6.0
5.0
Note:1、P.C.B. mounted with 0.2 x 0.2” (5.0 x 5.0mm) copper pad areas
2、1.Measured at 1MHz and applied reverse voltage of 4.0V D.C
Pb
Lead-free


Similar Part No. - SS18

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SS18 KEXIN-SS18 Datasheet
900Kb / 2P
   Schottky Diodes
logo
Pan Jit International I...
SS18 PANJIT-SS18 Datasheet
66Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
SS18 PACELEADER-SS18 Datasheet
550Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
logo
MIC GROUP RECTIFIERS
SS18 MIC-SS18 Datasheet
99Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SS18 YFWDIODE-SS18 Datasheet
542Kb / 3P
   SURFACE MOUNTSCHOTTKY RECTIFIERS
More results

Similar Description - SS18

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com