Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

170-110-00000 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 170-110-00000
Description  PROTECTION CAP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

170-110-00000 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  170-110-00000 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 170-110-00000 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data Sheet
PROTECTION CAP
170-XXX-XXXXX
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
2 / 2
170-089-00000
2,36x4,76x0,71
black
Mini Coax (f + m)
170-097-00000
26,99x12,70x1,52
black
HVR40 Kabelseite
170-097-00001
38,1x19,05x1,39
black
HVR40 Stiftwanne
170-109-00000
34,93x19,05 x 1,65
black
SLPCC001-C05
170-110-00000
44,45x19,05x1,65
black
SLPCC001-C06
170-111-00000
53,98x19,05x1,65
black
SLPCC001-C07
170-115-00000
31,75x20,0x1,65
black
H1S101-92SPC0B1-A
170-116-00000
17,45x19,05x1,52
black
M&I
170-127-00000
3,48x6x0,71
black
SMB (f)
Material and plating
Parts
Material
Plating
Protection cap
PVC Shore A 65±5
Environmental data
Temperature range
-45°C to +85°C
RoHS
compliant
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
F. Fraunhofer
22.01.09
B. Huppenberger
11.01.17
h00
17-0004
P. Schiebeck
11.01.17
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 170-110-00000

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
170-097-00005 ROSENBERGER-170-097-00005 Datasheet
1Mb / 1P
   PROTECTION CAP
logo
List of Unclassifed Man...
170-4408 ETC2-170-4408 Datasheet
2Mb / 54P
   standard straight tips
170-4409 ETC2-170-4409 Datasheet
2Mb / 54P
   standard straight tips
170-4410 ETC2-170-4410 Datasheet
2Mb / 54P
   standard straight tips
170-4411 ETC2-170-4411 Datasheet
2Mb / 54P
   standard straight tips
More results

Similar Description - 170-110-00000

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
65Z001-000N ROSENBERGER-65Z001-000N Datasheet
148Kb / 2P
   Protection Cap
170-097-00005 ROSENBERGER-170-097-00005 Datasheet
1Mb / 1P
   PROTECTION CAP
53Z117-000N ROSENBERGER-53Z117-000N Datasheet
39Kb / 2P
   PROTECTION CAP
51Z115-000N ROSENBERGER-51Z115-000N Datasheet
41Kb / 2P
   PROTECTION CAP JACK
53Z115-004N ROSENBERGER-53Z115-004N Datasheet
39Kb / 2P
   PROTECTION CAP JACK
32Z112-000F ROSENBERGER-32Z112-000F Datasheet
221Kb / 2P
   PROTECTION CAP PLUG
51Z110-000N ROSENBERGER-51Z110-000N Datasheet
40Kb / 2P
   PROTECTION CAP PLUG
51Z112-000N ROSENBERGER-51Z112-000N Datasheet
41Kb / 2P
   PROTECTION CAP PLUG
98Z105-S00 ROSENBERGER-98Z105-S00_53 Datasheet
640Kb / 1P
   PROTECTION CAP PLUG
logo
PHOENIX CONTACT
1785430 PHOENIX-1785430 Datasheet
55Kb / 2P
   Protective cap - PV-C PROTECTION CAP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com