Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMD18245 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMD18245
Description  3A, 55V DMOS Full-Bridge Motor Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMD18245 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMD18245 Datasheet HTML 6Page - National Semiconductor (TI) LMD18245 Datasheet HTML 7Page - National Semiconductor (TI) LMD18245 Datasheet HTML 8Page - National Semiconductor (TI) LMD18245 Datasheet HTML 9Page - National Semiconductor (TI) LMD18245 Datasheet HTML 10Page - National Semiconductor (TI) LMD18245 Datasheet HTML 11Page - National Semiconductor (TI) LMD18245 Datasheet HTML 12Page - National Semiconductor (TI) LMD18245 Datasheet HTML 13Page - National Semiconductor (TI) LMD18245 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
The Typical Application (Continued)
ONE-PHASE-ON FULL STEP DRIVE (WAVE DRIVE)
To make the motor take full steps, windings A and B can be
energized in the sequence
A→B→A*→B*→A→ …,
where A represents winding A energized with current in one
direction and A* represents winding A energized with current
in the opposite direction. The motor takes one full step each
time one winding is de-energized and the other is energized.
To make the motor step in the opposite direction, the order of
the above sequence must be reversed.
Figure 7 shows the
winding currents and digital control signals for a wave drive
application of the typical application circuit.
TWO-PHASE-ON FULL STEP DRIVE
To make the motor take full steps, windings A and B can also
be energized in the sequence
AB→A*B→A*B*→AB*→AB→ …,
and because both windings are energized at all times, this
sequence produces more torque than that produced with
wave drive. The motor takes one full step at each change of
direction of either winding current.
Figure 8 shows the wind-
ing currents and digital control signals for this application of
the typical application circuit, and
Figure 9 shows, for a
single phase, the winding current and voltage at the output of
the associated current sense amplifier.
DS011878-16
FIGURE 6. Typical Application Circuit for Driving Bipolar Stepper Motors
www.national.com
10


Similar Part No. - LMD18245

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMD18245 NSC-LMD18245 Datasheet
1Mb / 21P
   3A, 55V DMOS Full-Bridge Motor Driver
logo
Texas Instruments
LMD18245 TI1-LMD18245 Datasheet
1Mb / 30P
[Old version datasheet]   LMD18245 3A, 55V DMOS Full-Bridge Motor Driver
LMD18245T TI1-LMD18245T Datasheet
1Mb / 30P
[Old version datasheet]   LMD18245 3A, 55V DMOS Full-Bridge Motor Driver
LMD18245T/NOPB TI1-LMD18245T/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   LMD18245 3A, 55V DMOS Full-Bridge Motor Driver
logo
National Semiconductor ...
LMD18245 NSC-LMD18245_06 Datasheet
1Mb / 21P
   3A, 55V DMOS Full-Bridge Motor Driver
More results

Similar Description - LMD18245

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMD18245 NSC-LMD18245_06 Datasheet
1Mb / 21P
   3A, 55V DMOS Full-Bridge Motor Driver
logo
Texas Instruments
LMD18245 TI1-LMD18245 Datasheet
1Mb / 30P
[Old version datasheet]   LMD18245 3A, 55V DMOS Full-Bridge Motor Driver
logo
Allegro MicroSystems
A3950 ALLEGRO-A3950_06 Datasheet
530Kb / 12P
   DMOS Full-Bridge Motor Driver
A3949SLPTR ALLEGRO-A3949SLPTR Datasheet
240Kb / 7P
   DMOS Full-Bridge Motor Driver
A3949 ALLEGRO-A3949_04 Datasheet
226Kb / 8P
   DMOS Full-Bridge Motor Driver
A3949 ALLEGRO-A3949_16 Datasheet
230Kb / 7P
   DMOS Full-Bridge Motor Driver
A3950 ALLEGRO-A3950 Datasheet
317Kb / 9P
   DMOS Full-Bridge Motor Driver
November 4, 2005
A3949 ALLEGRO-A3949 Datasheet
231Kb / 7P
   DMOS Full-Bridge Motor Driver
A3950 ALLEGRO-A3950_16 Datasheet
705Kb / 13P
   DMOS Full-Bridge Motor Driver
A3949SLBTR ALLEGRO-A3949SLBTR Datasheet
230Kb / 7P
   DMOS Full-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com