Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLHG44K1L2 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLHG44K1L2
Description  Luminous intensity categorized
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHG44K1L2 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLHG44K1L2 Datasheet HTML 1Page - Vishay Siliconix TLHG44K1L2 Datasheet HTML 2Page - Vishay Siliconix TLHG44K1L2 Datasheet HTML 3Page - Vishay Siliconix TLHG44K1L2 Datasheet HTML 4Page - Vishay Siliconix TLHG44K1L2 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TLHG44K1L2
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 14-Oct-14
3
Document Number: 82397
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Relative Luminous Intensity vs. Angular Displacement
Fig. 4 - Forward Current vs. Forward Voltage
Fig. 5 - Relative Luminous Intensity vs. Ambient Temperature
Fig. 6 - Specific Luminous Intensity vs. Forward Current
Fig. 7 - Relative Luminous Intensity vs. Forward Current
Fig. 8 - Relative Intensity vs. Wavelength
0.4
0.2
0
0.2
0.4
0.6
95 10042
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
0.1
1
10
100
1000
10
8
6
4
2
0
95 10034
VF - Forward Voltage (V)
green
t
p/T = 0.001
t
p = 10 µs
0
0.4
0.8
1.2
1.6
95 10035
green
I
F = 10 mA
Tamb - Ambient Temperature (°C)
20
40
60
80
0100
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
95 10263
500
2.0
green
I
F (mA)
0.5
0.2
0.1
0.05
0.02
1
t
p/T
IF - Forward Current (mA)
100
green
0.1
1
10
95 10037
10
1
520
540
560
580
600
0
0.2
0.4
0.6
0.8
1.2
620
95 10038
λ - Wavelength (nm)
1.0
green


Similar Part No. - TLHG44K1L2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHG44K1L2 VISHAY-TLHG44K1L2 Datasheet
113Kb / 5P
   High Efficiency LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLHG44K1L2 VISHAY-TLHG44K1L2_V01 Datasheet
113Kb / 5P
   High Efficiency LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
More results

Similar Description - TLHG44K1L2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMW21 VISHAY-VLMW21 Datasheet
333Kb / 10P
   Luminous intensity categorized
Rev. 1.4, 09-Feb-10
TLUR2400 VISHAY-TLUR2400 Datasheet
763Kb / 5P
   Luminous intensity categorized
Rev. 1.5, 22-Apr-13
TLHP42J2L1 VISHAY-TLHP42J2L1 Datasheet
109Kb / 5P
   Luminous intensity and color categorized
Rev. 1.3, 14-Oct-14
TLVD4200 VISHAY-TLVD4200 Datasheet
197Kb / 6P
   Categorized for luminous flux
Rev. 2.0, 27-Jan-15
TLVY42N1P2-34 VISHAY-TLVY42N1P2-34 Datasheet
142Kb / 5P
   Categorized for luminous flux
Rev. 1.2, 14-Oct-14
logo
OSRAM GmbH
LRTGFTM-S7T7-1-V7AW-29 OSRAM-LRTGFTM-S7T7-1-V7AW-29 Datasheet
403Kb / 24P
   luminous intensity
LUWG5AP-5D5E-BG-P4P6-LH OSRAM-LUWG5AP-5D5E-BG-P4P6-LH Datasheet
396Kb / 17P
   luminous intensity
logo
HB Electronic Component...
PLCC4XRGBCT HB-PLCC4XRGBCT Datasheet
2Mb / 10P
   High luminous Intensity
logo
P-tec Corporation
PL5050A6-WCR50 P-TEC-PL5050A6-WCR50 Datasheet
401Kb / 7P
   High luminous intensity
logo
Sanken electric
SECU1B07C SANKEN-SECU1B07C Datasheet
203Kb / 10P
   High Luminous Intensity
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com