Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61178x Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS61178x
Description  20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61178x Datasheet(HTML) 5 Page - Texas Instruments

  TPS61178x Datasheet HTML 1Page - Texas Instruments TPS61178x Datasheet HTML 2Page - Texas Instruments TPS61178x Datasheet HTML 3Page - Texas Instruments TPS61178x Datasheet HTML 4Page - Texas Instruments TPS61178x Datasheet HTML 5Page - Texas Instruments TPS61178x Datasheet HTML 6Page - Texas Instruments TPS61178x Datasheet HTML 7Page - Texas Instruments TPS61178x Datasheet HTML 8Page - Texas Instruments TPS61178x Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
5
TPS61178, TPS611781
www.ti.com
SLVSDA7 – FEBRUARY 2017
Product Folder Links: TPS61178 TPS611781
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.5 Electrical Characteristics
VIN = 2.7 V to 14 V and VOUT = 16 V, TJ = - 40 °C to 125 °C , Typical values are at TJ = 25 °C, unless otherwise noted.
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
POWER SUPPLY
VIN
Input voltage range
2.7
20
V
VIN_UVLO
Input voltage under voltage lockout
(UVLO) threshold
VIN rising
2.6
2.7
V
VIN falling
2.2
2.3
VIN_HYS
VIN UVLO hysteresis
400
mV
VCC
VCC regulation voltage
ICC = 5mA, VIN = 8V
6
V
VCC_UVLO
VCC UVLO threshold
VCC falling
2.1
V
IQ
Quiescent current into VIN pin
IC enabled, no load, no ext. FET
VIN = 6 V, VOUT = 20 V, VFB = 1.3 V,
–40 °C
≤ TJ ≤ 85°C
1.5
3
µA
Quiescent current into VIN pin
IC enabled, no load, no ext. FET
VIN = 20 V, VOUT = 20 V, VFB = 1.3 V,
–40 °C
≤ TJ ≤ 85°C
270
330
Quiescent current into VOUT pin
IC enabled, no load, no ext. FET
VIN = 6 V, VFB = 1.3 V, VOUT = 20 V,
–40 °C
≤ TJ ≤ 85°C
250
310
Quiescent current into VOUT pin
IC enabled, no load, no ext. FET
VIN = 20 V, VOUT = 20 V, VFB = 1.3 V,
–40 °C
≤ TJ ≤ 85°C
5
12
ISD
Shutdown current into VIN pin
IC disabled, VIN = 6 V,
–40 °C
≤ TJ ≤ 85°C
1
3.5
µA
IC disabled, VIN = 20 V,
–40 °C
≤ TJ ≤ 85°C
3
6
µA
ILS_LKG
Leakage current of LS FET
IC disabled, VIN = VOUT = SW = 20 V
–40 °C
≤ TJ ≤ 85°C
0.1
6.5
µA
OUTPUT VOLTAGE
VOUT
Output voltage range
Freq = 500 kHz
4.5
20
V
VOVP
Output over-voltage protection
threshold
VIN = 8 V, VOUT rising
20.5
21
21.5
V
POWER SWITCHES
RDS(on)
High-side MOSFET on resistance
VCC = 6 V
16
25
Low-side MOSFET on resistance
VCC = 6 V
16
25
Gm
Power stage trans-conductance
(peak current ratio with comp
voltage)
VCC = 6 V
12
A/V
CURRENT LIMIT
ILIM_SW
TPS61178 ( Auto PFM ) Peak
switching current limit
RLIMIT = 80.6 kΩ, Maximum Duty
Cycle
6.4
8
9.4
A
TPS611781 ( Forced PWM ) Peak
switching current limit
RLIMIT = 80.6 kΩ, Maximum Duty
Cycle
5.4
7.2
8.4
A
ILIM_SHORT TPS61178 short current limit
20
A
VOLTAGE REFERENCE
VREF
Reference Voltage at FB pin
PWM Operation
1.180
1.198
1.210
V
Auto PFM Operation
101%
VREF
IFB_LKG
Leakage current into FB pin
10
60
nA


Similar Part No. - TPS61178x

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61178x TI1-TPS61178x Datasheet
728Kb / 35P
[Old version datasheet]   20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
More results

Similar Description - TPS61178x

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61178 TI1-TPS61178 Datasheet
728Kb / 35P
[Old version datasheet]   20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
TPS61372 TI1-TPS61372_18 Datasheet
1Mb / 29P
[Old version datasheet]   16-V, 3.8-A Synchronous Boost With Load Disconnect
TPS61372 TI1-TPS61372 Datasheet
805Kb / 35P
[Old version datasheet]   16-V, 3.6-A Synchronous Boost with Load Disconnect
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088 TI-TPS61088_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61088 10-A Fully-Integrated Synchronous Boost Converter
TPS61088 TI1-TPS61088_16 Datasheet
1Mb / 32P
[Old version datasheet]   TPS61088 10-A Fully-Integrated Synchronous Boost Converter
TPS61288 TI-TPS61288_V01 Datasheet
2Mb / 30P
[Old version datasheet]   TPS61288 18-V, 15-A, Fully Integrated Synchronous Boost Converter
DECEMBER 2021
TPS61288 TI-TPS61288 Datasheet
2Mb / 25P
[Old version datasheet]   TPS61288 18-V, 15-A, Fully Integrated Synchronous Boost Converter
logo
Fairchild Semiconductor
FAN5340 FAIRCHILD-FAN5340 Datasheet
931Kb / 12P
   Synchronous Constant-Current Series Boost LED Driver with PWM Brightness Control and Integrated Load Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com