Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS611781RNWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS611781RNWR
Description  20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS611781RNWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS611781RNWR Datasheet HTML 3Page - Texas Instruments TPS611781RNWR Datasheet HTML 4Page - Texas Instruments TPS611781RNWR Datasheet HTML 5Page - Texas Instruments TPS611781RNWR Datasheet HTML 6Page - Texas Instruments TPS611781RNWR Datasheet HTML 7Page - Texas Instruments TPS611781RNWR Datasheet HTML 8Page - Texas Instruments TPS611781RNWR Datasheet HTML 9Page - Texas Instruments TPS611781RNWR Datasheet HTML 10Page - Texas Instruments TPS611781RNWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Load (A)
0.0001
0.001
0.01
0.1
1
2
15.5
15.6
15.7
15.8
15.9
16
16.1
16.2
16.3
16.4
16.5
D006
VIN = 6 V
VIN = 7.2 V
VIN = 8.4 V
Load (A)
0.0001
0.001
0.01
0.05
0.2
0.5
1
2
0
10
20
30
40
50
60
70
80
90
100
D028
VIN = 10.8 V
VIN = 12 V
VIN = 13.2 V
Load (A)
0.0001
0.001
0.01
0.1
1
2
0
10
20
30
40
50
60
70
80
90
100
D029
VIN = 3 V
VIN = 3.6 V
VIN = 4.2 V
Load (A)
0.0001
0.001
0.01
0.1
1
2
0
20
40
60
80
100
D003
VIN = 6 V
VIN = 7.2 V
VIN = 8.4 V
Load (A)
0.0001
0.001
0.01
0.1
1
2
0
10
20
30
40
50
60
70
80
90
100
D001
VIN = 6 V
VIN = 7.2 V
VIN = 8.4 V
Load (A)
0.0001
0.001
0.01
0.05
0.2
0.5
1
2
0
10
20
30
40
50
60
70
80
90
100
D026
VIN = 10.8 V
VIN = 12 V
VIN = 13.2 V
7
TPS61178, TPS611781
www.ti.com
SLVSDA7 – FEBRUARY 2017
Product Folder Links: TPS61178 TPS611781
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.8 Typical Characteristics
VOUT = 16 V
L = 3.3 µH
Auto PFM
Figure 1. Efficiency vs. Output Current
VOUT = 16 V
L = 3.3 µH
Auto PFM
Figure 2. Efficiency vs. Output Current
VOUT = 14 V
L = 1.8 µH
Auto PFM
Figure 3. Efficiency vs. Output Current
VOUT = 16 V
L = 3.3 µH
Forced PWM
Figure 4. Efficiency vs. Output Current
VOUT = 16 V
L = 3.3 µH
Forced PWM
Figure 5. Efficiency vs. Output Current
VOUT = 16 V
L = 3.3 µH
Auto PFM
Figure 6. Output Voltage vs. Load


Similar Part No. - TPS611781RNWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS611781 TI1-TPS611781 Datasheet
728Kb / 35P
[Old version datasheet]   20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
More results

Similar Description - TPS611781RNWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61178 TI1-TPS61178 Datasheet
728Kb / 35P
[Old version datasheet]   20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
TPS61372 TI1-TPS61372_18 Datasheet
1Mb / 29P
[Old version datasheet]   16-V, 3.8-A Synchronous Boost With Load Disconnect
TPS61372 TI1-TPS61372 Datasheet
805Kb / 35P
[Old version datasheet]   16-V, 3.6-A Synchronous Boost with Load Disconnect
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088 TI-TPS61088_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61088 10-A Fully-Integrated Synchronous Boost Converter
TPS61088 TI1-TPS61088_16 Datasheet
1Mb / 32P
[Old version datasheet]   TPS61088 10-A Fully-Integrated Synchronous Boost Converter
TPS61288 TI-TPS61288_V01 Datasheet
2Mb / 30P
[Old version datasheet]   TPS61288 18-V, 15-A, Fully Integrated Synchronous Boost Converter
DECEMBER 2021
TPS61288 TI-TPS61288 Datasheet
2Mb / 25P
[Old version datasheet]   TPS61288 18-V, 15-A, Fully Integrated Synchronous Boost Converter
logo
Fairchild Semiconductor
FAN5340 FAIRCHILD-FAN5340 Datasheet
931Kb / 12P
   Synchronous Constant-Current Series Boost LED Driver with PWM Brightness Control and Integrated Load Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com