Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8945AQJ405-T Datasheet(PDF) 5 Page - Active-Semi, Inc

Part # ACT8945AQJ405-T
Description  Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8945AQJ405-T Datasheet(HTML) 5 Page - Active-Semi, Inc

  ACT8945AQJ405-T Datasheet HTML 1Page - Active-Semi, Inc ACT8945AQJ405-T Datasheet HTML 2Page - Active-Semi, Inc ACT8945AQJ405-T Datasheet HTML 3Page - Active-Semi, Inc ACT8945AQJ405-T Datasheet HTML 4Page - Active-Semi, Inc ACT8945AQJ405-T Datasheet HTML 5Page - Active-Semi, Inc ACT8945AQJ405-T Datasheet HTML 6Page - Active-Semi, Inc ACT8945AQJ405-T Datasheet HTML 7Page - Active-Semi, Inc ACT8945AQJ405-T Datasheet HTML 8Page - Active-Semi, Inc ACT8945AQJ405-T Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
ACT8945A
Rev 6, 01-Feb-16
- 5 -
www.active-semi.com
ActivePMUTM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2016 Active-Semi, Inc.
REFBP
OUT1
GA
OUT4
OUT5
INL
OUT7
OUT6
nPBIN
PWRHLD
BAT
BAT
nSTAT
SDA
SCL
VSEL
TH
ISET
CHGLEV
ACIN
EP
PIN CONFIGURATION
TOP VIEW
Thin - QFN (TQFN55-40)
ORDERING INFORMATION
PART NUMBER VOUT1/VSTBY1VOUT2/VSTBY2 VOUT3/VSTBY3 VOUT4 VOUT5 VOUT6 VOUT7 PACKAGE PINS
TEMPERATURE
RANGE
ACT8945AQJ305-T 1.8V/1.8V
1.2V/1.0V
3.3V/3.3V 2.5V 3.3V OFF OFF TQFN55-40 40
-40°C to +85°C
ACT8945AQJ405-T 1.5V/1.35V
1.2V/1.2V
3.3V/3.3V 2.5V 3.3V OFF OFF TQFN55-40 40
-40°C to +85°C
: All Active-Semi components are RoHS Compliant and with Pb-free plating otherwise specified.
: Standard product options are listed in this table. Contact factory for custom options. Minimum order quantity is 15,000 units.
: To select VSTBYx as the output regulation voltage for REGx, drive VSEL to logic high. VSTBYx can be set by software via I
2C interface.
Refer to appropriate sections of this datasheet for VSTBYx setting.
: VOUT1 = 1.35V @VSEL=VIN and VOUT1 = 1.5V @VSEL=0 for ACT8945AQJ405-T regulator setting.
ACTIVE
A33KY25
DATE CODE


Similar Part No. - ACT8945AQJ405-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8945AQJ405-T ACTIVE-SEMI-ACT8945AQJ405-T Datasheet
1Mb / 44P
   Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 6, 01-Feb-16
ACT8945AQJ405-T ACTIVE-SEMI-ACT8945AQJ405-T Datasheet
1Mb / 44P
   Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 6, 01-Feb-16
More results

Similar Description - ACT8945AQJ405-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
EA8945AQJ305 ACTIVE-SEMI-EA8945AQJ305 Datasheet
1Mb / 44P
   Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 6, 01-Feb-16
ACT8865 ACTIVE-SEMI-ACT8865_16 Datasheet
824Kb / 31P
   Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 7, 22-Mar-16
ACT8945A ACTIVE-SEMI-ACT8945A_16 Datasheet
1Mb / 44P
   Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 6, 01-Feb-16
EA8865QI305 ACTIVE-SEMI-EA8865QI305 Datasheet
828Kb / 31P
   Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 7, 22-Mar-16
EVK-ACT8945AQJ303-T ACTIVE-SEMI-EVK-ACT8945AQJ303-T Datasheet
779Kb / 42P
   Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
Rev 2, 11-Feb-14
ACT8865 ACTIVE-SEMI-ACT8865 Datasheet
586Kb / 30P
   Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
Rev 2, 11-Feb-14
ACT8945A ACTIVE-SEMI-ACT8945A Datasheet
779Kb / 42P
   Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
Rev 2, 11-Feb-14
ACT8946AQJ203-T ACTIVE-SEMI-ACT8946AQJ203-T Datasheet
1Mb / 37P
   Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
ACT8946A ACTIVE-SEMI-ACT8946A Datasheet
1Mb / 37P
   Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
ACT8847 ACTIVE-SEMI-ACT8847 Datasheet
83Kb / 2P
   Advanced PMU for Multi-core Application Processors
05-Dec-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com