Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61178RNWT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61178RNWT
Description  20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61178RNWT Datasheet(HTML) 1 Page - Texas Instruments

  TPS61178RNWT Datasheet HTML 1Page - Texas Instruments TPS61178RNWT Datasheet HTML 2Page - Texas Instruments TPS61178RNWT Datasheet HTML 3Page - Texas Instruments TPS61178RNWT Datasheet HTML 4Page - Texas Instruments TPS61178RNWT Datasheet HTML 5Page - Texas Instruments TPS61178RNWT Datasheet HTML 6Page - Texas Instruments TPS61178RNWT Datasheet HTML 7Page - Texas Instruments TPS61178RNWT Datasheet HTML 8Page - Texas Instruments TPS61178RNWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
VIN
EN
SW
FB
AGND
L
RUP
RDOWN
OFF
ON
CIN
VIN
VOUT
DISDRV
VOUT2
COUT1
VCC
FREQ /
SYNC
BST
CBST
CVCC
RFreq
PGND
P-FET (option)
ILIMIT
RLIMIT
RC
Cc
Cp
COMP
COUT2
CGATE
RGATE
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS61178, TPS611781
SLVSDA7 – FEBRUARY 2017
TPS61178x 20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
1
1 Features
1
Input Voltage Range: 2.7 V to 20 V
Output Voltage Range: 4.5 V to 20 V
Programmable Switch Peak Current: up to 10 A
Two 16-m
Ω FETs Integrated
Efficiency up to 96%: VIN = 7.2 V, VOUT = 16 V,
IOUT = 2 A
Adjustable Switching Frequency: up to 2.2 MHz
External Clock Synchronization: 200 kHz to 2.2
MHz
Gate Driver for Load Disconnect
Hiccup Short Protection
Over Voltage Protection
Auto PFM Operation - TPS61178
Forced PWM Mode - TPS611781
3.0-mm x 3.5-mm 13-pin VQFN Hotrod Package
Create a Custom Design Using the TPS61178
With the WEBENCH® Power Designer
2 Applications
Portable Speaker
Source Driver of LCD Display
Supply for the Power Amplifier
Supply for the Motor Driver
USB Type-C Power Delivery
3 Description
The TPS61178x family is a 20-V synchronous Boost
converter with the gate driver built-in for load
disconnect. The TPS61178x integrates two low on-
resistance power FETs: A 16-m
Ω switching FET and
a 16-m
Ω rectifier FET.
The TPS61178x uses the fixed frequency peak
current mode control with the slope compensation
integrated. At the light load, the TPS61178 enters into
the auto PFM mode while TPS611781 is in the forced
PWM mode.
The TPS61178x could isolate the output from input
side when shutdown. Once the output is shorted, it
enters into the hiccup mode to lower the thermal
stress and can recover automatically after the short
releases. Additionally, the TPS61178x also has OVP
and thermal protection to avoid the fault operation.
The TPS61178x is in a 3.0-mm x 3.5-mm 13-pin
VQFN package with enhanced thermal dissipation.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS61178
QFN (13)
3.00 mm × 3.5 mm
TPS611781
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application


Similar Part No. - TPS61178RNWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61178RNWT TI1-TPS61178RNWT Datasheet
728Kb / 35P
[Old version datasheet]   20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
More results

Similar Description - TPS61178RNWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61178 TI1-TPS61178 Datasheet
728Kb / 35P
[Old version datasheet]   20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
TPS61372 TI1-TPS61372_18 Datasheet
1Mb / 29P
[Old version datasheet]   16-V, 3.8-A Synchronous Boost With Load Disconnect
TPS61372 TI1-TPS61372 Datasheet
805Kb / 35P
[Old version datasheet]   16-V, 3.6-A Synchronous Boost with Load Disconnect
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088 TI-TPS61088_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61088 10-A Fully-Integrated Synchronous Boost Converter
TPS61088 TI1-TPS61088_16 Datasheet
1Mb / 32P
[Old version datasheet]   TPS61088 10-A Fully-Integrated Synchronous Boost Converter
TPS61288 TI-TPS61288_V01 Datasheet
2Mb / 30P
[Old version datasheet]   TPS61288 18-V, 15-A, Fully Integrated Synchronous Boost Converter
DECEMBER 2021
TPS61288 TI-TPS61288 Datasheet
2Mb / 25P
[Old version datasheet]   TPS61288 18-V, 15-A, Fully Integrated Synchronous Boost Converter
logo
Fairchild Semiconductor
FAN5340 FAIRCHILD-FAN5340 Datasheet
931Kb / 12P
   Synchronous Constant-Current Series Boost LED Driver with PWM Brightness Control and Integrated Load Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com