Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLHR5400-AS12Z Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLHR5400-AS12Z
Description  Choice of three bright colors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHR5400-AS12Z Datasheet(HTML) 1 Page - Vishay Siliconix

  TLHR5400-AS12Z Datasheet HTML 1Page - Vishay Siliconix TLHR5400-AS12Z Datasheet HTML 2Page - Vishay Siliconix TLHR5400-AS12Z Datasheet HTML 3Page - Vishay Siliconix TLHR5400-AS12Z Datasheet HTML 4Page - Vishay Siliconix TLHR5400-AS12Z Datasheet HTML 5Page - Vishay Siliconix TLHR5400-AS12Z Datasheet HTML 6Page - Vishay Siliconix TLHR5400-AS12Z Datasheet HTML 7Page - Vishay Siliconix TLHR5400-AS12Z Datasheet HTML 8Page - Vishay Siliconix TLHR5400-AS12Z Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TLHR540., TLHY540., TLHG540.
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 16-Mar-15
1
Document Number: 83012
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Efficiency LED, Ø 5 mm Tinted Diffused Package
DESCRIPTION
The
TLH.54..
series
was
developed
for
standard
applications like general indicating and lighting purposes.
It is housed in a 5 mm tinted diffused plastic package. The
wide viewing angle of these devices provides a high on-off
contrast.
Several selection types with different luminous intensities
are offered. All LEDs are categorized in luminous intensity
groups. The green and yellow LEDs are categorized
additionally in wavelength groups.
That allows users to assemble LEDs with uniform
appearance.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
•Package: 5 mm
• Product series: standard
• Angle of half intensity: ± 30°
FEATRUES
• Choice of three bright colors
• Standard T-1¾ package
• Small mechanical tolerances
• Suitable for DC and high peak current
• Wide viewing angle
• Luminous intensity categorized
• Yellow and green color categorized
• TLH.54.. with stand-offs
• Material categorization: for definitions of
compliance please see www.vishay.com/doc?99912
APPLICATIONS
• Status lights
•Off / on indicator
• Background illumination
• Readout lights
• Maintenance lights
•Legend light
19223
PARTS TABLE
PART
COLOR
LUMINOUS INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN.
TYP.
MAX.
MIN.
TYP. MAX.
MIN.
TYP.
MAX.
TLHR5400
Red
1.6
10
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR5400-AS12Z
Red
1.6
10
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR5401
Red
4
12
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR5405
Red
6.3
14
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR5405-AS12Z
Red
6.3
14
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR5405-AS21
Red
6.3
14
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR5405-KSZ
Red
6.3
14
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHY5400
Yellow
1.6
10
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHY5400-AS12Z
Yellow
1.6
10
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHY5401
Yellow
4
12
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHY5405
Yellow
6.3
14
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHY5405-KSZ
Yellow
6.3
14
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHG5400
Green
1.6
10
-
10
562
-
575
10
-
2.4
3
20
GaP on GaP
TLHG5400-AS12Z
Green
1.6
10
-
10
562
-
575
10
-
2.4
3
20
GaP on GaP
TLHG5400-BT12
Green
1.6
10
-
10
562
-
575
10
-
2.4
3
20
GaP on GaP
TLHG5401
Green
4
12
-
10
562
-
575
10
-
2.4
3
20
GaP on GaP
TLHG5405
Green
6.3
15
-
10
562
-
575
10
-
2.4
3
20
GaP on GaP
TLHG5405-AS12Z
Green
6.3
15
-
10
562
-
575
10
-
2.4
3
20
GaP on GaP
TLHG5405-KSZ
Green
6.3
15
-
10
562
-
575
10
-
2.4
3
20
GaP on GaP


Similar Part No. - TLHR5400-AS12Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHR5400-AS12Z VISHAY-TLHR5400-AS12Z Datasheet
198Kb / 9P
   High Efficiency LED, Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLHR5400-AS12Z VISHAY-TLHR5400-AS12Z Datasheet
198Kb / 9P
   High Efficiency LED, Ø 5 mm Tinted Diffused Package
01-Jan-2023
More results

Similar Description - TLHR5400-AS12Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHG460 VISHAY-TLHG460 Datasheet
182Kb / 9P
   Choice of three bright colors
Rev. 2.2, 14-Oct-15
TLHG420 VISHAY-TLHG420 Datasheet
210Kb / 11P
   Choice of five bright colors
Rev. 2.1, 09-Jan-17
logo
A-Data Technology
UV110 A-DATA-UV110 Datasheet
972Kb / 1P
   Choice of four popular colors
logo
Grayhill, Inc
30-102 GRAYHILL-30-102 Datasheet
91Kb / 1P
   Convenient Snap-in Panel Mounting Choice of 6 Button Colors
logo
List of Unclassifed Man...
9001KR1U ETC2-9001KR1U Datasheet
80Kb / 1P
   pushbutton head - 횠 30 - 7 colors choice
logo
Honeywell Solid State E...
HOA0708-011 HONEYWELL-HOA0708-011 Datasheet
437Kb / 1P
   Choice of phototransistor or photodarlington
logo
Everlight Electronics C...
EALP02RRAGA0 EVERLIGHT-EALP02RRAGA0 Datasheet
227Kb / 8P
   Choice of various viewing angles
EALP03RDAYA0 EVERLIGHT-EALP03RDAYA0 Datasheet
593Kb / 8P
   Choice of various viewing angles
EALP03RDAYA2 EVERLIGHT-EALP03RDAYA2 Datasheet
289Kb / 8P
   Choice of various viewing angles
EALP03RDAYA4 EVERLIGHT-EALP03RDAYA4 Datasheet
362Kb / 8P
   Choice of various viewing angles
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com