Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLHY4438 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLHY4438
Description  Suitable for DC and high peak current
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHY4438 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLHY4438 Datasheet HTML 1Page - Vishay Siliconix TLHY4438 Datasheet HTML 2Page - Vishay Siliconix TLHY4438 Datasheet HTML 3Page - Vishay Siliconix TLHY4438 Datasheet HTML 4Page - Vishay Siliconix TLHY4438 Datasheet HTML 5Page - Vishay Siliconix TLHY4438 Datasheet HTML 6Page - Vishay Siliconix TLHY4438 Datasheet HTML 7Page - Vishay Siliconix TLHY4438 Datasheet HTML 8Page - Vishay Siliconix TLHY4438 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TLHR440., TLHO440., TLHY440., TLHG440.
www.vishay.com
Vishay Semiconductors
Rev. 3.1, 24-Mar-15
1
Document Number: 83006
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Efficiency LED in Ø 3 mm Tinted Diffused Package
DESCRIPTION
The
TLH.44..
series
was
developed
for
standard
applications like general indicating and lighting purposes.
It is housed in a 3 mm tinted diffused plastic package. The
wide viewing angle of these devices provides a high on-off
contrast.
Several selection types with different luminous intensities
are offered. All LEDs are categorized in luminous intensity
groups. The green and yellow LEDs are categorized
additionally in wavelength groups.
That allows users to assemble LEDs with uniform
appearance.
FEATURES
• Standard Ø 3 mm (T-1) package
• Small mechanical tolerances
• Suitable for DC and high peak current
• Wide viewing angle
• Luminous intensity categorized
• Yellow and green color categorized
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Status lights
•Off / on indicator
• Background illumination
• Readout lights
• Maintenance lights
•Legend light
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: 3 mm
• Product series: standard
• Angle of half intensity: ± 30°
19220
PARTS TABLE
PART
COLOR
LUMINOUS INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN.
TYP.
MAX.
MIN. TYP. MAX.
MIN.
TYP.
MAX.
TLHR4400
Red
1.6
13
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR4400-AS12
Red
1.6
13
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR4400-AS21
Red
1.6
13
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR4400-AS12Z
Red
1.6
13
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR4400-AS21Z
Red
1.6
13
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR4400-MS12
Red
1.6
13
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR4400-MS12Z
Red
1.6
13
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR4401
Red
2.5
14
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR4401-AS12Z
Red
2.5
14
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR4405
Red
6.3
15
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR4405-AS21
Red
6.3
15
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR4407
Red
4
-
12.5
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR4407-MS12Z
Red
4
-
12.5
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHO4400
Soft orange
1.6
13
-
10
598
-
611
10
-
2.4
3
20
GaAsP on GaP
TLHO4400-AS12Z
Soft orange
1.6
13
-
10
598
-
611
10
-
2.4
3
20
GaAsP on GaP
TLHO4400-MS12Z Soft orange
1.6
13
-
10
598
-
611
10
-
2.4
3
20
GaAsP on GaP
TLHY4400
Yellow
1.6
10
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHY4400-AS12Z
Yellow
1.6
10
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHY4400-MS12
Yellow
1.6
10
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP


Similar Part No. - TLHY4438

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHY440 VISHAY-TLHY440 Datasheet
209Kb / 11P
   High Efficiency LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLHY440. VISHAY-TLHY440. Datasheet
213Kb / 11P
   High Efficiency LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLHY4400 VISHAY-TLHY4400 Datasheet
313Kb / 10P
   High Efficiency LED in 3 mm Tinted Diffused Package
Rev. 1.4, 31-Aug-04
TLHY4400 VISHAY-TLHY4400 Datasheet
213Kb / 11P
   High Efficiency LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLHY4400-AS12Z VISHAY-TLHY4400-AS12Z Datasheet
213Kb / 11P
   High Efficiency LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
More results

Similar Description - TLHY4438

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHF42U1V2-35 VISHAY-TLHF42U1V2-35 Datasheet
107Kb / 5P
   Suitable for DC and high peak current
Rev. 1.2, 14-Oct-14
TLHO42M1N2 VISHAY-TLHO42M1N2 Datasheet
108Kb / 5P
   Suitable for DC and high peak current
Rev. 1.2, 14-Oct-14
TLHY44K1L2 VISHAY-TLHY44K1L2 Datasheet
109Kb / 5P
   Suitable for DC and high peak current
Rev. 1.2, 14-Oct-14
TLHK46Q1R2 VISHAY-TLHK46Q1R2 Datasheet
107Kb / 5P
   Suitable for DC and high peak current
Rev. 1.2, 14-Oct-14
logo
Maxim Integrated Produc...
MAX17498AATE MAXIM-MAX17498AATE Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applicatio
Rev 3; 4/13
MAX17498A MAXIM-MAX17498A_V01 Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applications
2020
MAX17498A MAXIM-MAX17498A Datasheet
2Mb / 28P
   AC-DC and DC-DC Peak-Current-Mode Converters for Flyback/Boost Applications
Rev 1; 3/12
MAX17498A MAXIM-MAX17498A_13 Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applications
Rev 3; 4/13
logo
TOKO, Inc
DFEH12060D TOKO-DFEH12060D Datasheet
229Kb / 1P
   Suitable for large current
logo
Infineon Technologies A...
IPA80R460CE INFINEON-IPA80R460CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com