Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLHG6400 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # TLHG6400
Description  Small mechanical tolerances
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHG6400 Datasheet(HTML) 7 Page - Vishay Siliconix

  TLHG6400 Datasheet HTML 1Page - Vishay Siliconix TLHG6400 Datasheet HTML 2Page - Vishay Siliconix TLHG6400 Datasheet HTML 3Page - Vishay Siliconix TLHG6400 Datasheet HTML 4Page - Vishay Siliconix TLHG6400 Datasheet HTML 5Page - Vishay Siliconix TLHG6400 Datasheet HTML 6Page - Vishay Siliconix TLHG6400 Datasheet HTML 7Page - Vishay Siliconix TLHG6400 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TLHR640., TLHY640., TLHG640.
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 16-Mar-15
7
Document Number: 83219
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
AMMOPACK
Fig. 21 - Tape Direction
Note
• The new nomenclature for ammopack is e.g. ASZ only, without suffix for the LED orientation. The carton box has to be turned to the desired
position: “+” for anode first, or “-” for cathode first. AS12Z and AS21Z are still valid for already existing types, BUT NOT FOR NEW DESIGN.
TAPE DIMENSIONS in millimeters
Option
Dim. “H” ± 0.5 mm
Dim. “X” ± 0.5 mm
AS
17.3
BT
20.0
16.0
CS
22.0
MS
25.5
Tape feed
C
B
A
94 8667-1
Label
Quantity per:
1000
948172_1
Ammopack/reel
(Mat.-No. 1764)


Similar Part No. - TLHG6400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHG6400 VISHAY-TLHG6400 Datasheet
251Kb / 8P
   High Efficiency LED in 5 mm Tinted Diffused Package
Rev. 1.5, 31-Aug-04
TLHG6400 VISHAY-TLHG6400 Datasheet
200Kb / 9P
   High Efficiency LED in Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLHG6400-AS12Z VISHAY-TLHG6400-AS12Z Datasheet
200Kb / 9P
   High Efficiency LED in Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLHG6400-CS12Z VISHAY-TLHG6400-CS12Z Datasheet
200Kb / 9P
   High Efficiency LED in Ø 5 mm Tinted Diffused Package
01-Jan-2023
More results

Similar Description - TLHG6400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHK44R1S2 VISHAY-TLHK44R1S2 Datasheet
110Kb / 5P
   Small mechanical tolerances
Rev. 1.2, 14-Oct-14
TLHF4400 VISHAY-TLHF4400 Datasheet
107Kb / 5P
   Small mechanical tolerances
Rev. 1.2, 14-Oct-14
TLHK42T1U2 VISHAY-TLHK42T1U2 Datasheet
117Kb / 5P
   Small mechanical tolerances
Rev. 1.3, 14-Oct-14
logo
PUI audio inc.
AT-0927-TT-2-R PUIAUDIO-AT-0927-TT-2-R Datasheet
527Kb / 3P
   Small 9mm diameter electro-mechanical transducer
logo
CITIZEN ELECTRONICS CO....
516-A00070 CITIZEN-516-A00070 Datasheet
484Kb / 4P
   General tolerances
516-A00060 CITIZEN-516-A00060 Datasheet
483Kb / 4P
   General tolerances
logo
Amphenol Corporation
P-U90-B205-XXX1-XX0 AMPHENOL-P-U90-B205-XXX1-XX0 Datasheet
599Kb / 4P
   GENERAL TOLERANCES
logo
CITIZEN ELECTRONICS CO....
914-A00680 CITIZEN-914-A00680 Datasheet
490Kb / 4P
   General tolerances
logo
Amphenol Corporation
P-U90-B105-XXX1-XX0 AMPHENOL-P-U90-B105-XXX1-XX0 Datasheet
476Kb / 4P
   GENERAL TOLERANCES
P-U90-B305-XXX1-XX0 AMPHENOL-P-U90-B305-XXX1-XX0 Datasheet
683Kb / 4P
   GENERAL TOLERANCES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com