Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLVP4200 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLVP4200
Description  Tinted clear package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLVP4200 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLVP4200 Datasheet HTML 1Page - Vishay Siliconix TLVP4200 Datasheet HTML 2Page - Vishay Siliconix TLVP4200 Datasheet HTML 3Page - Vishay Siliconix TLVP4200 Datasheet HTML 4Page - Vishay Siliconix TLVP4200 Datasheet HTML 5Page - Vishay Siliconix TLVP4200 Datasheet HTML 6Page - Vishay Siliconix TLVP4200 Datasheet HTML 7Page - Vishay Siliconix TLVP4200 Datasheet HTML 8Page - Vishay Siliconix TLVP4200 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLVH420., TLVS4200, TLVY4200, TLVG4200, TLVP420.
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 14-Oct-14
1
Document Number: 83057
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Backlighting LED in Ø 3 mm Tinted Non-Diffused Package
DESCRIPTION
The TLV.420. series was developed for backlighting. Due to
its special shape the spatial distribution of the radiation is
qualified for backlighting.
To optimize the brightness of backlighting a custom-built
reflector (with scattering) is required. Uniform illumination
can be enhanced by covering the front of the reflector with
diffusor material.
This is a flexible solution for backlighting different areas.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: 3 mm backlighting
• Product series: standard
• Angle of half intensity: ± 85°
FEATURES
• High light output
• Wide viewing angle
• Categorized for luminous flux
• Tinted clear package
• Low power dissipation
• Low self heating
• Rugged design
• High reliability
• Material
categorization:
for
definitions
of
compliance please see www.vishay.com/doc?99912
APPLICATIONS
• Backlighting of display panels, LCD displays, symbols
on switches, keyboards, graphic boards, and measuring
scales
• Illumination of large areas e.g. dot matrix displays
Note
(1) Driving the LED in reverse direction is suitable for a short term application
19231
PARTS TABLE
PART
COLOR
LUMINOUS FLUX
(mlm)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD VOLTAGE
(V)
at IF
(mA) TECHNOLOGY
MIN. TYP. MAX.
MIN. TYP. MAX.
MIN.
TYP.
MAX.
TLVH4200
Red
10
55
-
15
612
-
625
10
-
2.4
3
20
GaAsP on GaP
TLVH4201
Red
40
-
125
15
612
-
625
10
-
2.4
3
20
GaAsP on GaP
TLVS4200
Soft orange
10
70
-
15
598
-
611
10
-
2.4
3
20
GaAsP on GaP
TLVY4200
Yellow
10
30
-
15
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLVG4200
Green
10
30
-
15
562
-
575
10
-
2.4
3
20
GaP on GaP
TLVP4200
Pure green
4
20
-
15
555
-
565
10
-
2.4
3
20
GaP on GaP
TLVP4201
Pure green
16
30
-
15
555
-
565
10
-
2.4
3
20
GaP on GaP
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
TLVH4200, TLVH4201, TLVS4200, TLVY4200, TLVG4200, TLVP4200, TLVP4201
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage (1)
VR
5V
DC forward current
Tamb
≤ 60 °C
IF
30
mA
Surge forward current
tp
≤ 10 μs
IFSM
1A
Power dissipation
PV
90
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
-40 to +100
°C
Storage temperature range
Tstg
-55 to +100
°C
Soldering temperature
t
≤ 5 s, 2 mm from body
Tsd
260
°C
Thermal resistance junction/ambient
RthJA
400
K/W


Similar Part No. - TLVP4200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLVP420 VISHAY-TLVP420 Datasheet
169Kb / 9P
   Backlighting LED in 횠 3 mm Tinted Non-Diffused Package
01-Jan-2022
TLVP420 VISHAY-TLVP420_V01 Datasheet
169Kb / 9P
   Backlighting LED in 횠 3 mm Tinted Non-Diffused Package
01-Jan-2022
More results

Similar Description - TLVP4200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHP4200 VISHAY-TLHP4200 Datasheet
112Kb / 5P
   High Intensity LED in 횠 3 mm Tinted Clear Package
01-Jan-2022
TLHP42J2L1 VISHAY-TLHP42J2L1_V01 Datasheet
113Kb / 5P
   High Intensity LED in 횠 3 mm Tinted Clear Package
01-Jan-2022
logo
Lite-On Technology Corp...
LTE4208 LITEON-LTE4208 Datasheet
117Kb / 3P
   CLEAR TRANSPARENT COLOR PACKAGE
logo
Vishay Siliconix
TLHK5400 VISHAY-TLHK5400 Datasheet
73Kb / 5P
   High Intensity LED, 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHR42 VISHAY-TLHR42 Datasheet
120Kb / 10P
   High Efficiency LED, 3 mm Tinted Undiffused Package
Rev. A1, 04-Feb-99
TLUR440 VISHAY-TLUR440 Datasheet
117Kb / 5P
   Universal LED in 3 mm Tinted Diffused Package
Rev. 1.7, 14-Jun-06
TLUR240 VISHAY-TLUR240 Datasheet
112Kb / 8P
   Universal LED, 1.8 mm Tinted Diffused Miniplast Package
Rev. A1, 04-Feb-99
TLUR54 VISHAY-TLUR54 Datasheet
100Kb / 6P
   Universal LED in 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHF5400 VISHAY-TLHF5400 Datasheet
73Kb / 5P
   High Intensity LED, 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHGY420 VISHAY-TLHGY420 Datasheet
313Kb / 10P
   High Efficiency LED, 3 mm Tinted Undiffused Package
Rev. 1.3, 31-Aug-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com