Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W5067 Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # W5067
Description  Radome Omni ??Omni directional Antenna
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

W5067 Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  W5067 Datasheet HTML 1Page - Pulse A Technitrol Company W5067 Datasheet HTML 2Page - Pulse A Technitrol Company W5067 Datasheet HTML 3Page - Pulse A Technitrol Company W5067 Datasheet HTML 4Page - Pulse A Technitrol Company W5067 Datasheet HTML 5Page - Pulse A Technitrol Company W5067 Datasheet HTML 6Page - Pulse A Technitrol Company W5067 Datasheet HTML 7Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TECHNICAL DATA SHEET
Page 4 of 7
Radome Omni – Omni directional Antenna
W5067
698-960/1710-2170/2400-2700MHz
Series : ANTENNA
Issue: 1414
In the effort to improve our products, we reserve the right to make changes judged to be necessary
.
C O N F I D E N T I A L A ND P R O P R I E T A R Y I N FO R M A T I O N
T h i s d o c u m en t c o n ta i n s c o n f i d en t i a l a n d p r o p r i e t a r y i n f o r m a t i o n o f P u l s e El e c t r o n i c s , I n c . ( P u l s e) a n d is p r o t e c t e d b y c o p y r i g h t , t r a d e s ec r e t a n d
o t h e r s t a t e a n d f ed e r a l la w s . Its r e c e ip t o r p o s s e s s i o n d o e s n o t c o n v e y a n y r i g h t s t o r ep r o d u c e , d i s c l o s e its c o n t en t s , o r t o m a n u f a c t u r e, u s e o r
s e l l a n y t h in g it m a y d e s c r i b e . R e p r o d u c t i o n , d i s c lo s u r e o r u s e w i t h o u t s p e c if i c w r i t t e n a u t h o r i z a t i o n o f P u l s e is s t r i c t l y f o r b i d d e n
Vertical plane
Horizontal plane
-35
-30
-25
-20
-15
-10
-5
0
5
0
30
60
90
120
150
180
210
240
270
300
330
ZX plane @ Upper Band
2400
2550
2700
Theta Angle (°)
-3.20
2.12
26
-3.16
1.75
24
-3.26
2.32
20
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
2400
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
2550
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
2700
-35
-30
-25
-20
-15
-10
-5
0
5
0
30
60
90
120
150
180
210
240
270
300
330
XY plane @ Lower Band
700
830
960
Phi Angle (°)
0.90
1.05
360
-6.98
-6.35
360
-5.62
-5.26
360
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
700
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
830
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
960


Similar Part No. - W5067

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W5001 PULSE-W5001 Datasheet
265Kb / 4P
   External Outdoor Antenna
W5012 PULSE-W5012 Datasheet
859Kb / 2P
   IP-65 Outdoor 868 915 MHz Antenna
W5012 PULSE-W5012 Datasheet
859Kb / 2P
   IP-65 Outdoor 868 & 915 MHz Antenna
W5017 PULSE-W5017 Datasheet
859Kb / 2P
   IP-65 Outdoor 868 915 MHz Antenna
W5017 PULSE-W5017 Datasheet
859Kb / 2P
   IP-65 Outdoor 868 & 915 MHz Antenna
More results

Similar Description - W5067

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
RO17102NM PULSE-RO17102NM Datasheet
240Kb / 3P
   Radome Omni Antenna
logo
Maxtena Inc.
MEA-960-LTE MAXTENA-MEA-960-LTE Datasheet
617Kb / 4P
   OMNI-DIRECTIONAL ANTENNA
REV A
MEA-UWB-LTE-90 MAXTENA-MEA-UWB-LTE-90 Datasheet
1Mb / 5P
   OMNI-DIRECTIONAL ANTENNA
REV A
logo
Pulse A Technitrol Comp...
RO8063 PULSE-RO8063 Datasheet
1Mb / 3P
   Outdoor 3G Radome Omni 4 dBi Antenna
W1920 PULSE-W1920 Datasheet
328Kb / 3P
   Omni Directional Blade Antenna
RO25002NF PULSE-RO25002NF Datasheet
371Kb / 5P
   RADOME OMNI- OMNIDIRECTIONAL
W1920G0915 PULSE-W1920G0915 Datasheet
328Kb / 3P
   Omni Directional Blade Antenna
logo
Ultralife Corporation.
AV460 ULTRALIFE-AV460 Datasheet
68Kb / 1P
   Omni-directional Broadband Antenna
23NOV10 REV:-
logo
Pasternack Enterprises,...
PE-W15A001 PASTERNACK-PE-W15A001 Datasheet
339Kb / 2P
   Omni-Directional Antenna Operating
logo
Maxtena Inc.
MEA-698-2700-AM MAXTENA-MEA-698-2700-AM Datasheet
673Kb / 3P
   OMNI-DIRECTIONAL LTE ANTENNA
REV A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com