Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W5097 Datasheet(PDF) 9 Page - Pulse A Technitrol Company

Part # W5097
Description  Stick Antenna
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

W5097 Datasheet(HTML) 9 Page - Pulse A Technitrol Company

Back Button W5097 Datasheet HTML 5Page - Pulse A Technitrol Company W5097 Datasheet HTML 6Page - Pulse A Technitrol Company W5097 Datasheet HTML 7Page - Pulse A Technitrol Company W5097 Datasheet HTML 8Page - Pulse A Technitrol Company W5097 Datasheet HTML 9Page - Pulse A Technitrol Company W5097 Datasheet HTML 10Page - Pulse A Technitrol Company W5097 Datasheet HTML 11Page - Pulse A Technitrol Company W5097 Datasheet HTML 12Page - Pulse A Technitrol Company W5097 Datasheet HTML 13Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Issue: 1619
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: Outdoor IP67 Dual WiFi / DSCR,
Standard SMA 90deg Swivel
PART NUMBER: W5097
Series: Stick Antenna
CHARTS
9
Gain Plots
-40
-35
-30
-25
-20
-15
-10
-5
0
5
0
30
60
90
120
150
180
210
240
270
300
330
2400MHz
2450MHz
2480MHz
Phi Angle
-4.07
-2.05
28
5
-3.89
-1.39
26
5
-3.32
-1.32
26
5
XY Plane
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
2400MHz
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
2450MHz
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
2480MHz


Similar Part No. - W5097

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W5095 PULSE-W5095 Datasheet
1Mb / 14P
   MULTI BAND SWIVEL MOUNT DIPOLE 698-960&1447-1510&1710-2690MHz
W5095 PULSE-W5095 Datasheet
1Mb / 16P
   MULTI BAND SWIVEL MOUNT DIPOLE 698-960&1400-1700&1710-2690MHz
W5095K PULSE-W5095K Datasheet
1Mb / 16P
   MULTI BAND SWIVEL MOUNT DIPOLE 698-960&1400-1700&1710-2690MHz
W5095X PULSE-W5095X Datasheet
1Mb / 16P
   MULTI BAND SWIVEL MOUNT DIPOLE 698-960&1400-1700&1710-2690MHz
W5098 PULSE-W5098 Datasheet
987Kb / 15P
   OUTDOOR, DUAL WIFI, SWIVEL, IP67, WITH RP-SMA
More results

Similar Description - W5097

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W5039 PULSE-W5039 Datasheet
909Kb / 11P
   Stick Antenna
W5021 PULSE-W5021 Datasheet
949Kb / 11P
   Stick Antenna
logo
Texas Instruments
RI-ANT-S01C TI-RI-ANT-S01C Datasheet
252Kb / 3P
[Old version datasheet]   SERIES 2000 STICK ANTENNA
RI-ANT-S01C TI1-RI-ANT-S01C_16 Datasheet
423Kb / 5P
[Old version datasheet]   SERIES 2000 STICK ANTENNA
logo
Taoglas antenna solutio...
FXR.01.07.0100C TAOGLAS-FXR.01.07.0100C Datasheet
3Mb / 9P
   Peel and Stick Antenna
logo
Texas Instruments
RI-ANT-S01C TI1-RI-ANT-S01C_17 Datasheet
419Kb / 5P
[Old version datasheet]   SERIES 2000 STICK ANTENNA
logo
Pulse A Technitrol Comp...
W5028X PULSE-W5028X Datasheet
818Kb / 10P
   2.4 2.5 / 5.15 7.125GHz Stick Antenna
W5029X PULSE-W5029X Datasheet
785Kb / 11P
   2.4 2.5 / 5.15 7.125 GHz Stick Antenna
W1696 PULSE-W1696 Datasheet
1Mb / 6P
   External / In-building 5G/4G Stick Monopole Antenna
W1903 PULSE-W1903 Datasheet
1Mb / 14P
   824-960/1710-2170MHz Right Angle Stick Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com