Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W6112B0100 Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # W6112B0100
Description  2x2 MIMO LTE FPC ANTENNA
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

W6112B0100 Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  W6112B0100 Datasheet HTML 1Page - Pulse A Technitrol Company W6112B0100 Datasheet HTML 2Page - Pulse A Technitrol Company W6112B0100 Datasheet HTML 3Page - Pulse A Technitrol Company W6112B0100 Datasheet HTML 4Page - Pulse A Technitrol Company W6112B0100 Datasheet HTML 5Page - Pulse A Technitrol Company W6112B0100 Datasheet HTML 6Page - Pulse A Technitrol Company W6112B0100 Datasheet HTML 7Page - Pulse A Technitrol Company W6112B0100 Datasheet HTML 8Page - Pulse A Technitrol Company W6112B0100 Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Issue: 1616
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: 2x2 MIMO LTE FPC ANTENNA
PART NUMBER: W6112B0100
Series: Gemini
ELECTRICAL SPECIFICATIONS
3
Peak Gain (698-960MHz)
4.3dBi
Peak Gain (1427.9-1510.9MHz)
3.4dBi
Peak Gain (1559-1610MHz)
2.4dBi
Peak Gain (1695-2200MHz)
4.1dBi
Peak Gain (2300-2700MHz)
4.6dBi
Peak Gain (3400-3600MHz)
4.0dBi
Radiation Pattern
Omni
Polarization
Linear
Power withstanding
3W
Connector type
IPEX 20278-112R-13
Cable type
Low loss
Φ1.13mm Coaxial Cable
Cable length
100mm
(*) All RF parameters measured on 2mm thick PC plate


Similar Part No. - W6112B0100

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W6112B0100 PULSE-W6112B0100 Datasheet
760Kb / 4P
   : Flexible PCB Antennas ISM, WiFi ,2G/3G/4G, LTE, GNSS
More results

Similar Description - W6112B0100

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W6113B0100 PULSE-W6113B0100 Datasheet
2Mb / 21P
   2x2 MIMO LTE GNSS FPC ANTENNA
W6114XXXX PULSE-W6114XXXX Datasheet
3Mb / 9P
   Internal Antenna 5G/4G 2x2 MIMO FPC Antenna
logo
Taoglas antenna solutio...
LMA100.A.BI.001 TAOGLAS-LMA100.A.BI.001_18 Datasheet
2Mb / 22P
   Gemini LTE 4G MIMO 2X2 Antenna for Routers and Access Points
logo
Maxtena Inc.
NETZ4IN1 MAXTENA-NETZ4IN1 Datasheet
1,006Kb / 4P
   CELLULAR/LTE/MIMO/WIFI ANTENNA
REV A
logo
Pulse A Technitrol Comp...
L120 PULSE-L120 Datasheet
404Kb / 2P
   Omnidirectional Wireless LTE/MIMO Antenna
WA700 PULSE-WA700 Datasheet
404Kb / 2P
   Omnidirectional Wireless LTE/MIMO Antenna
logo
AVX Corporation
1004239-001 AVX-1004239-001 Datasheet
1Mb / 6P
   Broadband External LTE MIMO Antenna
9/27/2021
logo
List of Unclassifed Man...
WB01 ETC2-WB01 Datasheet
1Mb / 18P
   8dBi Wideband LTE MIMO Panel Antenna
logo
AVX Corporation
9003034F0 AVX-9003034F0 Datasheet
1Mb / 6P
   LTE 5G FPC Antenna
6/29/2022
logo
Suzhou Maswell Communic...
AN_GPS_LTE_MIMO_046 MASWELL-AN_GPS_LTE_MIMO_046 Datasheet
883Kb / 5P
   Maswell GPSLTE MIMO Combination Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com