Electronic Components Datasheet Search |
|
AF164JR-079R76 Datasheet(PDF) 3 Page - YAGEO Corporation |
|
AF164JR-079R76 Datasheet(HTML) 3 Page - YAGEO Corporation |
3 / 8 page SERIES AF 122/124/162/164 (RoHS Compliant) Chip Resistor Surface Mount Product specification 3 8 www.yageo.com Jun. 28, 2016 V.4 MARKING AF122 / 162 No marking AF124 / 164 I-Digit marking 1% E-24/E-96: R≧ 100Ω 4digits First three digits for significant figure and 4th digit for number of zeros 5% E-24: R≧ 10Ω First two digits for significant figure and 3rd digit for number of zeros For further marking information, please refer to data sheet “Chip resistors marking”. CONSTRUCTION The resistor is constructed on top of a high-grade ceramic body. Internal metal electrodes are added on each end to make the contacts to the thick film resistive element. The composition of the resistive element is a noble metal embedded into a glass and covered by a glass. The resistor is laser trimmed to the rated resistance value. The resistor is covered with a protective epoxy coat, finally the external terminations (matte tin on Ni- barrier) are added as shown in Fig.4. Fig. 1 O OU UT TL LIIN NE ES S Fig. 4 Chip resistor outlines DIMENSIONS TYPE AF122 AF124 AF162 AF164 B (mm) 0.24± 0.10 0.25± 0.15 0.35±0.10 0.35± 0.15 H (mm) 0.30+0.10/-0.05 0.45± 0.05 0.30±0.10 0.65± 0.05 H1 (mm) --- 0.30± 0.05 -- 0.50± 0.15 P (mm) 0.67± 0.05 0.50± 0.05 0.80±0.05 0.80± 0.05 L (mm) 1.00± 0.10 2.00± 0.10 1.60±0.10 3.20± 0.15 T (mm) 0.30± 0.10 0.45± 0.10 0.40±0.10 0.60± 0.10 W1 (mm) 0.25± 0.10 0.30± 0.15 0.30±0.10 0.30± 0.15 W2 (mm) 1.00± 0.10 1.00± 0.10 1.60±0.10 1.60± 0.15 Table 1 0 Fig. 2 Value = 0Ω Fig. 3 Value = 240KΩ 3 60 Fig. 3 Value = 316KΩ AF122 / 162 AF124 / 164 For dimension, please refer to Table 1 Fig. 5 AF122/124/162/164 series chip resistors dimension |
Similar Part No. - AF164JR-079R76 |
|
Similar Description - AF164JR-079R76 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |