Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD040212A015FR Datasheet(PDF) 1 Page - StarHope

Part # PESD040212A015FR
Description  Surface Mount Devices
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

PESD040212A015FR Datasheet(HTML) 1 Page - StarHope

  PESD040212A015FR Datasheet HTML 1Page - StarHope PESD040212A015FR Datasheet HTML 2Page - StarHope PESD040212A015FR Datasheet HTML 3Page - StarHope PESD040212A015FR Datasheet HTML 4Page - StarHope PESD040212A015FR Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPSEMI
REV 2016 08 16
..
.
www.spsemi.cn
Page 1 of 5
Features
Surface Mount Devices
Lead free deivce
Size 1005mm/0402mils,1608mm/0603mils
Surface Mount packaging for automated assembly
Very low capacitance 0.15pF
ESD/PESD Series
IEC Compatibility
IEC61000-4-2(ESD):Contact:±8kv,Air:±15kv
Applications
Antenna port
USB port
High speed data transmission line
A
B
C
D1
D2
C
B
Dimensions(0402/0603)
DIM
A
B
C
D1/D2
A
B
C
D1/D2
Millimeters
Min
0.85
0.40
0.40
0.10
1.45
0.65
0.70
0.10
Max
1.15
0.60
0.60
0.30
1.75
0.95
0.90
0.50
Min
0.033
0.016
0.016
0.004
0.057
0.026
0.028
0.004
Max
0.045
0.024
0.024
0.012
0.069
0.037
0.035
0.020
Inches
CODE
0402
0603
Product Name
PESD040205A015FR
B:Buik pack
R:Tape& Reel pake
S:Solderable(Ag/Pd/Pt)
F:Electroplate(Pb-free)
015:0.15pF
020:0.2pF
030:0.3pF
A:300V
B:500V
C:1000V
05:5V
12:12V
14:14V
18:18V
24:24V
0402:1.0*0.5mm
0603:1.6*0.8mm
PESD:Product Series
Packaging Type
Termination Type
Capacitance
Trigger Voltage
Working Voltage
Size Designator
Series Name


Similar Part No. - PESD040212A015FR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PESD0402-060 MACOM-PESD0402-060 Datasheet
164Kb / 8P
   ESD Protector Overvoltage Protection Device
PESD0402-140 MACOM-PESD0402-140 Datasheet
275Kb / 6P
   ESD Protection Devices
logo
Littelfuse
PESD0402-240 LITTELFUSE-PESD0402-240 Datasheet
811Kb / 9P
   ESD protection for high frequency applications
logo
Shanghai Leiditech Elec...
PESD0402AV05 LEIDITECH-PESD0402AV05 Datasheet
1Mb / 7P
   Surface Mount Polymeric ESD Suppressor
PESD0402AV12 LEIDITECH-PESD0402AV12 Datasheet
596Kb / 6P
   ESD Protection Devices
More results

Similar Description - PESD040212A015FR

ManufacturerPart #DatasheetDescription
logo
StarHope
TSM SPSEMI-TSM Datasheet
826Kb / 2P
   Surface Mount Devices
MSM SPSEMI-MSM Datasheet
505Kb / 3P
   Surface Mount Devices
USM SPSEMI-USM Datasheet
280Kb / 2P
   Surface Mount Devices
ISM SPSEMI-ISM Datasheet
288Kb / 2P
   Surface Mount Devices
SM SPSEMI-SM Datasheet
1Mb / 3P
   Surface Mount Devices
DSM SPSEMI-DSM Datasheet
290Kb / 2P
   Surface Mount Devices
logo
Shanghai Leiditech Elec...
SMD1210P150L LEIDITECH-SMD1210P150L Datasheet
391Kb / 8P
   Surface-mount Devices
logo
StarHope
NSM SPSEMI-NSM Datasheet
702Kb / 3P
   Surface Mount Devices
logo
Shanghai Leiditech Elec...
LM130F LEIDITECH-LM130F Datasheet
486Kb / 2P
   Surface mount devices
logo
Tyco Electronics
NANOSMDC200F-2 MACOM-NANOSMDC200F-2 Datasheet
283Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com